Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCM69R819AZP6 Datasheet(PDF) 1 Page - Motorola, Inc

No. de pieza MCM69R819AZP6
Descripción Electrónicos  4M Late Write LVTTL
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69R819AZP6 Datasheet(HTML) 1 Page - Motorola, Inc

  MCM69R819AZP6 Datasheet HTML 1Page - Motorola, Inc MCM69R819AZP6 Datasheet HTML 2Page - Motorola, Inc MCM69R819AZP6 Datasheet HTML 3Page - Motorola, Inc MCM69R819AZP6 Datasheet HTML 4Page - Motorola, Inc MCM69R819AZP6 Datasheet HTML 5Page - Motorola, Inc MCM69R819AZP6 Datasheet HTML 6Page - Motorola, Inc MCM69R819AZP6 Datasheet HTML 7Page - Motorola, Inc MCM69R819AZP6 Datasheet HTML 8Page - Motorola, Inc MCM69R819AZP6 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MCM69R737A
•MCM69R819A
1
MOTOROLA FAST SRAM
Advance Information
4M Late Write LVTTL
The MCM69R737A/819A is a 4 megabit synchronous late write fast static RAM
designed to provide high performance in secondary cache and ATM switch,
Telecom, and other high speed memory applications. The MCM69R819A
organized as 256K words by 18 bits, and the MCM69R737A organized as 128K
words by 36 bits wide are fabricated in Motorola’s high performance silicon gate
BiCMOS technology.
The differential CK clock inputs control the timing of read/write operations of
the RAM. At the rising edge of the CK clock all addresses, write enables, and
synchronous selects are registered. An internal buffer and special logic enable
the memory to accept write data on the rising edge of the CK clock a cycle after
address and control signals. Read data is driven on the rising edge of the CK
clock also.
The RAM uses LVTTL 3.3 V inputs and outputs.
The synchronous write and byte enables allow writing to individual bytes or the
entire word.
• Byte Write Control
• Single 3.3 V + 10%, – 5% Operation
• LVTTL 3.3 V I/O (VDDQ)
• Register to Register Synchronous Operation
• Asynchronous Output Enable
• Boundary Scan (JTAG) IEEE 1149.1 Compatible
• Differential Clock Inputs
• Optional x 18 or x 36 organization
• MCM69R737A/819A–5 = 5 ns
MCM69R737A/819A–6 = 6 ns
MCM69R737A/819A–7 = 7 ns
MCM69R737A/819A–8 = 8 ns
• Sleep Mode Operation (ZZ Pin)
• 119 Bump, 50 mil (1.27 mm) Pitch, 14 mm x 22 mm Plastic Ball Grid Array
(PBGA) Package
This document contains information on a new product. Specifications and information herein are subject to change without notice.
Order this document
by MCM69R737A/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MCM69R737A
MCM69R819A
ZP PACKAGE
PBGA
CASE 999–01
REV 1
8/13/97
© Motorola, Inc. 1997


Número de pieza similar - MCM69R819AZP6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MCM69R818A MOTOROLA-MCM69R818A Datasheet
57Kb / 7P
   Memory Products
MCM69R818AZP5 MOTOROLA-MCM69R818AZP5 Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69R818AZP5R MOTOROLA-MCM69R818AZP5R Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69R818AZP6 MOTOROLA-MCM69R818AZP6 Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69R818AZP6R MOTOROLA-MCM69R818AZP6R Datasheet
224Kb / 20P
   4M Late Write HSTL
More results

Descripción similar - MCM69R819AZP6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MCM69L737A MOTOROLA-MCM69L737A Datasheet
211Kb / 20P
   4M Late Write LVTTL
MCM69R736C MOTOROLA-MCM69R736C Datasheet
520Kb / 20P
   4M Late Write HSTL
MCM69R736A MOTOROLA-MCM69R736A Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69L736A MOTOROLA-MCM69L736A Datasheet
225Kb / 20P
   4M Late Write HSTL
MCM69R738C MOTOROLA-MCM69R738C Datasheet
511Kb / 20P
   4M Late Write 2.5 V I/O
MCM69L738A MOTOROLA-MCM69L738A Datasheet
212Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R738A MOTOROLA-MCM69R738A Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
logo
GSI Technology
GS8330DW36 GSI-GS8330DW36 Datasheet
583Kb / 30P
   Double Late Write SigmaRAM
logo
Motorola, Inc
MCM63R836A MOTOROLA-MCM63R836A Datasheet
385Kb / 21P
   8M Late Write HSTL
logo
Samsung semiconductor
K7Z167288B SAMSUNG-K7Z167288B Datasheet
240Kb / 20P
   512Kx36 & 256Kx72 DLW(Double Late Write) RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com