Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8137YR Datasheet(PDF) 11 Page - Aavid, Thermal Division of Boyd Corporation

No. de pieza AD8137YR
Descripción Electrónicos  Low Cost, Low Power, Differential ADC Driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AAVID [Aavid, Thermal Division of Boyd Corporation]
Página de inicio  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

AD8137YR Datasheet(HTML) 11 Page - Aavid, Thermal Division of Boyd Corporation

Back Button AD8137YR Datasheet HTML 7Page - Aavid, Thermal Division of Boyd Corporation AD8137YR Datasheet HTML 8Page - Aavid, Thermal Division of Boyd Corporation AD8137YR Datasheet HTML 9Page - Aavid, Thermal Division of Boyd Corporation AD8137YR Datasheet HTML 10Page - Aavid, Thermal Division of Boyd Corporation AD8137YR Datasheet HTML 11Page - Aavid, Thermal Division of Boyd Corporation AD8137YR Datasheet HTML 12Page - Aavid, Thermal Division of Boyd Corporation AD8137YR Datasheet HTML 13Page - Aavid, Thermal Division of Boyd Corporation AD8137YR Datasheet HTML 14Page - Aavid, Thermal Division of Boyd Corporation AD8137YR Datasheet HTML 15Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
AD8137
Rev. E | Page 11 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise noted, differential gain = 1, RG = RF = RL,dm = 1 kΩ, VS = 5 V, TA = 25°C, VOCM = 2.5V. Refer to the basic test circuit in
Figure 60 for the definition of terms.
RG = 1kΩ
VO, dm = 0.1V p-p
FREQUENCY (MHz)
3
2
1
0
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0.1
1
10
100
1000
G = 5
G = 10
G = 1
G = 2
Figure 5. Small Signal Frequency Response for Various Gains
FREQUENCY (MHz)
–12
1
10
100
1000
VS = ±5
VS = +5
VS = +3
3
2
1
0
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
VO, dm = 0.1V p-p
Figure 6. Small Signal Frequency Response for Various Power Supplies
FREQUENCY (MHz)
3
2
1
0
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
1
10
100
1000
VO, dm = 0.1V p-p
T = –40°C
T = +125°C
T = +85°C
T = +25°C
Figure 7. Small Signal Frequency Response at Various Temperatures
FREQUENCY (MHz)
3
2
1
0
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0.1
1
10
100
1000
G = 10
G = 1
G = 2
G = 5
RG = 1kΩ
VO, dm = 2.0V p-p
Figure 8. Large Signal Frequency Response for Various Gains
FREQUENCY (MHz)
4
3
2
1
0
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
1
10
100
1000
VO, dm = 2.0V p-p
VS = ±5
VS = +5
VS = +3
Figure 9. Large Signal Frequency Response for Various Power Supplies
FREQUENCY (MHz)
4
3
2
1
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
10
100
1000
T = +85°C
T = +125°C
T = –40°C
T = +25°C
VO, dm = 2.0V p-p
Figure 10. Large Signal Frequency Response at Various Temperatures


Número de pieza similar - AD8137YR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8137YR AD-AD8137YR Datasheet
815Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. A
AD8137YR AD-AD8137YR Datasheet
841Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. B
AD8137YR AD-AD8137YR Datasheet
629Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
AD8137YR-EBZ AD-AD8137YR-EBZ Datasheet
629Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
AD8137YR-REEL AD-AD8137YR-REEL Datasheet
815Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. A
More results

Descripción similar - AD8137YR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8137 AD-AD8137_15 Datasheet
797Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
Rev. E
AD8137 AD-AD8137_16 Datasheet
629Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
AD8137 AD-AD8137_05 Datasheet
841Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. B
AD8137 AD-AD8137 Datasheet
815Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. A
ADA4932-1 AD-ADA4932-1 Datasheet
551Kb / 28P
   Low Power Differential ADC Driver
REV. 0
ADA4932-1 AD-ADA4932-1_09 Datasheet
477Kb / 28P
   Low Power Differential ADC Driver
REV. A
ADA4932-1 AD-ADA4932-1_16 Datasheet
753Kb / 27P
   Low Power, Differential ADC Driver
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
   Low Distortion Differential ADC Driver
Rev. F
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
   Low Distortion, Differential ADC Driver
AD8138 AD-AD8138 Datasheet
534Kb / 16P
   Low Distortion Differential ADC Driver
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com