Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CSD16409Q3 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. CSD16409Q3
Descripción  N-Channel NexFET™ Power MOSFETs
Descarga  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

CSD16409Q3 Datasheet(HTML) 5 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TC − Case Temperature − °C
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
−75
−25
25
75
125
175
G007
ID = 17A
VGS = 10V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VSD − Source to Drain Voltage − V
G008
100
1
0.01
0.0001
0.001
0.1
10
TC = 25°C
TC = 125°C
VDS − Drain ToSourceVoltage − V
G009
1k
10
0.01
1
100
0.1
0.01
0.1
10
100
1
SinglePulse
R
q
JA =126 C/W(minCu)
o
1ms
10ms
100ms
1s
DC
AreaLimited
byRDS(on)
0.01
0.1
10
100
1
t(AV) − Time in Avalanche − ms
G010
100
10
1
TC = 25°C
TC = 125°C
TC − Case Temperature − °C
0
10
20
30
40
50
60
70
−50
−25
0
25
50
75
100
125
150
175
G011
CSD16409Q3
www.ti.com
SLPS204A – AUGUST 2009 – REVISED MAY 2010
TYPICAL MOSFET CHARACTERISTICS (continued)
(TA = 25°C unless otherwise stated)
Figure 8. Normalized On Resistance vs. Temperature
Figure 9. Typical Diode Forward Voltage
Figure 10. Maximum Safe Operating Area
Figure 11. Single Pulse Unclamped Inductive Switching
Figure 12. Maximum Drain Current vs. Temperature
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): CSD16409Q3


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn