Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DLPC300ZVB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DLPC300ZVB
Descripción Electrónicos  DLP짰 Digital Controller for the DLP3000 DMD
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC300ZVB Datasheet(HTML) 1 Page - Texas Instruments

  DLPC300ZVB Datasheet HTML 1Page - Texas Instruments DLPC300ZVB Datasheet HTML 2Page - Texas Instruments DLPC300ZVB Datasheet HTML 3Page - Texas Instruments DLPC300ZVB Datasheet HTML 4Page - Texas Instruments DLPC300ZVB Datasheet HTML 5Page - Texas Instruments DLPC300ZVB Datasheet HTML 6Page - Texas Instruments DLPC300ZVB Datasheet HTML 7Page - Texas Instruments DLPC300ZVB Datasheet HTML 8Page - Texas Instruments DLPC300ZVB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
DLPC300
www.ti.com
DLPS023A – JANUARY 2012 – REVISED JULY 2012
DLP® Digital Controller for the DLP3000 DMD
Check for Samples: DLPC300
1
FEATURES
23
Supports Reliable Operation of the DLP3000
Integrated DMD Reset Driver Control
DMD
DMD Horizontal and Vertical Display Image
Multi-Mode, 24-Bit Input Port:
Flip
Supports Parallel RGB With Pixel Clock Up
Low Power Consumption: Only 93 mW
to 33.5 MHz and 3 Input Color Bit-Depth
(Typical)
Options:
External Memory Support:
24-Bit RGB888 or 4:4:4 YCrCb888
166-MHz Mobile DDR SDRAM
18-Bit RGB666 or 4:4:4 YCrCb666
33.3-MHz Serial FLASH
16-Bit RGB565 or 4:2:2 YCrCb565
176-Pin, 7 × 7 mm with 0.4-mm Pitch VFBGA
Supports 8-Bit BT.656 Bus Mode With Pixel
Package
Clock Up to 33.5 MHz
APPLICATIONS
Supports Input Resolutions 608x684, 864x480,
854x480 (WVGA), 640x480 (VGA), 320x240
Machine Vision
(QVGA)
Industrial Inline Inspection
Pattern Input Mode
3D Scanning
One-to-One Mapping of Input Data to
3D Optical Metrology
Micromirrors
Automated Fingerprint Identification
1-Bit Binary Pattern Rates up to 4000-Hz
Face Recognition
8-Bit Grayscale Pattern Rates up to 120-Hz
Augmented Reality
Video Input Mode with Pixel Data Processing
Embedded Display
Supports 1Hz to 60Hz Frame Rates
Interactive Display
Programmable Degamma
Information Overlay
Spatial-Temporal Multiplexing (Dithering)
Spectroscopy
Automatic Gain Control
Chemical Analyzers
Color Space Conversion
Medical Instruments
Output Trigger Signal for Synchronizing with
Photo-Stimulation
Camera, Sensor, or Other Peripherals
Virtual Gauges
System Control:
I2C Control of Device Configuration
Programmable Current Control of up to 3
LEDs
DESCRIPTION
The DLPC300 digital controller, part of the DLP 0.3 WVGA chipset, supports reliable operation of the DLP3000
DMD. The DLPC300 controller also provides a convenient, multi-functional interface between user electronics
and the DMD, enabling high-speed pattern rates (up to 4 kHz binary), providing LED control and data formatting
for multiple input resolutions. The DLPC300 also outputs a trigger signal for synchronizing displayed patterns
with a camera, sensor, or other peripherals.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DLP is a registered trademark of Texas Instruments.
3
DLP is a registered trademark of Texas Insturments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - DLPC300ZVB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DLPC300ZVB TI1-DLPC300ZVB Datasheet
1Mb / 51P
[Old version datasheet]   DLP Digital Controller
More results

Descripción similar - DLPC300ZVB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DLPC100 TI1-DLPC100 Datasheet
495Kb / 25P
[Old version datasheet]   DLP짰 Digital Controller for the DLP1700 DMD
DLPC200 TI-DLPC200 Datasheet
968Kb / 41P
[Old version datasheet]   DLP짰 Digital Controller for the DLP5500 DMD
DLPC200 TI-DLPC200_1 Datasheet
968Kb / 41P
[Old version datasheet]   DLP짰 Digital Controller for the DLP5500 DMD
DLPC350ZFF TI1-DLPC350ZFF Datasheet
1Mb / 50P
[Old version datasheet]   DLP Digital Controller for the DLP4500 DMD
DLPC350 TI-DLPC350 Datasheet
1Mb / 50P
[Old version datasheet]   DLP Digital Controller for the DLP4500 DMD
DLPC200 TI1-DLPC200_17 Datasheet
1Mb / 52P
[Old version datasheet]   DLP Digital Controller for the DLP5500 DMD
DLPA200 TI-DLPA200 Datasheet
272Kb / 20P
[Old version datasheet]   DLP짰 DLPA200 DMD Micromirror Driver
DLPA200 TI-DLPA200_1 Datasheet
272Kb / 20P
[Old version datasheet]   DLP짰 DLPA200 DMD Micromirror Driver
DLPA200_15 TI-DLPA200_15_15 Datasheet
431Kb / 29P
[Old version datasheet]   DLPA200 DLP짰 DMD Micromirror Driver9
DLP5500 TI-DLP5500 Datasheet
2Mb / 27P
[Old version datasheet]   DLP짰 0.55 XGA Series 450 DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com