Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DRV8601 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DRV8601
Descripción Electrónicos  Haptic Driver for DC Motors (ERMs) and Linear Vibrators (LRAs) with Ultra-Fast Turn-On
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8601 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV8601 Datasheet HTML 2Page - Texas Instruments DRV8601 Datasheet HTML 3Page - Texas Instruments DRV8601 Datasheet HTML 4Page - Texas Instruments DRV8601 Datasheet HTML 5Page - Texas Instruments DRV8601 Datasheet HTML 6Page - Texas Instruments DRV8601 Datasheet HTML 7Page - Texas Instruments DRV8601 Datasheet HTML 8Page - Texas Instruments DRV8601 Datasheet HTML 9Page - Texas Instruments DRV8601 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
VDD − Supply Voltage − V
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
50m
100m
150m
200m
250m
300m
RL = 20Ω
RL = 10Ω
Saturated VOUT+ − VOUT−
VDD − Supply Voltage − V
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0.0
0.5
1.0
1.5
2.0
RL = 20 Ω
Differential Measurement
t − Time − s
0
1u
2u
3u
4u
5u
6u
7u
8u
9u
10u
0.0
1.0
2.0
3.0
4.0
OUT+
OUT−
RL = 20 Ω
VDD = 3.3 V
t − Time − s
0
1u
2u
3u
4u
5u
6u
7u
8u
9u
10u
0.0
1.0
2.0
3.0
4.0
5.0
6.0
OUT+
OUT−
RL = 20 Ω
VDD = 5.0 V
t − Time − s
0
100u
200u
300u
400u
500u
0.0
1.0
2.0
3.0
4.0
EN
OUT−
RL = 20 Ω
VDD = 3.3 V
CR = 0.001 µF
t − Time − s
0
100u
200u
300u
400u
500u
0.0
1.0
2.0
3.0
4.0
EN
OUT−
RL = 20 Ω
VDD = 3.3 V
CR = 0.001 µF
DRV8601
SLOS629B
– JULY 2010 – REVISED JANUARY 2012
www.ti.com
POWER DISSIPATION vs
SLEW RATE vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 7.
Figure 8.
OUTPUT TRANSITION vs
OUTPUT TRANSITION vs
TIME
TIME
Figure 9.
Figure 10.
STARTUP vs
SHUTDOWN vs
TIME
TIME
Figure 11.
Figure 12.
6
Submit Documentation Feedback
Copyright
© 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): DRV8601


Número de pieza similar - DRV8601

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DRV8601 TI1-DRV8601 Datasheet
1Mb / 21P
[Old version datasheet]   Haptic Driver for DC Motors (ERMs) and Linear Vibrators (LRAs) with Ultra-Fast Turn-On
DRV8601 TI-DRV8601 Datasheet
1Mb / 30P
[Old version datasheet]   DRV8601 Haptic Driver for DC Motors (ERMs) and Linear Vibrators (LRAs) With Ultra-Fast Turnon
DRV8601DRBR TI-DRV8601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   DRV8601 Haptic Driver for DC Motors (ERMs) and Linear Vibrators (LRAs) With Ultra-Fast Turnon
DRV8601DRBT TI-DRV8601DRBT Datasheet
1Mb / 30P
[Old version datasheet]   DRV8601 Haptic Driver for DC Motors (ERMs) and Linear Vibrators (LRAs) With Ultra-Fast Turnon
DRV8601NMBR TI-DRV8601NMBR Datasheet
1Mb / 30P
[Old version datasheet]   DRV8601 Haptic Driver for DC Motors (ERMs) and Linear Vibrators (LRAs) With Ultra-Fast Turnon
More results

Descripción similar - DRV8601

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DRV8601 TI1-DRV8601_14 Datasheet
1Mb / 21P
[Old version datasheet]   Haptic Driver for DC Motors (ERMs) and Linear Vibrators (LRAs) with Ultra-Fast Turn-On
DRV8601 TI-DRV8601_V01 Datasheet
1Mb / 30P
[Old version datasheet]   DRV8601 Haptic Driver for DC Motors (ERMs) and Linear Vibrators (LRAs) With Ultra-Fast Turnon
logo
Fairchild Semiconductor
FAH4830 FAIRCHILD-FAH4830 Datasheet
604Kb / 15P
   Haptic Driver for DC Motors (ERMs) and Linear Resonant Actuators (LRAs)
logo
List of Unclassifed Man...
FAH4840-269128 ETC2-FAH4840-269128 Datasheet
1Mb / 21P
   FAH4840 Haptic Driver for Linear Resonant Actuators (LRAs)
logo
Fairchild Semiconductor
FAH4820 FAIRCHILD-FAH4820 Datasheet
1Mb / 14P
   Direct Driver for DC Motors (ERMs)
logo
ON Semiconductor
CAT3211 ONSEMI-CAT3211 Datasheet
373Kb / 14P
   Programmable Haptic Driver for Rotary DC Motors
April, 2013 ??Rev. 0
logo
Diodes Incorporated
PAM8016 DIODES-PAM8016 Datasheet
500Kb / 10P
   HAPTIC DRIVER FOR ERM AND LRA
logo
Texas Instruments
DRV2605L-Q1 TI1-DRV2605L-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive Haptic Driver for LRA and ERM
logo
STMicroelectronics
L292 STMICROELECTRONICS-L292 Datasheet
161Kb / 12P
   SWITCH-MODE DRIVER FOR DC MOTORS
L292 STMICROELECTRONICS-L292_03 Datasheet
191Kb / 13P
   SWITCH-MODE DRIVER FOR DC MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com