Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
02011K8R2FBTTR Datasheet(PDF) 11 Page - AVX Corporation |
|
02011K8R2FBTTR Datasheet(HTML) 11 Page - AVX Corporation |
11 / 20 page 15 1 Accu-F® / Accu-P® 0805 Typical Electrical Tables Capacitance Self Ref Effective Max Ref Effective Max Ref Effective Max Ref Effective Max & Tolerance* Resonance Freq. Capacitance ESR Freq. Capacitance ESR Freq. Capacitance ESR Freq. Capacitance ESR @ 1 MHz Frequency MHz Max/Min ( Ω) MHz Max/Min ( Ω) MHz Max/Min ( Ω) MHz Max/Min ( Ω) (pF) (GHz) (pF) (pF) (pF) (pF) 0.1±0.05 N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A 0.2±0.05 N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A 0.3±0.05 N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A 0.4±0.05 N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A 0.5±0.05 N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A 0.6±0.10 N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A 0.7±0.10 N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A 0.8±0.10 N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A 0.9±0.10 N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A 1.0±0.10 5.6 250 1.20/0.90 .320 500 1.20/0.90 .300 750 1.20/0.90 .270 999 1.20/0.90 .300 1.1±0.10 5.4 248 1.30/1.00 .290 496 1.30/1.00 .270 754 1.30/1.00 .250 993 1.30/1.00 .290 1.2±0.10 5.1 245 1.40/1.10 .270 492 1.40/1.10 .250 739 1.40/1.10 .240 987 1.40/1.10 .280 1.3±0.10 4.9 243 1.50/1.20 .260 488 1.50/1.20 .230 734 1.50/1.10 .230 980 1.50/1.20 .270 1.4±0.10 4.8 242 1.60/1.30 .240 487 1.60/1.20 .220 733 1.60/1.20 .220 979 1.60/1.30 .260 1.5±0.10 4.6 242 1.70/1.40 .230 486 1.70/1.40 .210 731 1.70/1.40 .220 977 1.70/1.40 .260 1.6±0.10 4.5 241 1.80/1.50 .220 484 1.85/1.50 .210 729 2.00/1.50 .220 975 2.00/1.50 .250 1.7±0.10 4.3 240 1.90/1.60 .210 483 1.95/1.60 .200 728 2.05/1.60 .210 974 2.20/1.60 .240 1.8±0.10 4.2 239 2.00/1.70 .200 482 2.05/1.70 .190 726 2.10/1.70 .210 972 2.30/1.70 .230 1.9±0.10 4.1 239 2.10/1.80 .200 481 2.15/1.80 .190 724 2.25/1.80 .200 970 2.40/1.80 .230 2.0±0.10 4.0 238 2.20/1.90 .190 479 2.30/1.90 .180 722 2.40/1.90 .200 967 2.60/1.95 .220 2.1±0.10 3.9 237 2.30/2.00 .190 477 2.40/2.00 .170 720 2.60/2.00 .190 964 2.80/2.06 .210 2.2±0.10 3.8 236 2.40/2.10 .180 475 2.60/2.10 .170 716 2.80/2.14 .190 962 3.06/2.17 .210 2.4±0.25 3.6 235 2.85/2.15 .170 473 3.13/2.29 .170 714 3.17/2.30 .190 960 3.31/2.31 .210 2.7±0.25 3.4 233 3.19/2.45 .160 470 3.47/2.55 .150 711 3.52/2.60 .170 957 3.67/2.60 .200 3.0±0.25 3.3 231 3.51/2.75 .150 465 3.76/2.86 .140 707 3.84/2.93 .160 952 4.00/3.00 .190 3.3±0.25 3.1 229 3.83/3.05 .140 463 4.04/3.10 .140 704 4.15/3.19 .160 948 4.38/3.30 .190 3.6±0.25 3.0 228 4.16/3.35 .140 462 4.35/3.42 .130 704 4.50/3.53 .150 947 4.80/3.60 .190 3.9±0.25 2.9 227 4.48/3.65 .130 459 4.67/3.72 .120 701 4.85/3.86 .150 944 5.23/3.90 .180 4.3±0.25 2.7 223 4.91/4.05 .130 456 5.11/4.13 .120 697 5.32/4.25 .150 940 5.79/4.50 .180 4.7±0.25 2.6 220 5.35/4.45 .120 451 5.52/4.53 .110 691 5.79/4.60 .140 936 6.36/4.80 .170 5.1±0.25 2.5 218 5.78/4.85 .120 447 5.94/4.94 .110 688 6.25/5.20 .140 934 7.16/5.74 .160 5.6±0.25 2.4 215 6.00/5.35 .100 444 6.82/5.40 .100 684 7.27/5.60 .120 930 8.25/5.90 .150 6.2±0.25 2.3 212 7.00/5.95 .100 442 7.52/6.00 .100 683 8.08/6.10 .120 927 9.35/6.80 .150 6.8±0.25 2.2 208 7.20/6.55 .100 435 8.21/6.88 .100 677 8.90/6.96 .120 925 10.46/7.32 .150 7.5±0.05 2.1 206 8.64/7.00 .100 434 9.02/7.10 .100 675 9.85/7.50 .120 924 11.75/8.42 .150 8.2±0.05 2.0 203 9.40/7.70 .090 432 9.83/7.90 .080 673 10.80/8.25 .110 922 13.04/9.53 .150 9.1±0.05 1.9 199 10.37/8.60 .080 429 10.88/8.76 .080 670 12.02/9.10 .110 920 14.70/10.70 .150 10±5% 1.8 196 11.00/9.50 .080 423 11.92/9.76 .080 668 13.24/10.00 .110 918 15.37/11.80 .140 11±5% 1.8 193 12.50/10.45 .080 420 13.23/10.50 .080 665 15.07/11.00 .110 916 16.00/12.20 .140 12±5% 1.6 190 13.61/11.40 .070 418 14.50/11.90 .080 663 16.90/12.82 .110 915 N/A .140 13±5% 1.6 187 14.75/12.35 .070 416 15.80/13.00 .080 662 18.87/14.00 .110 914 N/A .140 14±5% 1.5 184 15.88/13.30 .070 414 17.22/14.00 .080 661 20.84/16.00 .110 913 N/A .140 15±5% 1.5 182 17.02/14.25 .070 414 18.56/15.19 .080 660 22.62/19.13 .110 912 N/A .130 16±5% 1.4 179 18.16/15.20 .070 411 19.90/16.28 .080 659 27.00/20.89 .100 911 N/A .130 18±5% 1.3 176 20.42/17.10 .070 408 22.69/18.57 .070 657 33.00/22.10 .100 910 N/A .130 20±5% 1.3 173 22.70/19.00 .060 406 25.38/20.78 .070 656 38.00/23.15 .100 908 N/A .130 22±5% 1.2 171 24.95/20.90 .060 405 28.08/21.00 .070 655 42.00/24.00 .100 907 N/A .130 24±5% 1.2 168 27.20/22.80 .060 403 31.31/25.61 .070 654 N/A .090 907 N/A .130 27±5% 1.1 165 30.78/25.69 .060 401 36.10/32.20 .070 652 N/A .090 906 N/A .130 30±5% 1.0 163 34.23/28.50 .050 400 40.58/33.20 .070 651 N/A .090 905 N/A .130 33±5% 1.0 159 37.85/31.35 .050 399 46.65/35.00 .070 650 N/A .090 904 N/A .120 36±5% 0.9 157 41.19/34.20 .050 397 52.22/38.00 .070 649 N/A .090 903 N/A .120 39±5% 0.9 155 44.79/37.05 .050 396 59.08/47.08 .070 648 N/A .090 902 N/A .120 43±5% 0.9 153 49.99/40.85 .050 395 70.50/53.04 .060 647 N/A .090 901 N/A .120 47±5% 0.8 152 55.19/44.65 .050 394 81.99/59.00 .060 646 N/A .090 900 N/A .110 * Other tolerances are available, see page 8 |
Número de pieza similar - 02011K8R2FBTTR |
|
Descripción similar - 02011K8R2FBTTR |