Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL74LV245 Datasheet(PDF) 4 Page - System Logic Semiconductor

No. de pieza SL74LV245
Descripción Electrónicos  OCTAL BUS TRANSCEIVER (3-State)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SLS [System Logic Semiconductor]
Página de inicio  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74LV245 Datasheet(HTML) 4 Page - System Logic Semiconductor

  SL74LV245 Datasheet HTML 1Page - System Logic Semiconductor SL74LV245 Datasheet HTML 2Page - System Logic Semiconductor SL74LV245 Datasheet HTML 3Page - System Logic Semiconductor SL74LV245 Datasheet HTML 4Page - System Logic Semiconductor SL74LV245 Datasheet HTML 5Page - System Logic Semiconductor SL74LV245 Datasheet HTML 6Page - System Logic Semiconductor SL74LV245 Datasheet HTML 7Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SL74LV245
System Logic
Semiconductor
SLS
AC CHARACTERISTICS(C
L=50 pF, tLH = tHL = 6.0 ns)
Test
VCC,
Limits
Symbol
Parameter
conditions
V
25
°C
-40
°C to
85
°C
125
°C
Unit
min max min
max
min
max
tPHL, tPLH
from An to
Bn,
from Bn to An
Propagation
delay
Figure 1
1.2
2.0
3.0
-
-
-
100
23
14
-
-
-
125
28
18
-
-
-
140
34
21
ns
tPHZ tPLZ
from OE, DIR
to An, Bn
3-state output
enable time
Figure 2
1.2
2.0
3.0
-
-
-
120
30
20
-
-
-
140
37
24
-
-
-
160
43
28
ns
tPZH tPZL
from OE to
An, Bn
3-state output
disable time
Figure 2
1.2
2.0
3.0
-
-
-
120
28
17
-
-
-
140
35
21
-
-
-
160
43
26
tTHL, tTLH
HIGH-to-LOW
and LOW-to
HIGH transition
time
Figure 1
1.2
2.0
3.0
-
-
-
60
15
10
-
-
-
75
20
13
-
-
-
90
24
15
CI
Input
capacitance
For inputs
01,19
3.0
-
7
-
-
-
-
pF
CI/Î
Input
capacitance
For inputs/
outputs
02-09,
11-18
3.0
-
20
-
-
-
-
CPD
Power
dissipation
capacitance (per
one channel)
VI = 0 V or
VCC
3.0
-
50
-
-
-
-


Número de pieza similar - SL74LV245

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
System Logic Semiconduc...
SL74LV244DW SLS-SL74LV244DW Datasheet
37Kb / 4P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
SL74LV244N SLS-SL74LV244N Datasheet
37Kb / 4P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
More results

Descripción similar - SL74LV245

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
   Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
   Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
   Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74ALVC245 NEXPERIA-74ALVC245 Datasheet
252Kb / 14P
   Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com