Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IZ74LV32 Datasheet(PDF) 4 Page - System Logic Semiconductor

No. de pieza IZ74LV32
Descripción Electrónicos  Quad 2-Input OR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SLS [System Logic Semiconductor]
Página de inicio  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

IZ74LV32 Datasheet(HTML) 4 Page - System Logic Semiconductor

  IZ74LV32 Datasheet HTML 1Page - System Logic Semiconductor IZ74LV32 Datasheet HTML 2Page - System Logic Semiconductor IZ74LV32 Datasheet HTML 3Page - System Logic Semiconductor IZ74LV32 Datasheet HTML 4Page - System Logic Semiconductor IZ74LV32 Datasheet HTML 5Page - System Logic Semiconductor IZ74LV32 Datasheet HTML 6Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SL74LV32
4
System Logic
Semiconductor
SLS
AC ELECTRICAL CHARACTERISTICS (C
L=50 pF, tLH = tHL = 6.0 ns , VIL = 0V, VIH=VCC, RL=1k
)
VCC
Guaranteed Limit
V
25
°C
-40
°C ÷ 85°C
-40
°C ÷ 125°C
Symbol
Parameter
min
max
min
max
min
max
Unit
tTHL, (tTLH)
Output Transition
Time, Any Output
(Figure 1)
1.2
2.0
*
-
-
60
16
10
-
-
-
75
20
13
-
-
-
90
24
15
ns
tPHL, (tPLH)
Propagation Delay,
Input A to Output Y
(Figure 1)
1.2
2.0
*
-
-
-
125
20
12
-
-
-
360
25
15
-
-
-
360
30
18
CI
Input Capacitance
3.0
-
7.0
-
-
-
-
pF
ÒÀ=25
°Ñ, V
I=0V÷VCC
pF
CPD
Power Dissipation Capacitance (Per Gate)
44
* - VCC= (3.3±0.3) V
PD = CPDVCC
2f
I+
(CLVCC
2fo), f
I-input frequency, fo - output frequency (MHz)
(CLVCC
2fo) – sum of the outputs
Figure 1. Switching Waveforms
0.1
0.1
0.1
0.1
0.9
0.9
0.9
0.9
V
1
tPLH
t
HL
TTHL
tPH L
t
L H
tTLH
V
1
V = 0.5 V
1
CC
Input À, B
Output Y
GND
V
OH
V
OL
V
C C
V
1
V
1
PULSE
GENERATOR
DEVICE
UNDER
TEST
V
C C
V
I
V
O
C
L
R
L
R
T
Termination resistance RT -
should be equal to ZOUT pulse
generators


Número de pieza similar - IZ74LV32

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integral Corp.
IZ74LV32 INTEGRAL-IZ74LV32 Datasheet
59Kb / 6P
   Quad 2-Input OR Gate
More results

Descripción similar - IZ74LV32

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
   QUAD 2 INPUT OR GATE
logo
Intersil Corporation
CD54AC32 INTERSIL-CD54AC32 Datasheet
14Kb / 1P
   Quad 2-Input OR Gate
June 1997
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
   Quad 2-Input OR Gate
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
   QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
   Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
   Quad 2-Input OR gate
1991 Feb 08
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
   QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
logo
Integral Corp.
IN74VHCT32 INTEGRAL-IN74VHCT32 Datasheet
253Kb / 6P
   Quad 2-Input OR Gate
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
   QUAD 2-INPUT OR GATE
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
   QUAD 2-INPUT OR GATE
February 1999
logo
System Logic Semiconduc...
SL74HC32 SLS-SL74HC32 Datasheet
35Kb / 4P
   Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com