Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LF411 Datasheet(PDF) 2 Page - Texas Instruments |
|
LF411 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 15 page LF411 Low Offset, Low Drift JFET Input Operational Amplifier General Description These devices are low cost, high speed, JFET input opera- tional amplifiers with very low input offset voltage and guar- anteed input offset voltage drift. They require low supply current yet maintain a large gain bandwidth product and fast slew rate. In addition, well matched high voltage JFET input devices provide very low input bias and offset currents. The LF411 is pin compatible with the standard LM741 allowing designers to immediately upgrade the overall performance of existing designs. These amplifiers may be used in applications such as high speed integrators, fast D/A converters, sample and hold circuits and many other circuits requiring low input offset voltage and drift, low input bias current, high input imped- ance, high slew rate and wide bandwidth. Features n Internally trimmed offset voltage: 0.5 mV(max) n Input offset voltage drift: 10 µV/˚C(max) n Low input bias current: 50 pA n Low input noise current: 0.01 pA/ √Hz n Wide gain bandwidth: 3 MHz(min) n High slew rate: 10V/µs(min) n Low supply current: 1.8 mA n High input impedance: 10 12 Ω n Low total harmonic distortion: ≤0.02% n Low 1/f noise corner: 50 Hz n Fast settling time to 0.01%: 2 µs Typical Connection 00565501 Ordering Information LF411XYZ X indicates electrical grade Y indicates temperature range “M” for military “C” for commercial Z indicates package type “H” or “N” Connection Diagrams Metal Can Package 00565505 Note: Pin 4 connected to case. Top View Order Number LF411ACH or LF411MH/883 (Note 11) See NS Package Number H08A Dual-In-Line Package 00565507 Top View Order Number LF411ACN, LF411CN See NS Package Number N08E BI-FET II™ is a trademark of National Semiconductor Corporation. August 2000 © 2004 National Semiconductor Corporation DS005655 www.national.com |
Número de pieza similar - LF411_11 |
|
Descripción similar - LF411_11 |