Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMV824QDRQ1 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza LMV824QDRQ1
Descripción Electrónicos  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMV824QDRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMV824QDRQ1 Datasheet HTML 2Page - Texas Instruments LMV824QDRQ1 Datasheet HTML 3Page - Texas Instruments LMV824QDRQ1 Datasheet HTML 4Page - Texas Instruments LMV824QDRQ1 Datasheet HTML 5Page - Texas Instruments LMV824QDRQ1 Datasheet HTML 6Page - Texas Instruments LMV824QDRQ1 Datasheet HTML 7Page - Texas Instruments LMV824QDRQ1 Datasheet HTML 8Page - Texas Instruments LMV824QDRQ1 Datasheet HTML 9Page - Texas Instruments LMV824QDRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LMV821-Q1
LMV822-Q1
LMV824-Q1
SLOS461F – MARCH 2005 – REVISED JULY 2010
www.ti.com
5-V ELECTRICAL CHARACTERISTICS
VCC+ = 5 V, VCC– = 0 V, VIC = 2 V, VO = 2.5 V, and RL > 1 MΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
25°C
1
6
VIO
Input offset voltage
mV
–40°C to 125°C
6
Average temperature coefficient
aVIO
25°C
1
µV/°C
of input offset voltage
25°C
40
100
IIB
Input bias current
nA
–40°C to 125°C
150
25°C
0.5
30
IIO
Input offset current
nA
–40°C to 125°C
50
25°C
72
90
CMRR Common-mode rejection ratio
VIC = 0 to 4 V
dB
–40°C to 125°C
70
25°C
75
85
Positive supply-voltage
VCC+ = 1.7 V to 4 V, VCC− = –1 V,
+kSVR
dB
rejection ratio
VO = 0, VIC = 0
–40°C to 125°C
70
25°C
73
85
Negative supply-voltage
VCC+ = 1.7 V, VCC− = –1 V to –3.3 V,
–kSVR
dB
rejection ratio
VO = 0, VIC = 0
–40°C to 125°C
70
Common-mode input
–0.2
–0.3
VICR
CMRR
≥ 50 dB
25°C
V
voltage range
to 4.2
to 4.3
25°C
95
105
RL = 600 Ω to 2.5 V,
Sourcing
VO = 2.5 V to 4.5 V
–40°C to 125°C
90
25°C
95
105
RL = 600 Ω to 2.5 V,
Sinking
VO = 2.5 V to 0.5 V
–40°C to 125°C
90
AV
Large-signal voltage amplification
dB
25°C
95
105
RL = 2 kΩ to 2.5 V,
Sourcing
VO = 2.5 V to 4.5 V
–40°C to 125°C
90
25°C
95
105
RL = 2 kΩ to 2.5 V,
Sinking
VO = 2.5 V to 0.5 V
–40°C to 125°C
90
25°C
4.75
4.84
High level
–40°C to 125°C
4.6
VCC+ = 5 V,
RL = 600 Ω to 2.5 V
25°C
0.17
0.25
Low level
–40°C to 125°C
0.3
VO
Output swing
V
25°C
4.85
4.9
High level
–40°C to 125°C
4.8
VCC+ = 5 V,
RL = 2 kΩ to 2.5 V
25°C
0.1
0.15
Low level
–40°C to 125°C
0.2
25°C
20
45
VO = 0 V
Sourcing
–40°C to 125°C
15
IO
Output current
mA
25°C
20
40
VO = 5 V
Sinking
–40°C to 125°C
15
25°C
0.3
0.4
LMV821
–40°C to 125°C
0.6
25°C
0.5
0.7
ICC
Supply current
LMV822 (both amplifiers)
mA
–40°C to 125°C
0.9
25°C
1
1.3
LMV824 (all four amplifiers)
–40°C to 125°C
1.5
6
Submit Documentation Feedback
Copyright © 2005–2010, Texas Instruments Incorporated
Product Folder Link(s): LMV821-Q1 LMV822-Q1 LMV824-Q1
LMV821-Q1 is Obsolete


Número de pieza similar - LMV824QDRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMV824Q1MA TI1-LMV824Q1MA Datasheet
2Mb / 46P
[Old version datasheet]   Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
LMV824Q1MA/NOPB TI1-LMV824Q1MA/NOPB Datasheet
2Mb / 46P
[Old version datasheet]   Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
LMV824Q1MANOPB TI1-LMV824Q1MANOPB Datasheet
2Mb / 37P
[Old version datasheet]   LMV821-N/LMV822-N/LMV822-N-Q1/LMV824/LMV824-N-Q1 Single/Dual/Quad Low Voltage
LMV824Q1MAX TI1-LMV824Q1MAX Datasheet
2Mb / 46P
[Old version datasheet]   Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
LMV824Q1MAX/NOPB TI1-LMV824Q1MAX/NOPB Datasheet
2Mb / 46P
[Old version datasheet]   Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
More results

Descripción similar - LMV824QDRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358 TI1-LMV358_16 Datasheet
2Mb / 50P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_07 Datasheet
928Kb / 32P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com