Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMV931QDCKRQ1 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza LMV931QDCKRQ1
Descripción Electrónicos  1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMV931QDCKRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  LMV931QDCKRQ1 Datasheet HTML 1Page - Texas Instruments LMV931QDCKRQ1 Datasheet HTML 2Page - Texas Instruments LMV931QDCKRQ1 Datasheet HTML 3Page - Texas Instruments LMV931QDCKRQ1 Datasheet HTML 4Page - Texas Instruments LMV931QDCKRQ1 Datasheet HTML 5Page - Texas Instruments LMV931QDCKRQ1 Datasheet HTML 6Page - Texas Instruments LMV931QDCKRQ1 Datasheet HTML 7Page - Texas Instruments LMV931QDCKRQ1 Datasheet HTML 8Page - Texas Instruments LMV931QDCKRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
2
3
5
4
IN+
VCC−
IN−
VCC+
OUTPUT
LMV932...D (SOIC) PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN−
1IN+
VCC+
2IN+
2IN−
2OUT
4OUT
4IN−
4IN+
VCC−
3IN+
3IN−
3OUT
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
VCC−
VCC+
2OUT
2IN−
2IN+
LMV934...D (SOIC) OR PW (TSSOP)
(TOP VIEW)
PACKAGE
LMV931...DBV (SOT-23-5) OR DCK (SC-70) PACKAGE
(TOP VIEW)
LMV931-Q1
LMV932-Q1
LMV934-Q1
www.ti.com
SLOS462C – MARCH 2005 – REVISED DECEMBER 2010
1.8-V OPERATIONAL AMPLIFIERS
WITH RAIL-TO-RAIL INPUT AND OUTPUT
Check for Samples: LMV931-Q1, LMV932-Q1, LMV934-Q1
1
FEATURES
Qualified for Automotive Applications
1.8-V, 2.7-V, and 5-V Specifications
Rail-to-Rail Output Swing
600-
Ω Load: 80 mV From Rail
2-k
Ω Load: 30 mV From Rail
VICR: 200 mV Beyond Rails
Gain Bandwidth: 1.4 MHz
Supply Current: 100 µA/Amplifier
Max VIO: 4 mV
Space-Saving Packages
LMV931: SOT-23 and SC-70
LMV932: SOIC
LMV934: SOIC
APPLICATIONS
Industrial (Utility/Energy Metering)
Automotive
Communications (Optical Telecom, Data/Voice
Cable Modems)
Consumer Electronics (PDAs, PCs, CD-R/W,
Portable Audio)
Supply-Current Monitoring
Battery Monitoring
DESCRIPTION
The LMV93x devices are low-voltage low-power operational amplifiers that are well suited for today's low-voltage
and/or portable applications. Specified for operation of 1.8 V to 5 V, they can be used in portable applications
that are powered from a single-cell Li-ion or two-cell batteries. They have rail-to-rail input and output capability for
maximum signal swings in low-voltage applications. The LMV93x input common-mode voltage extends 200 mV
beyond the rails for increased flexibility. The output can swing rail-to-rail unloaded and typically can reach 80 mV
from the rails, while driving a 600-
Ω load (at 1.8-V operation).
During 1.8-V operation, the devices typically consume a quiescent current of 103 µA per channel, and yet they
are able to achieve excellent electrical specifications, such as 101-dB open-loop DC gain and 1.4-MHz gain
bandwidth. Furthermore, the amplifiers offer good output drive characteristics, with the ability to drive a 600-
load and 1000-pF capacitance with minimal ringing.
The LMV93x devices are offered in the latest packaging technology to meet the most demanding
space-constraint applications. The LMV931 is offered in standard SOT-23 and SC-70 packages. The LMV932 is
available in the traditional SOIC package. The LMV934 is available in the traditional SOIC package and the
TSSOP package.
The LMV93x devices are characterized for operation from –40°C to 125°C, making the part universally suited for
commercial, industrial, and automotive applications.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - LMV931QDCKRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMV931Q1MF TI1-LMV931Q1MF Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV931Q1MF/NOPB TI-LMV931Q1MF/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV931Q1MF/NOPB TI1-LMV931Q1MF/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV931Q1MF/NOPB TI1-LMV931Q1MF/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV931Q1MFX TI1-LMV931Q1MFX Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
More results

Descripción similar - LMV931QDCKRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMV931IDBVRG4 TI-LMV931IDBVRG4 Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931 TI-LMV931 Datasheet
725Kb / 26P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV981 TI-LMV981 Datasheet
611Kb / 22P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL AND OUTPUT AND SHUTDOWN
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
TS187X STMICROELECTRONICS-TS187X Datasheet
1Mb / 25P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
November 2012 Rev 7
logo
Texas Instruments
LMV981 TI1-LMV981_15 Datasheet
1Mb / 26P
[Old version datasheet]   LMV981 SINGLE, LMV982 DUAL 1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT AND SHUTDOWN
logo
Analog Devices
OP196 AD-OP196_02 Datasheet
287Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP184 AD-OP184_06 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP284 AD-OP284_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP184 AD-OP184_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com