Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCM69R820AZP7 Datasheet(PDF) 11 Page - Motorola, Inc

No. de pieza MCM69R820AZP7
Descripción Electrónicos  4M Late Write 2.5 V I/O
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69R820AZP7 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MCM69R820AZP7 Datasheet HTML 7Page - Motorola, Inc MCM69R820AZP7 Datasheet HTML 8Page - Motorola, Inc MCM69R820AZP7 Datasheet HTML 9Page - Motorola, Inc MCM69R820AZP7 Datasheet HTML 10Page - Motorola, Inc MCM69R820AZP7 Datasheet HTML 11Page - Motorola, Inc MCM69R820AZP7 Datasheet HTML 12Page - Motorola, Inc MCM69R820AZP7 Datasheet HTML 13Page - Motorola, Inc MCM69R820AZP7 Datasheet HTML 14Page - Motorola, Inc MCM69R820AZP7 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MCM69R738A
•MCM69R820A
11
MOTOROLA FAST SRAM
FUNCTIONAL OPERATION
READ AND WRITE OPERATIONS
All control signals except G are registered on the rising
edge of the CK clock. These signals must meet the setup
and hold times shown in the AC Characteristics table. On the
rising edge of the following clock, read data is clocked into
the output register and available at the outputs at tKHQV. Dur-
ing this same cycle a new read address can be applied to the
address pins.
A deselect cycle (dead cycle) must occur prior to a write
cycle. Read cycles may follow write cycles immediately.
G, SS, and SW control output drive. Chip deselect via a
high on SS at the rising edge of the CK clock has its effect on
the output drivers after the next rising edge of the CK clock.
SW low deselects the output drivers immediately (on the
same cycle). Output selecting via a low on SS and high on
SW at a rising CK clock has its effect on the output drivers
after the next rising edge of the CK clock. Output drive is also
controlled directly by output enable, G. G is an asynchronous
input. No clock edges are required to enable/disable the out-
put using G.
Output data will be valid the latter of tGLQV and tKHQV. Out-
puts will begin driving at tKHQX1. Outputs will hold previous
data until tKHQX or tGHQX.
WRITE AND BYTE WRITE FUNCTIONS
Note that in the following discussion the term “byte” refers
to nine bits of the RAM I/O bus. In all cases, the timing pa-
rameters described for synchronous write input (SW) apply
to each of the byte write enable inputs (SBa, SBb, etc.).
Byte write enable inputs have no effect on read cycles.
This allows the system designer not interested in performing
byte writes to connect the byte enable inputs to active low
(VSS). Reads of all bytes proceed normally and write cycles,
activated via a low on SW, and the rising edge of the CK
clock, write the entire RAM I/O width. This way the designer
is spared having to drive multiple write input buffer loads.
Byte writes are performed using the byte write enable in-
puts in conjunction with the synchronous write input (SW). It
is important to note that writing any one byte will inhibit a read
of all bytes at the current address. The RAM cannot simulta-
neously read one byte and write another at the same ad-
dress. A write cycle initiated with none of the byte write
enable inputs active is neither a read or a write. No write will
occur, but the outputs will be deselected as in a normal write
cycle.
LATE WRITE
The write address is sampled on the first rising edge of
clock and write data is sampled on the following rising edge.
The late write feature is implemented with single stage
write buffering. Write buffering is transparent to the user. A
comparator monitors the address bus and, when necessary,
routes buffer contents to the outputs to assure coherent op-
eration. This occurs in all cases whether there is a byte write
or a full word is written.
POWER UP AND INITIALIZATION
The following supply voltage application sequence is rec-
ommended: VSS, VDD, then VDDQ. Please note, per the Ab-
solute Maximum Ratings table, VDDQ is not to exceed VDD +
0.5 V, whatever the instantaneous value of VDD. Once sup-
plies have reached specification levels, a minimum dwell of
1.0
µs with C/K clock inputs cycling is required before begin-
ning normal operations.


Número de pieza similar - MCM69R820AZP7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MCM69R820C MOTOROLA-MCM69R820C Datasheet
511Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R820CZP4 MOTOROLA-MCM69R820CZP4 Datasheet
511Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R820CZP4.4 MOTOROLA-MCM69R820CZP4.4 Datasheet
511Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R820CZP4.4R MOTOROLA-MCM69R820CZP4.4R Datasheet
511Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R820CZP4R MOTOROLA-MCM69R820CZP4R Datasheet
511Kb / 20P
   4M Late Write 2.5 V I/O
More results

Descripción similar - MCM69R820AZP7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MCM69R738C MOTOROLA-MCM69R738C Datasheet
511Kb / 20P
   4M Late Write 2.5 V I/O
MCM69L738A MOTOROLA-MCM69L738A Datasheet
212Kb / 20P
   4M Late Write 2.5 V I/O
MCM69L737A MOTOROLA-MCM69L737A Datasheet
211Kb / 20P
   4M Late Write LVTTL
MCM69R736C MOTOROLA-MCM69R736C Datasheet
520Kb / 20P
   4M Late Write HSTL
MCM69R736A MOTOROLA-MCM69R736A Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69R737A MOTOROLA-MCM69R737A Datasheet
212Kb / 20P
   4M Late Write LVTTL
MCM69L736A MOTOROLA-MCM69L736A Datasheet
225Kb / 20P
   4M Late Write HSTL
logo
GSI Technology
GS8330LW36C GSI-GS8330LW36C Datasheet
579Kb / 30P
   36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8170LW36 GSI-GS8170LW36 Datasheet
884Kb / 27P
   18Mb sigma 1x1Lp CMOS I/O Late Write SigmaRAM
GS8170LW36AC GSI-GS8170LW36AC Datasheet
999Kb / 32P
   18Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com