Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMV1032 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMV1032
Descripción Electrónicos  Amplifiers for 3-Wire Analog Electret Microphones
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMV1032 Datasheet(HTML) 3 Page - Texas Instruments

  LMV1032 Datasheet HTML 1Page - Texas Instruments LMV1032 Datasheet HTML 2Page - Texas Instruments LMV1032 Datasheet HTML 3Page - Texas Instruments LMV1032 Datasheet HTML 4Page - Texas Instruments LMV1032 Datasheet HTML 5Page - Texas Instruments LMV1032 Datasheet HTML 6Page - Texas Instruments LMV1032 Datasheet HTML 7Page - Texas Instruments LMV1032 Datasheet HTML 8Page - Texas Instruments LMV1032 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
Human Body Model
2500V
Machine Model
250V
Supply Voltage
V
DD - GND
5.5V
Storage Temperature Range
−65˚C to 150˚C
Junction Temperature (Note 6)
150˚C max
Mounting Temperature
Infrared or Convection (20 sec.)
235˚C
Operating Ratings (Note 1)
Supply Voltage
1.7V to 5V
Temperature Range
−40˚C to +85˚C
1.7V and 5V Electrical Characteristics (Note 3)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C and VDD = 1.7V and 5V. Boldface limits apply at the tempera-
ture extremes.
Symbol
Parameter
Conditions
Min
(Note 4)
Typ
(Note 5)
Max
(Note 4)
Units
I
DD
Supply Current
V
IN = GND
60
85
100
µA
SNR
Signal to Noise Ratio
V
DD = 1.7V
V
IN =18mVPP
f=1kHz
LMV1032-06
58
dB
LMV1032-15
61
LMV1032-25
61
V
DD =5V
V
IN =18mVPP
f=1kHz
LMV1032-06
59
LMV1036-15
61
LMV1032-25
62
PSRR
Power Supply Rejection Ratio
1.7V < V
DD < 5V
LMV1032-06
65
60
75
dB
LMV1032-15
60
55
70
LMV1032-25
55
50
65
V
IN
Max Input Signal
f = 1 kHz and THD+N
< 1%
LMV1032-06
300
mV
PP
LMV1032-15
170
LMV1032-25
60
f
LOW
Lower −3 dB Roll Off Frequency
R
SOURCE =50
V
IN =18mVPP
70
Hz
f
HIGH
Upper −3 dB Roll Off Frequency
R
SOURCE =50
V
IN =18mVPP
LMV1032-06
120
kHz
LMV1032-15
75
LMV1032-25
21
e
n
Output Noise
A-Weighted
LMV1032-06
−97
dBV
LMV1032-15
−89
LMV1032-25
−80
V
OUT
Output Voltage
V
IN = GND
LMV1032-06
100
300
500
mV
LMV1032-15
250
500
750
LMV1032-25
300
600
1000
R
O
Output Impedance
f=1kHz
<200
I
O
Output Current
V
DD = 1.7V, VOUT = 1.7V, Sinking
0.9
0.5
2.3
mA
V
DD = 1.7V, VOUT = 0V, Sourcing
0.3
0.2
0.64
V
DD = 5V, VOUT = 1.7V, Sinking
0.9
0.5
2.4
V
DD = 5V, VOUT = 0V, Sourcing
0.4
0.1
1.46
www.national.com
2


Número de pieza similar - LMV1032

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMV1032-06 NSC-LMV1032-06 Datasheet
793Kb / 12P
   Amplifiers for 3 Wire Analog Electret Microphones
LMV1032-06 NSC-LMV1032-06 Datasheet
802Kb / 12P
   Amplifiers for 3-Wire Analog Electret Microphones
LMV1032-06_0511 NSC-LMV1032-06_0511 Datasheet
802Kb / 12P
   Amplifiers for 3-Wire Analog Electret Microphones
LMV1032-15 NSC-LMV1032-15 Datasheet
802Kb / 12P
   Amplifiers for 3-Wire Analog Electret Microphones
LMV1032-25 NSC-LMV1032-25 Datasheet
802Kb / 12P
   Amplifiers for 3-Wire Analog Electret Microphones
More results

Descripción similar - LMV1032

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMV1032-06 NSC-LMV1032-06 Datasheet
793Kb / 12P
   Amplifiers for 3 Wire Analog Electret Microphones
LMV1032-06_0511 NSC-LMV1032-06_0511 Datasheet
802Kb / 12P
   Amplifiers for 3-Wire Analog Electret Microphones
logo
Texas Instruments
LMV1032 TI1-LMV1032_15 Datasheet
960Kb / 18P
[Old version datasheet]   LMV1032-25 Amplifiers for 3-Wire Analog Electret Microphones
TLV1018 TI-TLV1018 Datasheet
620Kb / 12P
[Old version datasheet]   AMPLIFIER FOR THREE-WIRE ANALOG ELECTRET MICROPHONES
logo
National Semiconductor ...
LMV1031-20 NSC-LMV1031-20 Datasheet
690Kb / 10P
   Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
logo
Texas Instruments
LMV1031 TI1-LMV1031 Datasheet
726Kb / 12P
[Old version datasheet]   Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
LMV1022 TI1-LMV1022 Datasheet
612Kb / 20P
[Old version datasheet]   PDM Output Pre-Amplifier for Electret Microphones
logo
National Semiconductor ...
LMV1024 NSC-LMV1024 Datasheet
1Mb / 17P
   PDM Output with Pre-Amplifier for Electret Microphones
logo
Texas Instruments
LMV1031 TI1-LMV1031_15 Datasheet
872Kb / 15P
[Old version datasheet]   LMV1031-20 Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
logo
National Semiconductor ...
LMV1024 NSC-LMV1024_09 Datasheet
571Kb / 18P
   PDM Output with Pre-Amplifier for Electret Microphones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com