Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMV1032UP-15 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza LMV1032UP-15
Descripción Electrónicos  Amplifiers for 3-Wire Analog Electret Microphones
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMV1032UP-15 Datasheet(HTML) 4 Page - Texas Instruments

  LMV1032UP-15 Datasheet HTML 1Page - Texas Instruments LMV1032UP-15 Datasheet HTML 2Page - Texas Instruments LMV1032UP-15 Datasheet HTML 3Page - Texas Instruments LMV1032UP-15 Datasheet HTML 4Page - Texas Instruments LMV1032UP-15 Datasheet HTML 5Page - Texas Instruments LMV1032UP-15 Datasheet HTML 6Page - Texas Instruments LMV1032UP-15 Datasheet HTML 7Page - Texas Instruments LMV1032UP-15 Datasheet HTML 8Page - Texas Instruments LMV1032UP-15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
1.7V and 5V Electrical Characteristics (Note 3) (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C and VDD = 1.7V and 5V. Boldface limits apply at the tempera-
ture extremes.
Symbol
Parameter
Conditions
Min
(Note 4)
Typ
(Note 5)
Max
(Note 4)
Units
THD
Total Harmonic Distortion
f=1kHz
V
IN =18mVPP
LMV1032-06
0.11
%
LMV1032-15
0.13
LMV1032-25
0.35
C
IN
Input Capacitance
2pF
Z
IN
Input Impedance
>100
M
A
V
Gain
f=1kHz
V
IN =18mVPP
LMV1032-06
5.5
4.5
6.2
6.7
7.7
dB
LMV1032-15
14.8
14
15.4
16
17
LMV1032-25
24.8
24
25.5
26.2
27
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: The Human Body Model (HBM) is 1.5 k
Ω in series with 100 pF. The Machine Model is 0Ω in series with 200 pF.
Note 3: Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very limited self-heating of
the device such that TJ =TA. No guarantee of parametric performance is indicated in the electrical tables under conditions of internal self-heating where TJ > TA.
Note 4: All limits are guaranteed by design or statistical analysis.
Note 5: Typical values represent the most likely parametric norm.
Note 6: The maximum power dissipation is a function of TJ(MAX) , θJA and TA. The maximum allowable power dissipation at any ambient temperature is PD =
(TJ(MAX) -TA)/θJA. All numbers apply for packages soldered directly onto a PC board.
www.national.com
3


Número de pieza similar - LMV1032UP-15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMV1032UP-15 NSC-LMV1032UP-15 Datasheet
793Kb / 12P
   Amplifiers for 3 Wire Analog Electret Microphones
LMV1032UP-15 NSC-LMV1032UP-15 Datasheet
802Kb / 12P
   Amplifiers for 3-Wire Analog Electret Microphones
logo
Texas Instruments
LMV1032UP-15/NOPB TI1-LMV1032UP-15/NOPB Datasheet
960Kb / 18P
[Old version datasheet]   LMV1032-25 Amplifiers for 3-Wire Analog Electret Microphones
More results

Descripción similar - LMV1032UP-15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMV1032-06 NSC-LMV1032-06 Datasheet
793Kb / 12P
   Amplifiers for 3 Wire Analog Electret Microphones
LMV1032-06_0511 NSC-LMV1032-06_0511 Datasheet
802Kb / 12P
   Amplifiers for 3-Wire Analog Electret Microphones
logo
Texas Instruments
LMV1032 TI1-LMV1032_15 Datasheet
960Kb / 18P
[Old version datasheet]   LMV1032-25 Amplifiers for 3-Wire Analog Electret Microphones
TLV1018 TI-TLV1018 Datasheet
620Kb / 12P
[Old version datasheet]   AMPLIFIER FOR THREE-WIRE ANALOG ELECTRET MICROPHONES
logo
National Semiconductor ...
LMV1031-20 NSC-LMV1031-20 Datasheet
690Kb / 10P
   Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
logo
Texas Instruments
LMV1031 TI1-LMV1031 Datasheet
726Kb / 12P
[Old version datasheet]   Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
LMV1022 TI1-LMV1022 Datasheet
612Kb / 20P
[Old version datasheet]   PDM Output Pre-Amplifier for Electret Microphones
logo
National Semiconductor ...
LMV1024 NSC-LMV1024 Datasheet
1Mb / 17P
   PDM Output with Pre-Amplifier for Electret Microphones
logo
Texas Instruments
LMV1031 TI1-LMV1031_15 Datasheet
872Kb / 15P
[Old version datasheet]   LMV1031-20 Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
logo
National Semiconductor ...
LMV1024 NSC-LMV1024_09 Datasheet
571Kb / 18P
   PDM Output with Pre-Amplifier for Electret Microphones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com