Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM185-1.2QML Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM185-1.2QML
Descripción Electrónicos  LM185-1.2QML Micropower Voltage Reference Diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM185-1.2QML Datasheet(HTML) 4 Page - Texas Instruments

  LM185-1.2QML Datasheet HTML 1Page - Texas Instruments LM185-1.2QML Datasheet HTML 2Page - Texas Instruments LM185-1.2QML Datasheet HTML 3Page - Texas Instruments LM185-1.2QML Datasheet HTML 4Page - Texas Instruments LM185-1.2QML Datasheet HTML 5Page - Texas Instruments LM185-1.2QML Datasheet HTML 6Page - Texas Instruments LM185-1.2QML Datasheet HTML 7Page - Texas Instruments LM185-1.2QML Datasheet HTML 8Page - Texas Instruments LM185-1.2QML Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Absolute Maximum Ratings (Note 1)
Reverse Current
30mA
Forward Current
10mA
Operating Temperature Range
−55˚C
≤ T
A
≤ +125˚C
Maximum Junction Temperature (T
Jmax) (Note 2)
+150˚C
Storage Temperature
−55˚C
≤ T
A
≤ +150˚C
Lead Temperature (Soldering 10 Seconds)
Ceramic SOIC
260˚C
TO-46 package
300˚C
20LD LCC package
300˚C
Thermal Resistance
θ
JA
Metal Can (Still Air)
300˚C/W
Metal Can (500LF / Min Air Flow)
139˚C/W
20LD LCC (Still Air)
100˚C/W
20LD LCC (500LF / Min Air Flow)
73˚C/W
Ceramic SOIC (Still Air)
194˚C/W
Ceramic SOIC (500LF / Min Air Flow)
128˚C/W
θ
JC
Metal Can
57˚C/W
20LD LCC
25˚C/W
Ceramic SOIC
23˚C/W
Package Weight (Typical)
Metal Can
TBD
20LD LCC
TBD
Ceramic SOIC
210mg
ESD Tolerance (Note 3)
4KV
Quality Conformance Inspection
Mil-Std-883, Method 5005 - Group A
Subgroup
Description
Temp ˚C
1
Static tests at
25
2
Static tests at
125
3
Static tests at
-55
4
Dynamic tests at
25
5
Dynamic tests at
125
6
Dynamic tests at
-55
7
Functional tests at
25
8A
Functional tests at
125
8B
Functional tests at
-55
9
Switching tests at
25
10
Switching tests at
125
11
Switching tests at
-55
12
Settling time at
25
13
Settling time at
125
14
Settling time at
-55
www.national.com
3


Número de pieza similar - LM185-1.2QML

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM185-1.2QML-SP TI1-LM185-1.2QML-SP Datasheet
538Kb / 18P
[Old version datasheet]   Micropower Voltage Reference Diode
LM185-1.2QML-SP_15 TI-LM185-1.2QML-SP_15_15 Datasheet
536Kb / 18P
[Old version datasheet]   LM185-1.2QML Micropower Voltage Reference Diode
LM185-1.2QML TI1-LM185-1.2QML_14 Datasheet
541Kb / 18P
[Old version datasheet]   Micropower Voltage Reference Diode
LM185-1.2QML TI1-LM185-1.2QML_16 Datasheet
538Kb / 18P
[Old version datasheet]   Micropower Voltage Reference Diode
More results

Descripción similar - LM185-1.2QML

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM185-1.2QML-SP_15 TI-LM185-1.2QML-SP_15_15 Datasheet
536Kb / 18P
[Old version datasheet]   LM185-1.2QML Micropower Voltage Reference Diode
LM185-2.5QML TI1-LM185-2.5QML Datasheet
683Kb / 14P
[Old version datasheet]   LM185-2.5QML Micropower Voltage Reference Diode
LM185-1.2-N TI1-LM185-1.2-N Datasheet
289Kb / 12P
[Old version datasheet]   LM185-1.2/LM285-1.2/LM385-1.2 Micropower Voltage Reference Diode
LM185-2.5-N TI1-LM185-2.5-N Datasheet
313Kb / 18P
[Old version datasheet]   LM185-2.5/LM285-2.5/LM385-2.5 Micropower Voltage Reference Diode
LM385BXM-1.2 TI-LM385BXM-1.2 Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM285MX-25 TI1-LM285MX-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM385BZ TI1-LM385BZ Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM185-1.2-N TI1-LM185-1.2-N_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
logo
Analog Microelectronics
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
   Micropower Voltage Reference Diode
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
   Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com