Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM340K-12 Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza LM340K-12
Descripción Electrónicos  LM340/LM78XX Series 3-Terminal Positive Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM340K-12 Datasheet(HTML) 2 Page - Texas Instruments

  LM340K-12 Datasheet HTML 1Page - Texas Instruments LM340K-12 Datasheet HTML 2Page - Texas Instruments LM340K-12 Datasheet HTML 3Page - Texas Instruments LM340K-12 Datasheet HTML 4Page - Texas Instruments LM340K-12 Datasheet HTML 5Page - Texas Instruments LM340K-12 Datasheet HTML 6Page - Texas Instruments LM340K-12 Datasheet HTML 7Page - Texas Instruments LM340K-12 Datasheet HTML 8Page - Texas Instruments LM340K-12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
LM340/LM78XX Series
3-Terminal Positive Regulators
General Description
The
LM140/LM340A/LM340/LM78XXC
monolithic
3-terminal positive voltage regulators employ internal
current-limiting, thermal shutdown and safe-area compensa-
tion, making them essentially indestructible. If adequate heat
sinking is provided, they can deliver over 1.0A output cur-
rent. They are intended as fixed voltage regulators in a wide
range of applications including local (on-card) regulation for
elimination of noise and distribution problems associated
with single-point regulation. In addition to use as fixed volt-
age regulators, these devices can be used with external
components to obtain adjustable output voltages and cur-
rents.
Considerable effort was expended to make the entire series
of regulators easy to use and minimize the number of exter-
nal components. It is not necessary to bypass the output,
although this does improve transient response. Input by-
passing is needed only if the regulator is located far from the
filter capacitor of the power supply.
The 5V, 12V, and 15V regulator options are available in the
steel TO-3 power package. The LM340A/LM340/LM78XXC
series is available in the TO-220 plastic power package, and
the LM340-5.0 is available in the SOT-223 package, as well
as the LM340-5.0 and LM340-12 in the surface-mount TO-
263 package.
Features
n
Complete specifications at 1A load
n
Output voltage tolerances of ±2% at T
j = 25˚C and ±4%
over the temperature range (LM340A)
n
Line regulation of 0.01% of V
OUT/V of
∆V
IN at 1A load
(LM340A)
n
Load regulation of 0.3% of V
OUT/A (LM340A)
n
Internal thermal overload protection
n
Internal short-circuit current limit
n
Output transistor safe area protection
n
P
+ Product Enhancement tested
Typical Applications
Fixed Output Regulator
Adjustable Output Regulator
00778101
*Required if the regulator is located far from the power supply filter.
**Although no output capacitor is needed for stability, it does help transient
response. (If needed, use 0.1 µF, ceramic disc).
00778102
VOUT = 5V + (5V/R1 + IQ) R2 5V/R1 > 3IQ,
load regulation (Lr) ≈ [(R1 + R2)/R1] (Lr of LM340-5).
Current Regulator
Comparison between SOT-223 and D-Pak (TO-252)
Packages
00778103
∆IQ = 1.3 mA over line and load changes.
00778138
Scale 1:1
July 2006
© 2006 National Semiconductor Corporation
DS007781
www.national.com


Número de pieza similar - LM340K-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM340K-12 NSC-LM340K-12 Datasheet
920Kb / 17P
   3-Terminal Positive Regulators
logo
Texas Instruments
LM340K-12SL109342 TI1-LM340K-12SL109342 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
DECEMBER 2013
More results

Descripción similar - LM340K-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM340T-5.0 TI-LM340T-5.0 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM140K-15 TI1-LM140K-15 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340T-12 TI-LM340T-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340T-5 TI1-LM340T-5 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
DECEMBER 2013
LM340S-12 TI-LM340S-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM7812CT TI1-LM7812CT Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340K-5-0 TI1-LM340K-5-0 Datasheet
3Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
logo
National Semiconductor ...
LM7800C NSC-LM7800C Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com