Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM7808CT Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza LM7808CT
Descripción Electrónicos  LM340/LM78XX Series 3-Terminal Positive Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM7808CT Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM7808CT Datasheet HTML 4Page - Texas Instruments LM7808CT Datasheet HTML 5Page - Texas Instruments LM7808CT Datasheet HTML 6Page - Texas Instruments LM7808CT Datasheet HTML 7Page - Texas Instruments LM7808CT Datasheet HTML 8Page - Texas Instruments LM7808CT Datasheet HTML 9Page - Texas Instruments LM7808CT Datasheet HTML 10Page - Texas Instruments LM7808CT Datasheet HTML 11Page - Texas Instruments LM7808CT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
LM7808C
Electrical Characteristics
0˚C
≤ T
J
≤ +150˚C, V
I = 14V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF, unless otherwise specified
Symbol
Parameter
Conditions (Note 6)
LM7808C
Units
Min
Typ
Max
V
O
Output Voltage
T
J = 25˚C
7.7
8.0
8.3
V
∆V
O
Line Regulation
T
J = 25˚C
10.5V
≤ V
I
≤ 25V
6.0
160
mV
11.0V
≤ V
I
≤ 17V
2.0
80
∆V
O
Load Regulation
T
J = 25˚C
5.0 mA
≤ I
O
≤ 1.5A
12
160
mV
250 mA
≤ I
O
≤ 750
mA
4.0
80
V
O
Output Voltage
11.5V
≤ V
I
≤ 23V, 5.0 mA ≤ I
O
≤ 1.0A, P ≤ 15W
7.6
8.4
V
I
Q
Quiescent Current
T
J = 25˚C
4.3
8.0
mA
∆I
Q
Quiescent
With Line
11.5V
≤ V
I
≤ 25V
1.0
mA
Current Change
With Load
5.0 mA
≤ I
O
≤ 1.0A
0.5
V
N
Noise
T
A = 25˚C, 10 Hz
≤ f ≤ 100 kHz
52
µV
∆V
I/
∆V
O
Ripple Rejection
f = 120 Hz, I
O = 350 mA, TJ = 25˚C
56
72
dB
V
DO
Dropout Voltage
I
O = 1.0A, TJ = 25˚C
2.0
V
R
O
Output Resistance
f = 1.0 kHz
16
m
I
OS
Output Short Circuit Current
T
J = 25˚C, VI = 35V
0.45
A
I
PK
Peak Output Current
T
J = 25˚C
2.2
A
∆V
O/
∆T
Average Temperature
I
O = 5.0 mA
0.8
mV/˚C
Coefficient of Output Voltage
Note 6: All characteristics are measured with a 0.22 µF capacitor from input to ground and a 0.1 µF capacitor from output to ground. All characteristics except noise
voltage and ripple rejection ratio are measured using pulse techniques (tw ≤ 10 ms, duty cycle ≤ 5%). Output voltage changes due to changes in internal temperature
must be taken into account separately.
www.national.com
7


Número de pieza similar - LM7808CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM7808CT NSC-LM7808CT Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
logo
Fairchild Semiconductor
LM7808CT FAIRCHILD-LM7808CT Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
National Semiconductor ...
LM7808CT NSC-LM7808CT Datasheet
920Kb / 17P
   3-Terminal Positive Regulators
LM7808CT NSC-LM7808CT Datasheet
303Kb / 10P
   3-Terminal Positive Voltage Regulators
logo
Fairchild Semiconductor
LM7808CT FAIRCHILD-LM7808CT Datasheet
556Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
More results

Descripción similar - LM7808CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM340T-5.0 TI-LM340T-5.0 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM140K-15 TI1-LM140K-15 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340T-12 TI-LM340T-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340T-5 TI1-LM340T-5 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
DECEMBER 2013
LM340S-12 TI-LM340S-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM7812CT TI1-LM7812CT Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340K-5-0 TI1-LM340K-5-0 Datasheet
3Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
logo
National Semiconductor ...
LM7800C NSC-LM7800C Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com