Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM4040B30ILP Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza LM4040B30ILP
Descripción Electrónicos  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM4040B30ILP Datasheet(HTML) 1 Page - Texas Instruments

  LM4040B30ILP Datasheet HTML 1Page - Texas Instruments LM4040B30ILP Datasheet HTML 2Page - Texas Instruments LM4040B30ILP Datasheet HTML 3Page - Texas Instruments LM4040B30ILP Datasheet HTML 4Page - Texas Instruments LM4040B30ILP Datasheet HTML 5Page - Texas Instruments LM4040B30ILP Datasheet HTML 6Page - Texas Instruments LM4040B30ILP Datasheet HTML 7Page - Texas Instruments LM4040B30ILP Datasheet HTML 8Page - Texas Instruments LM4040B30ILP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
1
FEATURES
APPLICATIONS
* Pin 3 is attached to substrate and must be
connected to ANODE or left open.
DBZ (SOT-23) PACKAGE
(TOP VIEW)
CATHODE
ANODE
DCK (SC-70) PACKAGE
(TOP VIEW)
ANODE
NC
CATHODE
NC
NC
1
2
3*
1
2
3
5
4
NC
CATHODE
ANODE
LP (TO-92/TO-226) PACKAGE
(TOP VIEW)
NC – No internal connection
NC – No internal connection
NC – No internal connection
DESCRIPTION/ORDERING INFORMATION
LM4040
www.ti.com .................................................................................................................................................. SLOS456K – JANUARY 2005 – REVISED MARCH 2008
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
• Fixed Output Voltages of 2.048 V, 2.5 V, 3 V,
4.096 V, 5 V, 8.192 V, and 10 V
• Tight Output Tolerances and Low Temperature
Coefficient
Max 0.1%, 100 ppm/°C – A Grade
Max 0.2%, 100 ppm/°C – B Grade
Max 0.5%, 100 ppm/°C – C Grade
Max 1.0%, 150 ppm/°C – D Grade
• Low Output Noise…35 μV
RMS Typ
• Wide Operating Current Range…45 μA Typ to
15 mA
• Stable With All Capacitive Loads; No Output
Capacitor Required
• Available in Extended Temperature
Range…–40°C to 125°C
• Data-Acquisition Systems
• Power Supplies and Power-Supply Monitors
• Instrumentation and Test Equipment
• Process Controls
• Precision Audio
• Automotive Electronics
• Energy Management
• Battery-Powered Equipment
The LM4040 series of shunt voltage references are versatile, easy-to-use references that cater to a vast array of
applications. The 2-pin fixed-output device requires no external capacitors for operation and is stable with all
capacitive loads. Additionally, the reference offers low dynamic impedance, low noise, and low temperature
coefficient to ensure a stable output voltage over a wide range of operating currents and temperatures. The
LM4040 uses fuse and Zener-zap reverse breakdown voltage trim during wafer sort to offer four output voltage
tolerances, ranging from 0.1% (max) for the A grade to 1% (max) for the D grade. Thus, a great deal of flexibility
is offered to designers in choosing the best cost-to-performance ratio for their applications.
Packaged in space-saving SC-70 and SOT-23-3 packages and requiring a minimum current of 45
μA (typ), the
LM4040 also is ideal for portable applications. The LM4040xI is characterized for operation over an ambient
temperature range of –40°C to 85°C. The LM4040xQ is characterized for operation over an ambient temperature
range of –40°C to 125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2005–2008, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - LM4040B30ILP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM4040B30ILP TI-LM4040B30ILP Datasheet
482Kb / 43P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Vishay Siliconix
LM4040B30ILP VISHAY-LM4040B30ILP Datasheet
574Kb / 51P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Texas Instruments
LM4040B30ILP TI-LM4040B30ILP Datasheet
664Kb / 50P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040B30ILP TI-LM4040B30ILP Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040B30ILP TI-LM4040B30ILP Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

Descripción similar - LM4040B30ILP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com