Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM4040C50ILPR Datasheet(PDF) 6 Page - Texas Instruments |
|
|
LM4040C50ILPR Datasheet(HTML) 6 Page - Texas Instruments |
6 / 55 page LM4040 SLOS456K – JANUARY 2005 – REVISED MARCH 2008 .................................................................................................................................................. www.ti.com ORDERING INFORMATION (continued) DEVICE ORDERABLE TOP-SIDE TA VKA PACKAGE(2) GRADE PART NUMBER MARKING(3) Reel of 3000 LM4040C20QDBZR 2.048 V 4MW_ Reel of 250 LM4040C20QDBZT C grade: Reel of 3000 LM4040C25QDBZR 0.5% initial 2.5 V 4MA_ accuracy Reel of 250 LM4040C25QDBZT and SOT-23-3 (DBZ) Reel of 3000 LM4040C30QDBZR 100 ppm/°C 3 V 4NJ_ temperature Reel of 250 LM4040C30QDBZT coefficient Reel of 3000 LM4040C50QDBZR 5 V 4NE_ Reel of 250 LM4040C50QDBZT –40°C to 125°C Reel of 3000 LM4040D20QDBZR 2.048 V 4MY_ Reel of 250 LM4040D20QDBZT D grade: Reel of 3000 LM4040D25QDBZR 1.0% initial 2.5 V 4MB_ accuracy Reel of 250 LM4040D25QDBZT and SOT-23-3 (DBZ) Reel of 3000 LM4040D30QDBZR 150 ppm/°C 3 V 4NK_ temperature Reel of 250 LM4040D30QDBZT coefficient Reel of 3000 LM4040D50QDBZR 5 V 4NF_ Reel of 250 LM4040D50QDBZT 6 Submit Documentation Feedback Copyright © 2005–2008, Texas Instruments Incorporated |
Número de pieza similar - LM4040C50ILPR |
|
Descripción similar - LM4040C50ILPR |