Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UF1AF_00001 Datasheet(PDF) 3 Page - Pan Jit International Inc.

No. de pieza UF1AF_00001
Descripción Electrónicos  SURFACE MOUNT ULTRA FAST RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

UF1AF_00001 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  UF1AF_00001 Datasheet HTML 1Page - Pan Jit International Inc. UF1AF_00001 Datasheet HTML 2Page - Pan Jit International Inc. UF1AF_00001 Datasheet HTML 3Page - Pan Jit International Inc. UF1AF_00001 Datasheet HTML 4Page - Pan Jit International Inc. UF1AF_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 3
March 06,2012-REV.00
Fig.7 Typical Reverse Characteristics
1
10
100
1000
10000
100000
20
40
60
80
100
Percent of Rated Peak Reverse Voltage (%)
UF1GF
TJ = 150°C
TJ = 125°C
TJ = 75°C
TJ = 25°C
Fig.8 Typical Reverse Characteristics
1
10
100
1000
10000
100000
20
40
60
80
100
Percent of Rated Peak Reverse Voltage (%)
UF1JF
TJ = 150°C
TJ = 125°C
TJ= 75°C
TJ = 25°C
UF1AF SERIES
RATING AND CHARACTERISTIC CURVES


Número de pieza similar - UF1AF_00001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Dc Components
UF1AFL DCCOM-UF1AFL Datasheet
68Kb / 2P
   TECHNICAL SPECIFICATIONS OF ULTRA FAST SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
logo
SUNMATE electronic Co.,...
UF1AFL SUNMATE-UF1AFL Datasheet
308Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
More results

Descripción similar - UF1AF_00001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Changzhou Shunye Electr...
US2A SY-US2A Datasheet
1Mb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
List of Unclassifed Man...
UF2AF ETC2-UF2AF Datasheet
549Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
US1AF ETC2-US1AF Datasheet
525Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Shunye Enterprise
US1A SHUNYE-US1A Datasheet
244Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
US2A YIXIN-US2A_13 Datasheet
428Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
US2AF YIXIN-US2AF Datasheet
130Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
GUANGDONG HOTTECH INDUS...
UF1A HOTTECH-UF1A Datasheet
220Kb / 3P
   SURFACE MOUNT ULTRA FAST RECTIFIER
US2AL HOTTECH-US2AL Datasheet
168Kb / 3P
   SURFACE MOUNT ULTRA FAST RECTIFIER
US3AF HOTTECH-US3AF Datasheet
153Kb / 3P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Microdiode Electronics ...
US2ABF CHENDA-US2ABF_V01 Datasheet
847Kb / 3P
   SURFACE MOUNT ULTRA FAST RECTIFIER
US3AB CHENDA-US3AB Datasheet
747Kb / 3P
   SURFACE MOUNT ULTRA FAST RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com