Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCST1225DS Datasheet(PDF) 11 Page - Crydom Inc.,

No. de pieza MCST1225DS
Descripción Electrónicos  THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CRYDOM [Crydom Inc.,]
Página de inicio  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

MCST1225DS Datasheet(HTML) 11 Page - Crydom Inc.,

Back Button MCST1225DS Datasheet HTML 7Page - Crydom Inc., MCST1225DS Datasheet HTML 8Page - Crydom Inc., MCST1225DS Datasheet HTML 9Page - Crydom Inc., MCST1225DS Datasheet HTML 10Page - Crydom Inc., MCST1225DS Datasheet HTML 11Page - Crydom Inc., MCST1225DS Datasheet HTML 12Page - Crydom Inc., MCST1225DS Datasheet HTML 13Page - Crydom Inc., MCST1225DS Datasheet HTML 14Page - Crydom Inc., MCST1225DS Datasheet HTML 15Page - Crydom Inc., Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
53TP
25-50Amp 3 PHASE
120/240/480 Vac
SCR AC Switch Output
LED Status Indicator
Three-phase solid state relays switch up to 530 Vrms directly to loads such as
motors, transformers, heating elements, etc. Available with either AC or DC input
(coil) control in zero-voltage or random turn-on switching versions (add suffix -10).
For 24Vac Control (add suffix E).
Line
Load*
Control
Control
Must
Surge*
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@ 5Vdc
Voltage
1-Cycle
Vrms
Arms
Vdc
mA
Vdc
Apk
D53TP25D
48-530
.05-25
3-32
10
1.0
250
UL, CSA, VDE
D53TP50D
48-530
.05-50
3-32
10
1.0
625
UL, CSA, VDE
D53DP25D
** 48-530
.05-25
4-32
20
1.0
250
UL, cUL, VDE
D53DP50D
** 48-530
.05-50
4-32
20
1.0
625
UL, cUL, VDE
Line
Load*
Control
Control
Must
Surge*
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@ 120Vrms Voltage
1-Cycle
Vrms
Arms
Vrms
mA
Vrms
Apk
A53TP25D
48-530
.05-25
90-280
2.2
10.0
250
UL, CSA, VDE
A53TP50D
48-530
.05-50
90-280
2.2
10.0
625
UL, CSA, VDE
A53DP25D
** 48-530
.05-25
90-280
5
10.0
250
UL, cUL, VDE
A53DP50D
** 48-530
.05-50
90-280
5
10.0
625
UL, cUL, VDE
*Current and Surge Ratings are per phase.
** DP is two controlled phases with the third connected straight through (A1 - A2).
Operating Temperature Range: 40˚C to 80˚C, Isolation Voltage: 4000 Vrms
Panel Mount Solid State Relays
Dual Relays, Quad Relays
120/240/480 Vac
SCR AC Switch Output
Industry Standard Package
Zero Cross or Random Turn-On
Two (Dual) or four (Quad) independent AC output relays come in a single standard
panel-mount package. Utilizing an AC switch output with internal snubber, relays
provide greater protection against false triggering. Model choices include zero
cross or random turn-on (phase controllable) switching (add suffix -10). For 24Vdc
Control (add suffix E). UL 508A SCCR Approved, consult Crydom for actual ratings.
Duals
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@ 5Vdc
Voltage
1-Cycle
Vrms
Arms
Vdc
mA
Vdc
Apk
D2425D
24-280
.15-25
4-15
13
1.0
250
UL, CSA, VDE
D2440D
24-280
.15-40
4-15
13
1.0
625
UL, CSA, VDE
H12D4825D 48-530
.15-25
4-15
13
1.0
250
UL, cUL, VDE
H12D4840D 48-530
.15-40
4-15
13
1.0
625
UL, cUL, VDE
Quads
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@ 5Vdc
Voltage
1-Cycle
Vrms
Arms
Vdc
mA
Vdc
Apk
TD2420Q
24-280
.15-20
4-15
12
1.0
250
UL, CSA
TD2420Q-10 24-280
.15-20
4-15
12
1.0
250
UL, CSA
Operating Temperature Range: -40˚C to 80˚C, Isolation Voltage: 4000 Vrms (Dual), 2500 Vrms (Quad)
PSD
10-90Amp
120/240/480 Vac
Peak Switching
Internal Snubber
Output consists of an SCR AC switch turning on at the next peak of sinusoidal AC
wave form after the input has been activated. Continuing to conduct normally until
the input is deactivated and then turning off at the next current zero cross.
Suitable for switching transformers and other highly inductive loads where
significant inrush current may otherwise cause problems.
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@5Vdc
Voltage
1-Cycle
Vrms
Arms
Vdc
mA
Vdc
Apk
PSD2410
90-280
.04-10
3-32
2.0
1.0
120
UL, cUL
PSD2425
90-280
.04-25
3-32
2.0
1.0
250
UL, cUL
PSD2450
90-280
.04-50
3-32
2.0
1.0
625
UL, cUL
PSD2490
90-280
.04-90
3-32
2.0
1.0
1200
UL, cUL
PSD4810
48-530
.04-10
4-32
8
1.0
140
PSD4825
48-530
.04-25
4-32
8
1.0
250
PSD4850
48-530
.04-50
4-32
8
1.0
625
PSD4890
48-530
.04-90
4-32
8
1.0
1200
Operating Temperature Range: -40˚C to 80˚C, Isolation Voltage: 4000 Vrms, Minimum Off-State dv/dt: 500V/μsec
DC60
3-7Amp
60 Vdc
DC Bipolar Output
AC or DC Control
Economical Panel Mount Package
The DC60 products provide bipolar transistor DC output switching with high
(4000 Vrms) isolation voltage. Only Crydom offers AC input/DC output relays in this
economical standard panel-mount package.
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@ 5Vdc
Voltage
1 sec.
Vdc
Adc
Vdc
mA
Vdc
Adc
DC60S3
3-60
.02-3
3.5-32
2.2
1.0
6
UL, cUL
DC60S5
3-60
.02-5
3.5-32
2.2
1.0
10
UL, cUL
DC60S7
3-60
.02-7
3.5-32
2.2
1.0
14
UL, cUL
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@120Vrms Voltage
1 sec.
Vdc
Adc
Vrms
mA
Vrms
Adc
DC60SA3
3-60
.02-3
90-280
2
10
6
UL, cUL
DC60SA5
3-60
.02-5
90-280
2
10
10
UL, cUL
DC60SA7
3-60
.02-7
90-280
2
10
14
UL, cUL
Operating Temperature Range: -30˚C to 80˚C Isolation Voltage:4000 Vrms
Normally closed (Form B) versions available (-B suffix)
Panel Mount - DC Output
11
Other Crydom products and competitive part number cross-reference available at: www.crydom.com


Número de pieza similar - MCST1225DS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Crydom Inc.,
MCST1225 CRYDOM-MCST1225 Datasheet
1Mb / 5P
   Microprocessor based soft-start / soft-stop controller
More results

Descripción similar - MCST1225DS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BRIGHT LED ELECTRONICS ...
DAP4119 BRIGHT-DAP4119 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
Gennum Corporation
2357NQ GENNUM-2357NQ Datasheet
995Kb / 8P
   Solid-state technology
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com