Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74SSTEB32866 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74SSTEB32866
Descripción Electrónicos  1.5V/1.8V 25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74SSTEB32866 Datasheet(HTML) 15 Page - Texas Instruments

Back Button SN74SSTEB32866 Datasheet HTML 11Page - Texas Instruments SN74SSTEB32866 Datasheet HTML 12Page - Texas Instruments SN74SSTEB32866 Datasheet HTML 13Page - Texas Instruments SN74SSTEB32866 Datasheet HTML 14Page - Texas Instruments SN74SSTEB32866 Datasheet HTML 15Page - Texas Instruments SN74SSTEB32866 Datasheet HTML 16Page - Texas Instruments SN74SSTEB32866 Datasheet HTML 17Page - Texas Instruments SN74SSTEB32866 Datasheet HTML 18Page - Texas Instruments SN74SSTEB32866 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
ELECTRICAL CHARACTERISTICS
SN74SSTEB32866
www.ti.com..................................................................................................................................................................................................... SCAS851 – APRIL 2009
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(
MAX
UNIT
1)
IOH = –100 µA
1.7V to 1.9V
VCC–0.2
IOH = –6 mA
1.7V
1.3
VOH
Q outputs, PPO
V
IOH = –100 µA
1.425V to
VCC–0.2
1.575V
IOH = –6 mA
1.425V
1.0
IOL = 100 µA
1.7V to 1.9V
0.2
IOL = 6 mA
1.7V
0.4
Q outputs, PPO
1.425V to
IOL = 100 µA
0.2
1.575V
VOL
V
IOL = 6 mA
1.425V
0.4
IOL = 25 mA
1.7V
0.5
QERR output
IOL = 25 mA
1.425V
0.5
VI = GND
-5
PAR_IN
II
VI = VCC
1.9V
25
µA
All other inputs(2)
VI = VCC or GND
±5
IOZ
QERR output
VO = VCC or GND
1.9V
±10
µA
Static standby
RESET = GND
200
µA
ICC
IO = 0
1.9V
Static operating
RESET = VCC, VI = VIH(AC) or VIL(AC)
40
mA
RESET = VCC, VI = VIH(AC) or VIL(AC),
Dynamic operating – clock
CLK and CLK switching 50% duty
45
µA/MHz
only
cycle
Dynamic operating – per
RESET = VCC, VI = VIH(AC) or VIL(AC),
ICCD
each data input, 1:1
IO = 0
1.8V
43
CLK and CLK switching 50% duty
µA clock
configuration
cycle, one data input switching at
MHz/D
Dynamic operating – per
one-half clock frequency, 50% duty
input
each data input, 1:2
60
cycle
configuration
Chip-select-enabled
RESET = VCC, VI = VIH(AC) or VIL(AC),
low-power active mode –
CLK and CLK switching 50% duty
45
µA/MHz
clock only
cycle
Chip-select-enabled
ICCDL
RESET = VCC, VI = VIH(AC) or VIL(AC),
low-power active mode -
IO = 0
1.8V
2
P
CLK and CLK switching 50% duty
µA clock
1:1 configuration
cycle, one data input switching at
MHz/D
Chip-select-enabled
one-half clock frequency, 50% duty
input
low-power active mode –
3
cycle
1:2 configuration
Data inputs, CSR, PAR_IN VI = VREF ± 250 mV
1.8V
2.5
3
3.5
CI
CLK, CLK
VICR = 0.9 V, VI(PP) = 600 mV
2
3
pF
RESET
VI = VCC or GND
4
(1)
All typical values are at VCC = 1.8 V, TA = 25°C.
(2)
Each VREF pin (A3 or T3) should be tested independently, with the other (untested) pin open.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): SN74SSTEB32866


Número de pieza similar - SN74SSTEB32866

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74SSTE32882 TI-SN74SSTE32882 Datasheet
274Kb / 7P
[Old version datasheet]   28-Bit to 56-Bit Registered Buffer With Address Parity Test and One Pair to Four Pair Differential Clock PLL Driver
SN74SSTE32882ZALR TI-SN74SSTE32882ZALR Datasheet
274Kb / 7P
[Old version datasheet]   28-Bit to 56-Bit Registered Buffer With Address Parity Test and One Pair to Four Pair Differential Clock PLL Driver
More results

Descripción similar - SN74SSTEB32866

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74SSTUB32866 TI-SN74SSTUB32866 Datasheet
1Mb / 33P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTUB32866 TI-SN74SSTUB32866_09 Datasheet
1Mb / 38P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTU32866 TI-SN74SSTU32866 Datasheet
714Kb / 37P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTUB32866 TI-SN74SSTUB32866_V01 Datasheet
2Mb / 42P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTU32866A TI1-SN74SSTU32866A Datasheet
654Kb / 35P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32866A TI-74SSTUB32866A Datasheet
1Mb / 37P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTUB32866 TI1-SN74SSTUB32866_17 Datasheet
1Mb / 39P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
logo
Integrated Device Techn...
IDT74SSTUA32866 IDT-IDT74SSTUA32866 Datasheet
258Kb / 19P
   1.8V CONFIGURABLE BUFFER WITH ADDRESS-PARITY TEST
logo
Texas Instruments
74SSTUB32868A TI1-74SSTUB32868A Datasheet
770Kb / 25P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868 TI1-74SSTUB32868_15 Datasheet
981Kb / 26P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com