Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74SSTV32852-EP Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza SN74SSTV32852-EP
Descripción Electrónicos  24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74SSTV32852-EP Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74SSTV32852-EP Datasheet HTML 2Page - Texas Instruments SN74SSTV32852-EP Datasheet HTML 3Page - Texas Instruments SN74SSTV32852-EP Datasheet HTML 4Page - Texas Instruments SN74SSTV32852-EP Datasheet HTML 5Page - Texas Instruments SN74SSTV32852-EP Datasheet HTML 6Page - Texas Instruments SN74SSTV32852-EP Datasheet HTML 7Page - Texas Instruments SN74SSTV32852-EP Datasheet HTML 8Page - Texas Instruments SN74SSTV32852-EP Datasheet HTML 9Page - Texas Instruments SN74SSTV32852-EP Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
V
/2
CC
VOLTAGE ANDCURRENTWAVEFORMS
INPUTS ACTIVE ANDINACTIVETIMES
NOTES: A.C includesprobeandjigcapacitance.
L
B.I
testedwithclockanddatainputsheldatV
orGND,andI =0mA.
CC
CC
O
C. Allinputpulsesaresuppliedbygeneratorshavingthefollowingcharacteristics:PRR
10Mhz,ZO=50
,
Inputslewrate=1V/ns 20%(unlessotherwisenoted).
±
D. Theoutputsaremeasuredoneatatimewithonetransitionpermeasurement.
E.V
=V
=V
/2
TT
REF
DDQ
F.V
=V
+310mV(acvoltagelevels)fordifferentialinputs.V
=V
forLVCMOSinput.
IH
REF
IH
CC
G.V =V
310mV(acvoltagelevels)fordifferentialinputs.V =GNDforLVCMOSinput.
IL
REF
IL
H.t
andt
arethesameast .
PLH
PHL
pd
0V
V
CC
LOADCIRCUIT
50 Ω
C =30pF
L
(seeNote A)
TestPoint
V
TT
FromOutput
UnderTest
t
h
t
su
VOLTAGEWAVEFORMS
SETUP ANDHOLDTIMES
Timing
Input
V
ICR
V
REF
Input
V
IL
V
IH
V
REF
V
I(PP)
t
PHL
V
OH
V
OL
Output
V
TT
V
TT
t
PLH
t
PHL
V
IH
V
IL
V
OL
V
OH
LVCMOS
RESET
Input
Output
VOLTAGEWAVEFORMS
PROPAGATIONDELAY TIMES
V
TT
V
/2
CC
V
I(PP)
V
ICR
Timing
Input
V
ICR
VOLTAGEWAVEFORMS
PROPAGATIONDELAY TIMES
V
/2
CC
V
REF
Input
V
REF
t
w
VOLTAGEWAVEFORMS
PULSEDURATION
V
IH
V
IL
LVCMOS
RESET
Input
t
act
t
inact
10%
90%
I
(operating)
CC
I
(standby)
CC
ICC
(see
NoteB)
SN74SSTV32852-EP
24-BIT TO 48-BIT REGISTERED BUFFER
WITH SSTL_2 INPUTS AND OUTPUTS
SCES700 – OCTOBER 2007
Figure 1. Load Circuit and Voltage Waveforms
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): SN74SSTV32852-EP


Número de pieza similar - SN74SSTV32852-EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74SSTV32852-EP TI1-SN74SSTV32852-EP Datasheet
433Kb / 12P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
More results

Descripción similar - SN74SSTV32852-EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74SSTV32852 TI-SN74SSTV32852 Datasheet
270Kb / 10P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV32852 TI1-SN74SSTV32852_09 Datasheet
433Kb / 12P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
logo
Renesas Technology Corp
HD74SSTV32852 RENESAS-HD74SSTV32852 Datasheet
2Mb / 9P
   24-bit to 48-bit Registered Buffer with SSTL_2 Inputs and Outputs
logo
Texas Instruments
SN74SSTVF32852 TI-SN74SSTVF32852 Datasheet
285Kb / 7P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV16857 TI1-SN74SSTV16857_13 Datasheet
902Kb / 12P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV32877 TI1-SN74SSTV32877 Datasheet
392Kb / 12P
[Old version datasheet]   26-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV32867-EP TI1-SN74SSTV32867-EP Datasheet
359Kb / 11P
[Old version datasheet]   26-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND LVCMOS OUTPUTS
logo
Renesas Technology Corp
HD74SSTV16842 RENESAS-HD74SSTV16842 Datasheet
1Mb / 7P
   11-bit to 22-bit Buffer with SSTL_2 Inputs and Outputs
logo
Alliance Semiconductor ...
ASM4SSTVF32852 ALSC-ASM4SSTVF32852 Datasheet
105Kb / 13P
   DDR 24-Bit to 48-Bit Registered Buffer
logo
Integrated Circuit Syst...
ICS32852 ICST-ICS32852 Datasheet
126Kb / 7P
   DDR 24-Bit to 48-Bit Registered Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com