Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCSS2490EM Datasheet(PDF) 9 Page - Crydom Inc.,

No. de pieza MCSS2490EM
Descripción Electrónicos  THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CRYDOM [Crydom Inc.,]
Página de inicio  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

MCSS2490EM Datasheet(HTML) 9 Page - Crydom Inc.,

Back Button MCSS2490EM Datasheet HTML 5Page - Crydom Inc., MCSS2490EM Datasheet HTML 6Page - Crydom Inc., MCSS2490EM Datasheet HTML 7Page - Crydom Inc., MCSS2490EM Datasheet HTML 8Page - Crydom Inc., MCSS2490EM Datasheet HTML 9Page - Crydom Inc., MCSS2490EM Datasheet HTML 10Page - Crydom Inc., MCSS2490EM Datasheet HTML 11Page - Crydom Inc., MCSS2490EM Datasheet HTML 12Page - Crydom Inc., MCSS2490EM Datasheet HTML 13Page - Crydom Inc., Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Panel Mount Solid State Relays - AC Output
H12
25-125Amp
480/600 Vac
SCR AC Switch Output
1200 Volt Blocking
High voltage relays use IC driven circuits for switching loads up to 660 VAC. All
models come with 1200 Volts blocking standard. Types CA, CD and WD are
snubberless and feature low off-state leakage. UL 508A SCCR Approved, consult
Crydom for actual ratings.
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@ 5Vdc
Voltage
1-Cycle
Vrms
Arms
Vdc
mA
Vdc
Apk
H12WD4825 48-660
.15-25
4-32
15
1.0
250
UL, VDE
H12WD4850 48-660
.15-50
4-32
15
1.0
625
UL, CSA, VDE
H12WD4875 48-660
.15-75
4-32
15
1.0
1000
VDE
H12WD4890 48-660
.15-90
4-32
15
1.0
1200
UL, CSA, VDE
H12WD48125 48-660
.15-125 4-32
15
1.0
1750
UL, cUL
H12D4825
48-530
.15-25
4-32
15
1.0
250
UL, cUL, VDE
H12D4850
48-530
.15-50
4-32
15
1.0
625
UL, CSA, VDE
H12D4875
48-530
.15-75
4-32
15
1.0
1000
VDE
H12D4890
48-530
.15-90
4-32
15
1.0
1200
UL, CSA, VDE
H12CD4825
48-660
.15-25
4-15
15
1.0
250
UL, CSA, VDE
H12CD4850
48-660
.15-50
4-15
15
1.0
625
UL, CSA, VDE
H12CD4890
48-660
.15-90
4-15
15
1.0
1200
UL, CSA, VDE
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@120Vrms Voltage
1-Cycle
Vrms
Arms
Vrms
mA
Vrms
Apk
H12CA4825
48-660
.15-25
90-140
15
10.0
250
UL, CSA, VDE
H12CA4850
48-660
.15-50
90-140
15
10.0
625
UL, CSA, VDE
H12CA4890
48-660
.15-90
90-140
15
10.0
1200
UL, CSA, VDE
Operating Temperature Range: -40˚C to 80˚C, Isolation Voltage: 4000 Vrms, Minimum Off-State dv/dt: 500V/μsec
Random turn-on, phase controllable (-10 suffix)
CWD, CWA
10-125Amp
120/240/480/600 Vac
SCR AC Switch Output
Integrated IP20 Fingerproof Cover
EMC Compliant Design
The CW series offers a SCR AC switch output featuring low off-state leakage (1mA,
snubberless), zero cross or random turn-on (-10) switching and a wide operating
range (28-280Vrms) for optimum performance at 120V ac and 240Vac line voltages.
High thermal ratings with reduced power dissipation result in reduced heat sink
requirements for optimum performance. Additional features include; integrated,
removable finger-proof cover, LED status indication and user-friendly connectors. UL 508A
SCCR Approved, consult Crydom for actual ratings.
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@ 12Vdc
Voltage
1-Cycle
Vrms
Arms
Vdc
mA
Vdc
Apk
CWD2410
24-280
.15-10
3-32
10
1.0
400
UL, CSA, VDE
CWD2425
24-280
.15-25
3-32
10
1.0
600
UL, CSA, VDE
CWD2450
24-280
.15-50
3-32
10
1.0
850
UL, CSA, VDE
CWD2490
24-280
.25-90
3-32
10
1.0
1350
UL, CSA, VDE
CWD24125 24-280
.25-125
3-32
10
1.0
2000
UL, CSA, VDE
CWD4810
48-660
.15-10
4-32
10
1.0
400
UL, CSA, VDE
CWD4825
48-660
.15-25
4-32
10
1.0
600
UL, CSA, VDE
CWD4850
48-660
.15-50
4-32
10
1.0
850
UL, CSA, VDE
CWD4890
48-660
.25-90
4-32
10
1.0
1350
UL, CSA, VDE
CWD48125 48-660
.25-125
4-32
10
1.0
2000
UL, cUL
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@120Vrms Voltage
1-Cycle
Vrms
Arms
Vrms
mA
Vrms
Apk
CWA2410
24-280
.15-10
90-280
6.0
10.0
400
UL, CSA, VDE
CWA2425
24-280
.15-25
90-280
6.0
10.0
600
UL, CSA, VDE
CWA2450
24-280
.15-50
90-280
6.0
10.0
850
UL, CSA, VDE
CWA2490
24-280
.25-90
90-280
6.0
10.0
1350
UL, CSA, VDE
CWA24125 24-280
.25-125
90-280
6.0
10.0
2000
UL, CSA, VDE
CWA4810
48-660
.15-10
90-280
6.0
10.0
400
UL, CSA, VDE
CWA4825
48-660
.15-25
90-280
6.0
10.0
600
UL, CSA, VDE
CWA4850
48-660
.15-50
90-280
6.0
10.0
850
UL, CSA, VDE
CWA4890
48-660
.25-90
90-280
6.0
10.0
1350
UL, CSA, VDE
CWA48125 48-660
.25-125
90-280
6.0
10.0
2000
UL, cUL
Operating Temperature Range: -40˚C to 80˚C , isolation Voltage: 4000 Vrms, Minimum Off-State dv/dt: 500V/μsec
24 Vac input versions available (E suffix)
HD, HA
12-125Amp
480Vac
Zero Voltage or Random Turn-on
Ultra Low Control Current
Crydom's HD (DC control) and HA (AC control) relays incorporate the same
proven technologies as our Series 1. All models come with 1200 volts blocking as
standard and are available in either zero-cross or random turn-on and phase
controllable (-10) switching versions.
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@ 5Vdc
Voltage
1-Cycle
Vrms
Arms
Vdc
mA
Vdc
Apk
HD4812
48-530
.04-12
3-32
2.0
1.0
140
UL, CSA, VDE
HD4825
48-530
.04-25
3-32
2.0
1.0
250
UL, CSA, VDE
HD4850
48-530
.04-50
3-32
2.0
1.0
625
UL, CSA, VDE
HD4875
48-530
.04-75
3-32
2.0
1.0
1000 UL, CSA, VDE
HD4890
48-530
.04-90
3-32
2.0
1.0
1200 UL, CSA, VDE
HD48110
48-530
.15-110
3-32
2.0
1.0
1500 UL, cUL
HD48125
48-530
.15-125
3-32
2.0
1.0
1750 UL, cUL
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@120Vrms Voltage
1-Cycle
Vrms
Arms
Vrms
mA
Vrms
Apk
HA4812
48-530
.04-12
90-280
2.0
10.0
140
UL, CSA, VDE
HA4825
48-530
.04-25
90-280
2.0
10.0
250
UL, CSA, VDE
HA4850
48-530
.04-50
90-280
2.0
10.0
625
UL, CSA, VDE
HA4875
48-530
.04-75
90-280
2.0
10.0
1000 UL, CSA, VDE
HA4890
48-530
.04-90
90-280
2.0
10.0
1200 UL, CSA, VDE
HA48110
48-530
.15-110
90-280
2.0
10.0
1500 UL, cUL
HA48125
48-530
.15-125
90-280
2.0
10.0
1750 UL, cUL
Operating Temperature Range: -40˚C to 80˚C, Isolation Voltage: 4000 Vrms, Minimum Off-State dv/dt: 500V/μsec
24 Vac input versions available (E suffix)
SMR, SMR-6
25-90Amp
120/240/480 Vac
SCR AC Switch Output
Versatile System Monitoring SSR
LED Status Indicators, Alarm Output
The SMR system monitoring SSR’s offer a wide range of built-in fault condition
alarms to the end-user. Loss of voltage, open circuit load, relay damage and loss
of DC supply are constantly monitored. LED status indicators complete the
package for early detection of equipment problems. SMR-6 models offer the user
the capability to configure the relay with either inverting or non-inverting control
and alarm. The alarm circuit can sink or source up to 100mA.
Line
Load
Control
Control
Alarm
Surge
Voltage
Current
Voltage
Current
Output
Current
Range
Range
Range
@ 12Vdc Current
1-Cycle
Vrms
Arms
Vdc
mA
mA (max.) Apk
SMR2425
60-280
.04-25
8-32
6
100
250
UL, CSA, VDE
SMR2450
60-280
.04-50
8-32
6
100
625
UL, CSA, VDE
SMR2490
60-280
.04-90
8-32
6
100
1200
UL, CSA, VDE
SMR2425-6
60-280
.04-25
8-32
6
100
250
UL, CSA, VDE
SMR2450-6
60-280
.04-50
8-32
6
100
625
UL, CSA, VDE
SMR2490-6
60-280
.04-90
8-32
6
100
120
UL, CSA, VDE
SMR4825-6
96-530
.04-25
8-32
6
100
250
CSA, VDE
SMR4850-6
96-530
.04-50
8-32
6
100
625
CSA, VDE
SMR4890-6
96-530
.04-90
8-32
6
100
1200
CSA, VDE
Operating Temperature Range: -40˚C to 80˚C, Isolation Voltage: 4000 Vrms, Minimum Off-State dv/dt: 500V/μsec
9
Other Crydom products and competitive part number cross-reference available at: www.crydom.com


Número de pieza similar - MCSS2490EM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ohmite Mfg. Co.
MCS OHMITE-MCS Datasheet
491Kb / 2P
   Metal Element Current Sense
logo
XP Power Limited
MCS XPPOWER-MCS Datasheet
394Kb / 2P
   Rugged Desktop Design
logo
Copal Electronics
MCS COPAL-MCS Datasheet
666Kb / 9P
   Sub-miniature Slide Switches
logo
Laird Tech Smart Techno...
MCS LSTD-MCS Datasheet
200Kb / 2P
   High power performance
logo
Ohmite Mfg. Co.
MCS OHMITE-MCS Datasheet
542Kb / 2P
   Metal Element Current Sense Resistive Metal Alloy mOhm Technology, SMD
More results

Descripción similar - MCSS2490EM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BRIGHT LED ELECTRONICS ...
DAP4119 BRIGHT-DAP4119 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
Gennum Corporation
2357NQ GENNUM-2357NQ Datasheet
995Kb / 8P
   Solid-state technology
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com