Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC240 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza TC240
Descripción Electrónicos  780-488-PIXEL CCD IMAGE SENSOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TC240 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TC240 Datasheet HTML 5Page - Texas Instruments TC240 Datasheet HTML 6Page - Texas Instruments TC240 Datasheet HTML 7Page - Texas Instruments TC240 Datasheet HTML 8Page - Texas Instruments TC240 Datasheet HTML 9Page - Texas Instruments TC240 Datasheet HTML 10Page - Texas Instruments TC240 Datasheet HTML 11Page - Texas Instruments TC240 Datasheet HTML 12Page - Texas Instruments TC240 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TC240
780-
× 488-PIXEL CCD IMAGE SENSOR
SOCS005A – OCTOBER 1985 – REVISED DECEMBER 1991
2-109
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
mV
Amplitude
t
Illumination
% of Total
t
Figure 6. Pixel Nonuniformity,
Figure 7. Pixel Nonuniformity,
Dark Condition
Illuminated Condition
The grade specification for the TC240 is as follows (CCD video output signal is 50 mV
±10 mV):
Pixel nonuniformity:
DARK CONDITION
ILLUMINATED CONDITION
DISTANCE
PART
NONUNIFORM PIXEL TYPE
TOTAL
SEPARATION
PART
NUMBER
PIXEL
AMPLITUDE x
WHITE
BLACK
W/B†
% OF TOTAL
AREA A
AREA B
TOTAL
COUNT‡
NUMBER
AMPLITUDE, x
(MV)
AREA
AREA
AREA
ILLUMINATION
AREA A
AREA B
COUNT‡
X
Y
AREA
(
)
A
B
A
B
A
B
TC240 10
x
≤ 2.5
2
5
2
5
2
5
x
≤ 5
2
5
10
150
100
AB
TC240-10
x > 2.5
0
0
0
0
0
0
x > 5
0
0
10
150
100
A, B
TC240-20
x > 3.5
0
0
0
0
0
0
x > 5
0
0
TC240 30
2.5 < x
≤ 3.5
2
5
2
5
2
5
5 < x
≤ 7.5
2
5
12
100
80
A
TC240-30
x > 3.5
0
0
0
0
0
0
x > 7.5
0
0
12
100
80
A
TC240-40
3.5 < x
≤ 7
3
7
3
7
3
7
7.5 < x
≤ 15
3
7
15
TC240-40
x > 7
0
0
0
0
0
0
x > 15
0
0
15
† White and black nonuniform pixel pair
‡ The total spot count is the sum of 1) the numbers of nonuniform white pixels, nonuniform black pixels, and nonuniform white/black pixel pairs
while the sensor is in the dark condition and 2) the number of nonuniform black pixels while the sensor is in the illuminated condition. The total
spot count will not exceed the values shown in this column.
Column nonuniformity:
PART
NUMBER
COLUMN
AMPLITUDE, x
(mV)
WHITE
AREAS
A AND B
BLACK
AREAS
A AND B
TC240-10
x > 0.3
0
0
TC240-20
x > 0.3
0
0
TC240-30
x > 0.5
0
0
TC240-40
x > 0.7
0
0


Número de pieza similar - TC240

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MORNSUN Science& Techno...
TC240PW MORNSUN-TC240PW Datasheet
574Kb / 4P
   Programmable Thermocouple isolators
More results

Descripción similar - TC240

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TC241 TI-TC241 Datasheet
282Kb / 18P
[Old version datasheet]   780- 횞 488-pixel ccd image sensor
TC244 TI1-TC244 Datasheet
312Kb / 19P
[Old version datasheet]   786- 횞 488-PIXEL CCD IMAGE SENSOR
TC244A TI-TC244A Datasheet
311Kb / 19P
[Old version datasheet]   786- 횞 488-PIXEL CCD IMAGE SENSOR
TC245 TI-TC245 Datasheet
469Kb / 19P
[Old version datasheet]   786- 횞 488-pixel ccd image sensor
TC217 TI-TC217 Datasheet
384Kb / 21P
[Old version datasheet]   1158- 횞 488-pixel ccd image sensor
TC237 TI-TC237 Datasheet
191Kb / 15P
[Old version datasheet]   680- 횞 500-pixel ccd image sensor
TC271 TI1-TC271 Datasheet
373Kb / 22P
[Old version datasheet]   1080 횞 580-PIXEL CCD IMAGE SENSOR
TC277 TI-TC277 Datasheet
297Kb / 19P
[Old version datasheet]   735- 횞 580-PIXEL CCD IMAGE SENSOR
TC211 TI-TC211 Datasheet
173Kb / 13P
[Old version datasheet]   192- 횞 165-pixel ccd image sensor
TC213 TI-TC213 Datasheet
325Kb / 21P
[Old version datasheet]   1024- 횞 512-pixel ccd image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com