Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMJ320C80 Datasheet(PDF) 73 Page - Texas Instruments

No. de pieza SMJ320C80
Descripción Electrónicos  DIGITAL SIGNAL PROCESSOR
Download  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SMJ320C80 Datasheet(HTML) 73 Page - Texas Instruments

Back Button SMJ320C80_02 Datasheet HTML 69Page - Texas Instruments SMJ320C80_02 Datasheet HTML 70Page - Texas Instruments SMJ320C80_02 Datasheet HTML 71Page - Texas Instruments SMJ320C80_02 Datasheet HTML 72Page - Texas Instruments SMJ320C80_02 Datasheet HTML 73Page - Texas Instruments SMJ320C80_02 Datasheet HTML 74Page - Texas Instruments SMJ320C80_02 Datasheet HTML 75Page - Texas Instruments SMJ320C80_02 Datasheet HTML 76Page - Texas Instruments SMJ320C80_02 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 158 page
background image
SMJ320C80
DIGITAL SIGNAL PROCESSOR
SGUS025B -- AUGUST 1998 -- REVISED JUNE 2002
73
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
row states
The row states make up the row time of each memory access. They occur when each new page access begins.
The transition indicators determine the conditions that cause transitions to another state.
Table 35. Row States
STATE
DESCRIPTION
r1
Beginning state for all memory accesses. Outputs row address (A[31:0]) and cycle type (STATUS[5:0]) and drives control
signals to their inactive state
r2
Common to all memory accesses. Asserts RL and drives DDIN according to the data transfer direction. AS[2:0], BS[1:0],
CT[2:0], PS[3:0], and UTIME inputs are sampled
r3
Common to all memory accesses. DBEN is driven to its active level. For non-SDRAM, W,TRG/CAS, and DSF are driven to
their active levels, and for non-SDRAM refreshes, all CAS/DQM strobes are activated. FAULT, READY, and RETRY inputs are
sampled.
r4
Inserted for 3 cycle/column accesses (CT=111) only. No signal transitions occur. RETRY input is sampled.
r5
Common to SDRAM and 2 or 3 cycle/column accesses (CT=0xx or 11x). RAS is driven low. W is driven low for DCAB and MRS
cycles and TRG/CAS is driven low for MRS and SDRAM refresh cycles.
r6
Common to all memory accesses. For SDRAM cycles, RAS,TRG/CAS, and W are driven high. For non-SDRAM, RAS is driven
low (if not already) and W,TRG/CAS, and DSF are driven to their appropriate levels. DBEN is driven low and READY and
RETRY are sampled.
rspin
Additional state to allow TC column time pipeline to load. No signal transitions occur. RETRY is sampled. The rspin state can, on
occasion, repeat multiple times.
r7
Common to 2 and 3 cycle/column refreshes (CT=11x). Processor activity code is output on STATUS[5:0]. RETRY input is
sampled.
r8
For 3 cycle/column refreshes only (CT=111). No signal transitions occur. RETRY input is sampled.
r9
Common to all refresh cycles. Processor activity code is output on STATUS[5:0] and RETRY input is sampled.
drn
Occurs for SDRAM cycles (CT = 0xx) and pipelined 1 cycle/column writes only. For SDRAM cycles, RAS, and W are activated
to perform a DCAB command. For pipelined writes, all CAS/DQM strobes are activated.
rhiz
High-impedance state. Occurs during host requests and repeats until bus is released by the host
Table 36. State Transition Indicators
INDICATOR
DESCRIPTION
any cycle
Continuation of current cycle
CT=xxx
State change occurs for indicated CT[2:0] value (as latched in r2 state)
abort
Current cycle aborted by TC in favor of higher-priority cycle
fault
FAULT input sampled low (in r3 state), memory access faulted
retry
RETRY input sampled low (in r3 state), row-time retry
wait
READY input sampled low (in r3, r6, or last column state) repeat current state
spin
Internally generated wait state to allow TC pipeline to load
new page
The next access requires a page change (new row access)
external memory timing examples
The following sections contain descriptions of the ’C80 memory cycles and illustrate the signal transitions for
those cycles. Memory cycles can be separated into two basic categories: DRAM-type cycles for use with
DRAM-like devices, SRAM, and peripherals, and SDRAM-type cycles for use with SDRAM-like devices.


Número de pieza similar - SMJ320C80_02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SMJ320C80GF TI-SMJ320C80GF Datasheet
2Mb / 157P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SMJ320C80GFM50 TI-SMJ320C80GFM50 Datasheet
2Mb / 157P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SMJ320C80GFM50 TI1-SMJ320C80GFM50 Datasheet
3Mb / 158P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SMJ320C80HFH TI-SMJ320C80HFH Datasheet
2Mb / 157P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SMJ320C80HFHM50 TI-SMJ320C80HFHM50 Datasheet
2Mb / 157P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Descripción similar - SMJ320C80_02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com