Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM320C6712-EP Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza SM320C6712-EP
Descripción Electrónicos  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C6712-EP Datasheet(HTML) 7 Page - Texas Instruments

Back Button SM320C6712-EP Datasheet HTML 3Page - Texas Instruments SM320C6712-EP Datasheet HTML 4Page - Texas Instruments SM320C6712-EP Datasheet HTML 5Page - Texas Instruments SM320C6712-EP Datasheet HTML 6Page - Texas Instruments SM320C6712-EP Datasheet HTML 7Page - Texas Instruments SM320C6712-EP Datasheet HTML 8Page - Texas Instruments SM320C6712-EP Datasheet HTML 9Page - Texas Instruments SM320C6712-EP Datasheet HTML 10Page - Texas Instruments SM320C6712-EP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 109 page
background image
SM320C6712EP, SM320C6712CEP, SM320C6712DEP
FLOATINGPOINT DIGITAL SIGNAL PROCESSORS
SGUS055 − SEPTEMBER 2004
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
functional block and CPU (DSP core) diagram
Enhanced
DMA
Controller
(16 channel)
Test
C67x CPU (DSP Core)
Data Path B
B Register File
Instruction Fetch
Instruction Dispatch
Instruction Decode
Data Path A
A Register File
Power-Down
Logic
.L1† .S1† .M1† .D1
.D2 .M2† .S2† .L2†
16
SDRAM
ROM/FLASH
SBSRAM
I/O Devices
L1P Cache
Direct Mapped
4K Bytes Total
Control
Registers
Control
Logic
In-Circuit
Emulation
Interrupt
Control
Framing Chips:
H.100, MVIP,
SCSA, T1, E1
AC97 Devices,
SPI Devices,
Codecs
C6712/C6712C/C6712D Digital Signal Processors
† In addition to fixed-point instructions, these functional units execute floating-point instructions.
‡ The C6712C/C6712D device has a software-configurable PLL (with x4 through x25 multiplier and /1 through /32 divider) and a PLL
Controller which is different from the hardware PLL peripheral on the C6712 device.
§ Applicable to the C6712C/C6712D device only
L2
Memory
4 Banks
64K Bytes
Total
PLL‡
Timer 0
External
Memory
Interface
(EMIF)
Multichannel
Buffered
Serial Port 1
(McBSP1)
Multichannel
Buffered
Serial Port 0
(McBSP0)
SRAM
Timer 1
Interrupt
Selector
Boot
Configuration
GPIO§
L1D Cache
2-Way Set
Associative
4K Bytes Total


Número de pieza similar - SM320C6712-EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SM320C6711-EP TI1-SM320C6711-EP Datasheet
1Mb / 128P
[Old version datasheet]   FLOATING-POINT DIGTAL SIGNAL PROCESSORS
SM320C6711B-EP TI1-SM320C6711B-EP Datasheet
1Mb / 128P
[Old version datasheet]   FLOATING-POINT DIGTAL SIGNAL PROCESSORS
SM320C6711C-EP TI1-SM320C6711C-EP Datasheet
1Mb / 128P
[Old version datasheet]   FLOATING-POINT DIGTAL SIGNAL PROCESSORS
SM320C6711D-EP TI1-SM320C6711D-EP Datasheet
1Mb / 128P
[Old version datasheet]   FLOATING-POINT DIGTAL SIGNAL PROCESSORS
SM320C6713-EP TI-SM320C6713-EP Datasheet
1Mb / 123P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com