Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMOMAPL138B-HIREL Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SMOMAPL138B-HIREL
Descripción Electrónicos  SMOMAPL138B Low-Power Applications Processor
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SMOMAPL138B-HIREL Datasheet(HTML) 1 Page - Texas Instruments

  SMOMAPL138B-HIREL Datasheet HTML 1Page - Texas Instruments SMOMAPL138B-HIREL Datasheet HTML 2Page - Texas Instruments SMOMAPL138B-HIREL Datasheet HTML 3Page - Texas Instruments SMOMAPL138B-HIREL Datasheet HTML 4Page - Texas Instruments SMOMAPL138B-HIREL Datasheet HTML 5Page - Texas Instruments SMOMAPL138B-HIREL Datasheet HTML 6Page - Texas Instruments SMOMAPL138B-HIREL Datasheet HTML 7Page - Texas Instruments SMOMAPL138B-HIREL Datasheet HTML 8Page - Texas Instruments SMOMAPL138B-HIREL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 282 page
background image
SMOMAPL138B-HiRel
www.ti.com
SLVSAQ9A
– JANUARY 2011 – REVISED JANUARY 2012
SMOMAPL138B Low-Power Applications Processor
Check for Samples: SMOMAPL138B-HiRel
1
SMOMAPL138B Low-Power Applications Processor
1.1
Features
123
– Normalization, Saturation, Bit-Counting
• Highlights
– Compact 16-Bit Instructions
– Dual Core SoC
• C674x Two Level Cache Memory Architecture
375/456-MHz ARM926EJ-S
™ RISC MPU
– 32K-Byte L1P Program RAM/Cache
375/456-MHz C674x Fixed/Floating-Point
VLIW DSP
– 32K-Byte L1D Data RAM/Cache
– Enhanced Direct-Memory-Access Controller
– 256K-Byte L2 Unified Mapped RAM/Cache
(EDMA3)
– Flexible RAM/Cache Partition (L1 and L2)
– Serial ATA (SATA) Controller
• Enhanced Direct-Memory-Access Controller 3
– DDR2/Mobile DDR Memory Controller
(EDMA3):
– Two Multimedia Card (MMC)/Secure Digital
– 2 Channel Controllers
(SD) Card Interface
– 3 Transfer Controllers
– LCD Controller
– 64 Independent DMA Channels
– Video Port Interface (VPIF)
– 16 Quick DMA Channels
– 10/100 Mb/s Ethernet MAC (EMAC):
– Programmable Transfer Burst Size
– Programmable Real-Time Unit Subsystem
• TMS320C674x Floating-Point VLIW DSP Core
– Three Configurable UART Modules
– Load-Store Architecture With Non-Aligned
– USB 1.1 OHCI (Host) With Integrated PHY
Support
– USB 2.0 OTG Port With Integrated PHY
– 64 General-Purpose Registers (32 Bit)
– One Multichannel Audio Serial Port
– Six ALU (32-/40-Bit) Functional Units
– Two Multichannel Buffered Serial Ports
Supports 32-Bit Integer, SP (IEEE Single
Precision/32-Bit) and DP (IEEE Double
• Dual Core SoC
Precision/64-Bit) Floating Point
– 375/456-MHz ARM926EJ-S™ RISC MPU
Supports up to Four SP Additions Per
– 375/456-MHz C674x VLIW DSP
Clock, Four DP Additions Every 2 Clocks
• ARM926EJ-S Core
Supports up to Two Floating Point (SP or
– 32-Bit and 16-Bit (Thumb®) Instructions
DP) Reciprocal Approximation (RCPxP)
– DSP Instruction Extensions
and Square-Root Reciprocal
– Single Cycle MAC
Approximation (RSQRxP) Operations Per
– ARM® Jazelle® Technology
Cycle
– EmbeddedICE-RT™ for Real-Time Debug
– Two Multiply Functional Units
• ARM9 Memory Architecture
Mixed-Precision IEEE Floating Point
Multiply Supported up to:
– 16K-Byte Instruction Cache
– 2 SP x SP -> SP Per Clock
– 16K-Byte Data Cache
– 2 SP x SP -> DP Every Two Clocks
– 8K-Byte RAM (Vector Table)
– 2 SP x DP -> DP Every Three Clocks
– 64K-Byte ROM
– 2 DP x DP -> DP Every Four Clocks
• C674x Instruction Set Features
Fixed Point Multiply Supports Two 32 x
– Superset of the C67x+™ and C64x+™ ISAs
32-Bit Multiplies, Four 16 x 16-Bit
– Up to 3648/2746 C674x MIPS/MFLOPS
Multiplies, or Eight 8 x 8-Bit Multiplies per
– Byte-Addressable (8-/16-/32-/64-Bit Data)
Clock Cycle, and Complex Multiples
– 8-Bit Overflow Protection
– Instruction Packing Reduces Code Size
– Bit-Field Extract, Set, Clear
– All Instructions Conditional
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
TMS320C6000, C6000 are trademarks of Texas Instruments.
3
ARM926EJ-S is a trademark of ARM Limited.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright
© 2011–2012, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Número de pieza similar - SMOMAPL138B-HIREL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SMOMAPL138B TI-SMOMAPL138B Datasheet
1Mb / 281P
[Old version datasheet]   SMOMAPL138B Low-Power Applications Processor
SMOMAPL138BGWTA3R TI-SMOMAPL138BGWTA3R Datasheet
1Mb / 281P
[Old version datasheet]   SMOMAPL138B Low-Power Applications Processor
More results

Descripción similar - SMOMAPL138B-HIREL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SMOMAPL138B TI-SMOMAPL138B Datasheet
1Mb / 281P
[Old version datasheet]   SMOMAPL138B Low-Power Applications Processor
OMAPL137BPTPH TI-OMAPL137BPTPH Datasheet
1Mb / 205P
[Old version datasheet]   Low-Power Applications Processor
OMAP-L138 TI-OMAP-L138_10 Datasheet
2Mb / 268P
[Old version datasheet]   Low-Power Applications Processor
OMAP-L137 TI-OMAP-L137 Datasheet
1Mb / 219P
[Old version datasheet]   Low-Power Applications Processor
OMAPL137CZKBT3 TI1-OMAPL137CZKBT3 Datasheet
1Mb / 222P
[Old version datasheet]   OMAP-L137 Low-Power Applications Processor
OMAP-L138 TI-OMAP-L138 Datasheet
2Mb / 255P
[Old version datasheet]   OMAP-L138 Low-Power Applications Processor
OMAP-L137 TI-OMAP-L137_15 Datasheet
1Mb / 222P
[Old version datasheet]   OMAP-L137 Low-Power Applications Processor
OMAPL137DZKB3 TI-OMAPL137DZKB3 Datasheet
1Mb / 223P
[Old version datasheet]   OMAP-L137 Low-Power Applications Processor
OMAP-L138_0908 TI-OMAP-L138_0908 Datasheet
2Mb / 268P
[Old version datasheet]   OMAP-L138 Low-Power Applications Processor
OMAP-L137 TI-OMAP-L137_1 Datasheet
71Kb / 7P
[Old version datasheet]   Low-Power Applications Processor Silicon Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com