Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMJ320C50HFGM50 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SMJ320C50HFGM50
Descripción Electrónicos  DIGITAL SIGNAL PROCESSOR
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SMJ320C50HFGM50 Datasheet(HTML) 5 Page - Texas Instruments

  SMJ320C50HFGM50 Datasheet HTML 1Page - Texas Instruments SMJ320C50HFGM50 Datasheet HTML 2Page - Texas Instruments SMJ320C50HFGM50 Datasheet HTML 3Page - Texas Instruments SMJ320C50HFGM50 Datasheet HTML 4Page - Texas Instruments SMJ320C50HFGM50 Datasheet HTML 5Page - Texas Instruments SMJ320C50HFGM50 Datasheet HTML 6Page - Texas Instruments SMJ320C50HFGM50 Datasheet HTML 7Page - Texas Instruments SMJ320C50HFGM50 Datasheet HTML 8Page - Texas Instruments SMJ320C50HFGM50 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
SMJ320C50/SMQ320C50
DIGITAL SIGNAL PROCESSOR
SGUS020B -- JUNE 1996 -- REVISED SEPTEMBER 2001
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
terminal assignments (continued)
NAME
PQ PKG
HFG PKG
GFA PKG
NAME
PQ PKG
HFG PKG
GFA PKG
X2/CLKIN
96
79
M18
TCLKX
123
106
B16
X1
97
80
N19
CLKX
124
107
A17
VDD11
98
81
J5
TFSR/TADD
125
108
C13
VDD12
99
82
L5
TCLKR
126
109
B14
TDO
100
83
L19
RS
127
110
A15
VSS13
101
84
T6
READY
128
111
C11
VSS14
102
85
T8
HOLD
129
112
B12
CLKMD2
103
86
K18
BIO
130
113
A13
FSX
104
87
J19
VDD15
131
114
R7
TFSX/TFRM
105
88
G19
VDD16
132
115
R9
DX
106
89
H18
IAQ
1
116
A11
TDX
107
90
J17
TRST
2
117
A9
HOLDA
108
91
E19
VSS1
3
118
B10
XF
109
92
F18
VSS2
4
119
D6
CLKOUT1
110
93
G17
MP/MC
5
120
A7
NC
111
94
D15(MSB)
6
121
B8
IACK
112
95
E17
D14
7
122
C9
VDD13
113
96
N5
D13
8
123
A5
VDD14
114
97
R5
D12
9
124
B6
NC
115
98
D11
10
125
C7
NC
116
99
D10
11
126
A3
NC
117
100
D9
12
127
B4
EMU0
118
101
B18
D8
13
128
C5
EMU1/OFF
119
102
A19
VDD1
14
129
A1
VSS15
120
103
T10
VDD2
15
130
B2
VSS16
121
104
T12
NC
16
131
TOUT
122
105
C15
NC
17
132
NC = No internal connection
GFA Package additional connections:
VDD: R11, E15, G15, J15, L15, N15, R13, R15, T16, U17, V18, W17, W19
VSS: T14, U1, U3, V2, W1, C17, C19, D14, D16, D18, F16, H16, K16, M16, P16


Número de pieza similar - SMJ320C50HFGM50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SMJ320C50HFGM50 TI-SMJ320C50HFGM50 Datasheet
483Kb / 31P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Descripción similar - SMJ320C50HFGM50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com