Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM32VC5510AGGWA2EP Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza SM32VC5510AGGWA2EP
Descripción Electrónicos  SM320VC5510A-EP Fixed-Point Digital Signal Processor
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SM32VC5510AGGWA2EP Datasheet(HTML) 4 Page - Texas Instruments

  SM32VC5510AGGWA2EP Datasheet HTML 1Page - Texas Instruments SM32VC5510AGGWA2EP Datasheet HTML 2Page - Texas Instruments SM32VC5510AGGWA2EP Datasheet HTML 3Page - Texas Instruments SM32VC5510AGGWA2EP Datasheet HTML 4Page - Texas Instruments SM32VC5510AGGWA2EP Datasheet HTML 5Page - Texas Instruments SM32VC5510AGGWA2EP Datasheet HTML 6Page - Texas Instruments SM32VC5510AGGWA2EP Datasheet HTML 7Page - Texas Instruments SM32VC5510AGGWA2EP Datasheet HTML 8Page - Texas Instruments SM32VC5510AGGWA2EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 82 page
background image
Contents
iv
August 2003 − Revised November 2003
SGUS045A
5.11
XF Timings
55
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.12
General-Purpose Input/Output (IOx) Timings
56
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.13
TIN/TOUT Timings
57
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.14
Multichannel Buffered Serial Port (McBSP) Timings
58
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.14.1
McBSP Transmit and Receive Timings
58
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.14.2
McBSP General-Purpose I/O Timing
61
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.14.3
McBSP as SPI Master or Slave Timing
62
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.15
Enhanced Host-Port Interface (EHPI) Timing
66
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6
Mechanical Data
72
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.1
Ball Grid Array (GGW) Package Mechanical Data
72
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Número de pieza similar - SM32VC5510AGGWA2EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Dc Components
SM320 DCCOM-SM320 Datasheet
389Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SeCoS Halbleitertechnol...
SM3200A SECOS-SM3200A Datasheet
216Kb / 2P
   3.0 A Schottky Barrier Rectifiers
logo
Leshan Radio Company
SM3200A LRC-SM3200A Datasheet
181Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 150 to200V Forward Current 3.0A
logo
Goodwork Semiconductor ...
SM3200A GWSEMI-SM3200A Datasheet
64Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
AiT Semiconductor Inc.
SM3200A AITSEMI-SM3200A Datasheet
722Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 3.0A
REV1.0
More results

Descripción similar - SM32VC5510AGGWA2EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SM320VC5510A-HIREL TI1-SM320VC5510A-HIREL Datasheet
928Kb / 81P
[Old version datasheet]   SM320VC5510A-HiRel Fixed-Point Digital Signal Processor
SM320VC5416-EP TI1-SM320VC5416-EP Datasheet
1Mb / 94P
[Old version datasheet]   SM320VC5416-EP Fixed-Point Digital Signal Processor
SM320VC5421-EP TI1-SM320VC5421-EP Datasheet
1Mb / 95P
[Old version datasheet]   SM320VC5421-EP Fixed-Point Digital Signal Processor
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com