Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMJ320C26BFDM Datasheet(PDF) 11 Page - Texas Instruments |
|
SMJ320C26BFDM Datasheet(HTML) 11 Page - Texas Instruments |
11 / 40 page SMJ320C26 DIGITAL SIGNAL PROCESSOR SGUS 016A – AUGUST 1990 – REVISED AUGUST 2001 11 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 interrupts and subroutines The SMJ320C26 has three external maskable user interrupts INT2–INT0, available for external devices that interrupt the processor. Internal interrupts are generated by the serial port (RINT and XINT), by the timer (TINT), and by the software interrupt (TRAP) instruction. Interrupts are prioritized with reset (RS) having the highest priority and the serial port transmit interrupt (XINT) having the lowest priority. All interrupt locations are on two-words boundaries so that branch instructions can be accommodated in those locations if desired. A built in mechanism protects multicycle instructions from interrupts. If an interrupt occurs during a multicycle instruction, the interrupt is not processed until the instruction is completed. This mechanism applies both to instructions that are repeated or become multicycle due to the READY signal. external interface The SMJ320C26 supports a wide range of system interfacing requirements. Program, data, and I/O address spaces provide interface to memory and I/O, thus maximizing system throughput. I/O design is simplified by having I/O treated the same way as memory. I/O devices are mapped into the I/O address space using the processor’s external address and data busses in the same manner as memory-mapped devices. Interface to memory and I/O devices of varying speeds is accomplished by using the READY line. When transactions are made with slower devices, the SMJ320C26 processor waits until the other device completes its function and signals the processor via the READY line, the SMJ320C26 then continues execution. A serial port provides communication with serial devices, such as codecs, serial A/D converters, and other serial systems. The interface signals are compatible with codecs and many other serial devices with a minimum of external hardware. The serial port may also be used for intercommunication between processors in multiprocessing applications. The serial port has two memory mapped registers; the data transmit register (DXR) and the data receive register (DRR). Both registers operate in either the byte mode or 16-bit word mode, and may be accessed in the same manner as any other data memory location. Each register has an external clock, a framing signal, and associated shift registers. One method of multiprocessing may be implemented by programming one device to transmit while the others are in the receive mode. multiprocessing The flexibility of the SMJ320C26 allows configurations to satisfy a wide range of system requirements. The SMJ320C26 can be used as follows: D A standalone processor. D A multiprocessor with devices in parallel. D A multiprocessor with global memory space. D A peripheral processor interfaced via processor controlled signals to another device. For multiprocessing applications, the SMJ320C26 has the capability of allocating global data memory space and communicating with that space via the BR (bus request) and READY control signals. Global memory is data memory shared by more than one processor. Global data memory access must be arbitrated. The 8-bit memory mapped GREG (global memory allocation register) specifies part of the SMJ320C26’s data memory as global external memory. The contents of the register determine the size of the global memory space. If the current instruction addresses a location within that space, BR is asserted to request control of the data bus. The length of the memory cycle is controlled by the READY line. The SMJ320C26 supports DMA (direct memory access) to its external program/data memory using the HOLD and HOLDA signals. Another processor can take complete control of the SMJ320C26’s external memory by asserting HOLD low. This causes the SMJ320C26 to place its address, data, and control lines in a high impedance state, and assert HOLDA. |
Número de pieza similar - SMJ320C26BFDM |
|
Descripción similar - SMJ320C26BFDM |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |