Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM65MLVD047ADR Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza SM65MLVD047ADR
Descripción Electrónicos  MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SM65MLVD047ADR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SM65MLVD047ADR Datasheet HTML 2Page - Texas Instruments SM65MLVD047ADR Datasheet HTML 3Page - Texas Instruments SM65MLVD047ADR Datasheet HTML 4Page - Texas Instruments SM65MLVD047ADR Datasheet HTML 5Page - Texas Instruments SM65MLVD047ADR Datasheet HTML 6Page - Texas Instruments SM65MLVD047ADR Datasheet HTML 7Page - Texas Instruments SM65MLVD047ADR Datasheet HTML 8Page - Texas Instruments SM65MLVD047ADR Datasheet HTML 9Page - Texas Instruments SM65MLVD047ADR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
SN65MLVD047A
SLLS736A − JULY 2006 − REVISED MAY 2008
www.ti.com
6
PARAMETER MEASUREMENT INFORMATION
VYZ
Y
Z
IY
VZ
VY
VOS
VI
D
VCC
VY + VZ
2
IZ
II
Figure 1. Driver Voltage and Current Definitions
VYZ
49.9
3.32 k
3.32 k
_
+
−1 V
≤ Vtest ≤ 3.4 V
Y
Z
D
NOTE: All resistors are 1% tolerance.
Figure 2. Differential Output Voltage Test Circuit
VOS
R1
24.9
Y
C3
2.5 pF
VOS(PP)
nVOS(SS)
VOS(SS)
≈ 1.3 V
Z
Y
≈ 0.7 V
Z
D
R2
24.9
C1
1 pF
C2
1 pF
NOTES:A. All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, pulse frequency = 500 kHz,
duty cycle = 50
± 5%.
B. C1, C2 and C3 include instrumentation and fixture capacitance within 2 cm of the D.U.T. and are
±20%.
C. R1 and R2 are metal film, surface mount,
±1%, and located within 2 cm of the D.U.T.
D. The measurement of VOS(PP) is made on test equipment with a −3 dB bandwidth of at least 1 GHz.
Figure 3. Test Circuit and Definitions for the Common-Mode Output Voltage
VTest
+
Y
Z
IOS
0 V or VCC
−1 V to 3.4 V
Figure 4. Short-Circuit Test Circuit


Número de pieza similar - SM65MLVD047ADR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SM65MLVD080DGGR TI-SM65MLVD080DGGR Datasheet
239Kb / 24P
[Old version datasheet]   8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
SM65MLVD080DGGR TI-SM65MLVD080DGGR Datasheet
526Kb / 28P
[Old version datasheet]   8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
SM65MLVD082DGGR TI-SM65MLVD082DGGR Datasheet
239Kb / 24P
[Old version datasheet]   8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
SM65MLVD082DGGR TI-SM65MLVD082DGGR Datasheet
526Kb / 28P
[Old version datasheet]   8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
More results

Descripción similar - SM65MLVD047ADR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047_06 Datasheet
308Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047 Datasheet
230Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_06 Datasheet
223Kb / 12P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_07 Datasheet
373Kb / 14P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_10 Datasheet
465Kb / 16P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
   LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
   LVDS Quad CMOS Differential Line Driver
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML_16 Datasheet
660Kb / 21P
[Old version datasheet]   LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com