Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2530DBVR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2530DBVR
Descripción Electrónicos  Current-Limited, Power-Distribution Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2530DBVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2530DBVR Datasheet HTML 5Page - Texas Instruments TPS2530DBVR Datasheet HTML 6Page - Texas Instruments TPS2530DBVR Datasheet HTML 7Page - Texas Instruments TPS2530DBVR Datasheet HTML 8Page - Texas Instruments TPS2530DBVR Datasheet HTML 9Page - Texas Instruments TPS2530DBVR Datasheet HTML 10Page - Texas Instruments TPS2530DBVR Datasheet HTML 11Page - Texas Instruments TPS2530DBVR Datasheet HTML 12Page - Texas Instruments TPS2530DBVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TPS2530
www.ti.com
SLUSB67 – AUGUST 2012
DETAILED DESCRIPTION
TPS2530 is current-limited, power-distribution switch providing 0.5 A continuous load current in 3.3 V or 5 V
circuits. The part use N-channel MOSFETs for low resistance, maintaining voltage to the load. It is designed for
applications where short circuits or heavy capacitive loads are encountered. Device features include enable,
reverse blocking when disabled, overcurrent protection, overtemperature protection, and deglitched fault
reporting.
UVLO
The undervoltage lockout (UVLO) circuit disables the power switch until the input voltage reaches the UVLO turn
on threshold. Built-in hysteresis prevents unwanted on/off cycling due to input voltage drop from large current
surges. FLT is high impedance when the TPS2530 is in UVLO.
ENABLE
The logic enable input EN, controls the power switch, bias for the charge pump, driver, and other circuits. The
supply current is reduced to less than 1 µA when the TPS2530 is disabled. Disabling the TPS2530 will
immediately clear an active FLT indication. The enable input is compatible with both TTL and CMOS logic levels.
The turn on and turn off times (tON, tOFF) are composed of a delay and a rise or fall time (tR, tF). The delay times
are internally controlled. The rise time is controlled by both the TPS2530 and the external loading (especially
capacitance). The fall time is controlled by the TPS2530 and the loading (R and C). An output load consisting of
only a resistor will experience a fall time set by the TPS2530. An output load with parallel R and C elements will
experience a fall time determined by the (R × C) time constant if it is longer than the TPS2530’s tF.
The enable should not be left open, and may be tied to VIN or GND depending on the device.
INTERNAL CHARGE PUMP
The device incorporate an internal charge pump and gate drive circuitry necessary to drive the N-channel
MOSFET. The charge pump supplies power to the gate driver circuit and provides the necessary voltage to pull
the gate of the MOSFET above the source. The driver incorporate circuitry that controls the rise and fall times of
the output voltage to limit large current and voltage surges on the input supply, and provides built-in soft-start
functionally. The MOSFET power switch blocks current from OUT to IN when turned off by the UVLO or disabled.
CURRENT LIMIT
The TPS2530 responds to overloads by limiting output current to the static IOS levels shown in the Electrical
Characteristics table. When an overload condition is present, the device maintains a constant output current, with
the output voltage determined by (IOS x RLOAD). Two possible overload conditions can occur.
The first overload condition occurs when either: 1) input voltage is first applied, enable is true, and a short circuit
is present (load which draws IOUT > IOS), or 2) input voltage is present and the TPS2530 is enabled into a short
circuit. The output voltage is held near zero potential with respect to ground and the TPS2530 ramps the output
current to IOS. The TPS2530 limits the current to IOS until the overload condition is removed or the device begins
to thermal cycle.
The second condition is when an overload occurs while the device is enabled and fully turned on. The device
responds to the overload condition within tIOS (Figure 6 and Figure 7) when the specified overload (per the
Electrical Characteristics table) is applied. The response speed and shape will vary with the overload level, input
circuit, and rate of application. The current-limit response varies between settling to IOS, or turnoff and controlled
return to IOS. Similar to the previous case, the TPS2530 limits the current to IOS until the overload condition is
removed or the device begins to thermal cycle.
The TPS2530 thermal cycles if an overload condition is present long enough to activate thermal limiting in any of
the above cases. This is due to the relatively large power dissipation [(VIN – VOUT) × IOS] driving the junction
temperature up. The device turns off when the junction temperature exceeds 135°C (min) while in current limit.
The device remains off until the junction temperature cools 20°C and then restarts.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links :TPS2530


Número de pieza similar - TPS2530DBVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PerkinElmer Optoelectro...
TPS2534 PERKINELMER-TPS2534 Datasheet
294Kb / 1P
   Dual Channel Thermopile
TPS2534 PERKINELMER-TPS2534 Datasheet
103Kb / 2P
   Dual Channel Thermopile
TPS2534 PERKINELMER-TPS2534_04 Datasheet
103Kb / 2P
   Dual Channel Thermopile
More results

Descripción similar - TPS2530DBVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com