Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2530DBVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2530DBVR
Descripción Electrónicos  Current-Limited, Power-Distribution Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2530DBVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2530DBVR Datasheet HTML 6Page - Texas Instruments TPS2530DBVR Datasheet HTML 7Page - Texas Instruments TPS2530DBVR Datasheet HTML 8Page - Texas Instruments TPS2530DBVR Datasheet HTML 9Page - Texas Instruments TPS2530DBVR Datasheet HTML 10Page - Texas Instruments TPS2530DBVR Datasheet HTML 11Page - Texas Instruments TPS2530DBVR Datasheet HTML 12Page - Texas Instruments TPS2530DBVR Datasheet HTML 13Page - Texas Instruments TPS2530DBVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
I
OS
I
OS
I
OC
V
IN
V
IN
I
OUT
I
OUT
Decreasing
Load
Resistance
Decreasing
Load
Resistance
Flat Current Limit
Current Limit with Peaking
0 A
0 A
0 V
0 V
Slope = –R
DS(on)
Slope = –R
DS(on)
TPS2530
SLUSB67 – AUGUST 2012
www.ti.com
There are two kinds of current limit profiles typically available in TI switch products similar to the TPS2530. Many
older designs have an output I vs V characteristic similar to the plot labeled “Current Limit with Peaking” in
Figure 21. This type of limiting can be characterized by two parameters, the current limit corner (IOC), and the
short circuit current (IOS). IOC is often specified as a maximum value. The TPS2530 does not present noticeable
peaking in the current limit, corresponding to the characteristic labeled “Flat Current Limit” in Figure 21. This is
why the IOC parameter is not present in the Electrical Characteristics tables.
Figure 21. Current Limit Profiles
FLT
The FLT open-drain output is asserted (active low) during an over-load or over-temperature condition. A 8 ms
deglitch on both the rising and falling edged avoids false reporting at startup and during transients. A current limit
condition shorter than the deglitch period clears the internal timer upon termination. The deglitch timer will not
integrate with excessive ripple and large output capacitance may interface with operation of FLT around IOS as
the ripple will drive the TPS2530 in and out of current limit.
If the TPS2530 is in current limit and the over-temperature circuit goes active, FLT goes true immediately
however exiting this condition is deglitched. FLT is tripped just as the knee of the constant-current limiting is
entered. Disabling the TPS2530 clears and active FLT as soon as the switch turns off. FLT is high impedance
when the TPS2530 is disabled or in undervoltage lockout (UVLO).
APPLICATION INFORMATION
INPUT AND OUTPUT CAPACITANCE
Input and output capacitance improves the performance of the device. The actual capacitance should be
optimized for the particular application. For all applications, a 0.1 µF or greater ceramic bypass capacitor
between IN and GND is recommended as close to the device as possible for local noise de-coupling.
All protection circuits such as TPS2530 will have the potential for input voltage overshoots and output voltage
undershoots.
Input voltage overshoots can be caused by either of two effects. The first cause is an abrupt application of input
voltage in conjunction with input power bus inductance and input capacitance when the IN terminal is high
impedance (before turn on). Theoretically, the peak voltage is 2 times the applied. The second cause is due to
the abrupt reduction of output short circuit current when the TPS2530 turns off and energy stored in the input
inductance drives the input voltage high. Input voltage droops may also occur with large load steps and as the
TPS2530 output is shorted. Applications with large input inductance (e.g. connecting the evaluation board to the
bench power-supply through long cables) may require large input capacitance reduce the voltage overshoot from
exceeding the absolute maximum voltage of the device. The fast current-limit speed of the TPS2530 to hard
output short circuits isolate the input bus form faults. However, ceramic input capacitance in the range of 1 µF to
22 µF adjacent to the TPS2530 input aids in both speeding response time and limiting the transient seen on the
input power bus. Momentary input transients to 6.5 V are permitted. In order to keep front-end power circuit work
normally, it is better to increase the output cap.
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links :TPS2530


Número de pieza similar - TPS2530DBVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PerkinElmer Optoelectro...
TPS2534 PERKINELMER-TPS2534 Datasheet
294Kb / 1P
   Dual Channel Thermopile
TPS2534 PERKINELMER-TPS2534 Datasheet
103Kb / 2P
   Dual Channel Thermopile
TPS2534 PERKINELMER-TPS2534_04 Datasheet
103Kb / 2P
   Dual Channel Thermopile
More results

Descripción similar - TPS2530DBVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com