Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS51518RUKT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS51518RUKT
Descripción Electrónicos  Single-Phase, D-CAP??and D-CAP2??Controller with 2-Bit Flexible VID Control
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51518RUKT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS51518RUKT Datasheet HTML 4Page - Texas Instruments TPS51518RUKT Datasheet HTML 5Page - Texas Instruments TPS51518RUKT Datasheet HTML 6Page - Texas Instruments TPS51518RUKT Datasheet HTML 7Page - Texas Instruments TPS51518RUKT Datasheet HTML 8Page - Texas Instruments TPS51518RUKT Datasheet HTML 9Page - Texas Instruments TPS51518RUKT Datasheet HTML 10Page - Texas Instruments TPS51518RUKT Datasheet HTML 11Page - Texas Instruments TPS51518RUKT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
70
80
90
100
0.1
1
10
100
Output Current (A)
VIN = 8 V
VIN = 12 V
VIN = 20 V
Mode = 5 V
VVID_00 = 1.20 V
G004
50
60
70
80
90
100
0.1
1
10
Output Current (A)
VIN = 8 V
VIN = 12 V
VIN = 20 V
Mode = 5 V
VVID_10 = 0.80 V
G009
0.200
0.400
0.600
0.800
1.000
1.200
0
5
10
15
20
25
Output Current (A)
VVID_00 = 1.20 V
VVID_01 = 1.05 V
VVID_10 = 0.90 V
VVID_11 = 0.60 V
Mode = 5 V
VIN = 12 V
G016
0.400
0.500
0.600
0.700
0.800
0.900
1.000
0
1
2
3
4
5
6
Output Current (A)
VVID_00 = 0.900 V
VVID_01 = 0.725 V
VVID_10 = 0.800 V
VVID_11 = 0.675 V
Mode = 5 V
VIN = 12 V
G013
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
4
6
8
10
12
14
16
18
20
Input Voltage (V)
VVID_00 = 1.20 V
VVID_01 = 1.05 V
VVID_10 = 0.9 V
VVID_11 = 0.6 V
IOUT = 20 A
G007
0.40
0.50
0.60
0.70
0.80
0.90
1.00
4
6
8
10
12
14
16
18
20
Input Voltage (V)
VVID_00 = 0.900 V
VVID_01 = 0.725 V
VVID_10 = 0.800 V
VVID_11 = 0.675 V
IOUT = 6 A
G011
TPS51518
SLUSAO8
– DECEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS
Figure 1. GFX Efficiency
Figure 2. SA Efficiency
Figure 3. GFX Load Regulation
Figure 4. SA Load Regulation
Figure 5. GFX Line Regulation
Figure 6. SA Line Regulation
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS51518


Número de pieza similar - TPS51518RUKT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51518RUKT TI1-TPS51518RUKT Datasheet
4Mb / 35P
[Old version datasheet]   Single-Phase, D-CAP and D-CAP2 Controller with 2-Bit Flexible VID Control
More results

Descripción similar - TPS51518RUKT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51518 TI-TPS51518_15 Datasheet
4Mb / 35P
[Old version datasheet]   Single-Phase, D-CAP??and D-CAP2??Controller with 2-Bit Flexible VID Control
TPS51518 TI1-TPS51518_17 Datasheet
4Mb / 35P
[Old version datasheet]   Single-Phase, D-CAP and D-CAP2 Controller with 2-Bit Flexible VID Control
TPS51215A TI1-TPS51215A_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS51215A Single Phase, D-CAP2TM Controller with 2-Bit VID Control and Low Power Mode
TPS51215A TI1-TPS51215A Datasheet
1Mb / 36P
[Old version datasheet]   TPS51215A Single Phase, D-CAP2TM Controller with 2-Bit VID Control and Low Power Mode
logo
Richtek Technology Corp...
RT8113 RICHTEK-RT8113 Datasheet
366Kb / 21P
   Single Phase VR11.1 PWM Controller with 7-bit VID
logo
Texas Instruments
TPS51513 TI1-TPS51513_16 Datasheet
1Mb / 39P
[Old version datasheet]   SINGLE PHASE, D-CAP SYNCHRONOUS BUCK CONTROLLER
logo
Fairchild Semiconductor
FAN5019 FAIRCHILD-FAN5019 Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
FAN5019B FAIRCHILD-FAN5019B Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5018B FAIRCHILD-FAN5018B Datasheet
509Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
logo
Linear Technology
LTC1703 LINER-LTC1703 Datasheet
343Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com