Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54060QDRCRQ1 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPS54060QDRCRQ1
Descripción Electrónicos  0.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54060QDRCRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS54060QDRCRQ1 Datasheet HTML 1Page - Texas Instruments TPS54060QDRCRQ1 Datasheet HTML 2Page - Texas Instruments TPS54060QDRCRQ1 Datasheet HTML 3Page - Texas Instruments TPS54060QDRCRQ1 Datasheet HTML 4Page - Texas Instruments TPS54060QDRCRQ1 Datasheet HTML 5Page - Texas Instruments TPS54060QDRCRQ1 Datasheet HTML 6Page - Texas Instruments TPS54060QDRCRQ1 Datasheet HTML 7Page - Texas Instruments TPS54060QDRCRQ1 Datasheet HTML 8Page - Texas Instruments TPS54060QDRCRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
EFFICIENCY
vs
LOADCURRENT
0
10
20
30
40
50
60
70
80
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
LoadCurrent- A
100
90
0.45
0.5
V =12V,
V =3.3V,
f
=500kHz
I
O
sw
PH
VIN
GND
BOOT
VSENSE
COMP
TPS54060
EN
RT /CLK
SS /TR
PWRGD
TPS54060-Q1
www.ti.com
SLVSA25A
– JANUARY 2010 – REVISED MARCH 2011
0.5-A 60-V STEP-DOWN SWIFT
™ DC/DC CONVERTER WITH Eco-mode™
Check for Samples: TPS54060-Q1
1
FEATURES
Qualified for Automotive Applications
Adjustable UVLO Voltage and Hysteresis
3.5-V to 60-V Input Voltage Range
0.8-V Internal Voltage Reference
200-m
Ω High-Side MOSFET
Supported by SwitcherPro
™ Software Tool
(http://focus.ti.com/docs/toolsw/folders/print/s
High Efficiency at Light Loads with a Pulse
witcherpro.html)
Skipping Eco-mode
™ Control Scheme
For SWIFT
™ Documentation, See the TI
116-
μA Operating Quiescent Current
Website at http://www.ti.com/swift
1.3-
μA Shutdown Current
100-kHz to 2.5-MHz Switching Frequency
APPLICATIONS
Synchronizes to External Clock
12-V, 24-V and 48-V Industrial and Commercial
Adjustable Slow Start/Sequencing
Low Power Systems
Undervoltage and Overvoltage Power Good
Aftermarket Auto Accessories: Video, GPS,
Output
Entertainment
DESCRIPTION
The TPS54060 device is a 60-V 0.5-A step-down regulator with an integrated high-side MOSFET. Current-mode
control provides simple external compensation and flexible component selection. A low-ripple pulse-skip mode
reduces the no load, regulated output supply current to 116
μA. Using the enable pin, shutdown supply current is
reduced to 1.3
μA, when the enable pin is low.
Under voltage lockout is internally set at 2.5 V, but can be increased using the enable pin. The output voltage
startup ramp is controlled by the slow start pin that can also be configured for sequencing/tracking. An
open-drain power good signal indicates the output is within 93% to 107% of its nominal voltage.
A wide switching frequency range allows efficiency and external component size to be optimized. Frequency fold
back and thermal shutdown protects the part during an overload condition.
The TPS54060 is available in a 10-pin thermally enhanced MSOP PowerPAD
™ package (DGQ) and a 10-pin
SON package (DRC).
SIMPLIFIED SCHEMATIC
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS54060QDRCRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54060 TI-TPS54060 Datasheet
2Mb / 49P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060 TI-TPS54060 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060 TI1-TPS54060 Datasheet
2Mb / 49P
[Old version datasheet]   0.5-A, 60-V Step-Down DC/DC Converter With Eco-Mode
TPS54060-EP TI1-TPS54060-EP Datasheet
2Mb / 49P
[Old version datasheet]   0.5-A, 60-V Step-Down DC/DC Converter With Eco-Mode
TPS54060-Q1 TI1-TPS54060-Q1 Datasheet
2Mb / 49P
[Old version datasheet]   0.5-A, 60-V Step-Down DC/DC Converter With Eco-Mode
More results

Descripción similar - TPS54060QDRCRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS57060-Q1 TI-TPS57060-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   0.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS54040A TI1-TPS54040A Datasheet
2Mb / 48P
[Old version datasheet]   0.5 A, 42 V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54040-Q1 TI1-TPS54040-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS57040-Q1 TI1-TPS57040-Q1 Datasheet
2Mb / 52P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS54060-EP TI1-TPS54060-EP Datasheet
2Mb / 49P
[Old version datasheet]   0.5-A, 60-V Step-Down DC/DC Converter With Eco-Mode
TPS54160A TI1-TPS54160A Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A, 60-V, Step-Down SWIFT??DC/DC Converter with Eco-mode?
TPS54160 TI-TPS54160_11 Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A, 60-V, STEP-DOWN SWIFT DC/DC CONVERTER WITH ECO-MODE
TPS54160A TI1-TPS54160A_13 Datasheet
1Mb / 53P
[Old version datasheet]   1.5-A, 60-V, Step-Down SWIFT DC/DC Converter with Eco-mode
TPS54160-Q1 TI-TPS54160-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   1.5-A 60-V STEP-DOWN SWIFT DC/DC CONVERTER WITH Eco-Mode CONTROL
TPS57160-Q1 TI1-TPS57160-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   1.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com