Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54162QPWPRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54162QPWPRQ1
Descripción Electrónicos  1-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54162QPWPRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54162QPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS54162QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS54162QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS54162QPWPRQ1 Datasheet HTML 9Page - Texas Instruments TPS54162QPWPRQ1 Datasheet HTML 10Page - Texas Instruments TPS54162QPWPRQ1 Datasheet HTML 11Page - Texas Instruments TPS54162QPWPRQ1 Datasheet HTML 12Page - Texas Instruments TPS54162QPWPRQ1 Datasheet HTML 13Page - Texas Instruments TPS54162QPWPRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
TPS54162-Q1
SLVSA32C – OCTOBER 2009 – REVISED MAY 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
VOLTAGE DROP ON Rslew FOR CURRENT REFERENCE;
INTERNAL REFERENCE VOLTAGE
(SLEW RATE / Rslew)
Figure 11.
Figure 12.
CURRENT CONSUMPTION WITH TEMPERATURE
Figure 13.
10
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS54162-Q1


Número de pieza similar - TPS54162QPWPRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54162-Q1 TI-TPS54162-Q1_15 Datasheet
2Mb / 42P
[Old version datasheet]   1-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
TPS541620 TI-TPS541620 Datasheet
4Mb / 53P
[Old version datasheet]   TPS541620 4.5-V to 15-V, Dual 6-A / Single 12-A, Synchronous Step-Down SWIFT??Converter With Internal Compensation
TPS541620RPBR TI-TPS541620RPBR Datasheet
4Mb / 53P
[Old version datasheet]   TPS541620 4.5-V to 15-V, Dual 6-A / Single 12-A, Synchronous Step-Down SWIFT??Converter With Internal Compensation
More results

Descripción similar - TPS54162QPWPRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54162-Q1 TI-TPS54162-Q1_15 Datasheet
2Mb / 42P
[Old version datasheet]   1-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
TPS54262-Q1 TI1-TPS54262-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   2-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
TPS54362-HT TI1-TPS54362-HT_16 Datasheet
614Kb / 34P
[Old version datasheet]   1-A, 48-V STEP DOWN DC/DC CONVERTER WITH LOW
TPS54362-HT TI-TPS54362-HT_15 Datasheet
528Kb / 34P
[Old version datasheet]   1-A, 48-V STEP DOWN DC/DC CONVERTER WITH LOW Iq
TPS54362-Q1 TI1-TPS54362-Q1_16 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54362-Q1 3-A, 60-V Step-Down DC-DC Converter With Low
logo
AiT Semiconductor Inc.
A7116 AITSEMI-A7116 Datasheet
1,004Kb / 13P
   DC-DC CONVERTER/ BUCK (STEP-DOWN) 1.5MHz, 700mA SYNCHRONOUS WITH LOW QUIESCENT CURRENT
REV1.3
logo
Texas Instruments
TPS54060-EP TI1-TPS54060-EP Datasheet
2Mb / 49P
[Old version datasheet]   0.5-A, 60-V Step-Down DC/DC Converter With Eco-Mode
logo
Murata Manufacturing Co...
MYRLP-F-RD MURATA1-MYRLP-F-RD Datasheet
30Mb / 26P
   Ultra-Low Quiescent Current, Inductor Built-in Step-Down DC/DC Converter
D90DH -00119
logo
Texas Instruments
TPS54160A TI1-TPS54160A Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A, 60-V, Step-Down SWIFT??DC/DC Converter with Eco-mode?
TPS57060-Q1 TI-TPS57060-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   0.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com