Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54388QRTERQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54388QRTERQ1
Descripción Electrónicos  2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54388QRTERQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54388QRTERQ1 Datasheet HTML 2Page - Texas Instruments TPS54388QRTERQ1 Datasheet HTML 3Page - Texas Instruments TPS54388QRTERQ1 Datasheet HTML 4Page - Texas Instruments TPS54388QRTERQ1 Datasheet HTML 5Page - Texas Instruments TPS54388QRTERQ1 Datasheet HTML 6Page - Texas Instruments TPS54388QRTERQ1 Datasheet HTML 7Page - Texas Instruments TPS54388QRTERQ1 Datasheet HTML 8Page - Texas Instruments TPS54388QRTERQ1 Datasheet HTML 9Page - Texas Instruments TPS54388QRTERQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
PH
VIN
15
14
13
GND
12
11
10
9
8
7
6
5
16
GND
VIN
PH
PH
1
2
3
4
SS/TR
Exposed Thermal Pad
(17)
QFN16
RTE Package
(Top View)
TPS54388-Q1
SLVSAF1B – OCTOBER 2010 – REVISED JULY 2012
www.ti.com
DEVICE INFORMATION
PIN CONFIGURATION
PIN FUNCTIONS
PIN
DESCRIPTION
NAME
NO.
AGND
5
Analog Ground should be electrically connected to GND close to the device.
BOOT
13
A bootstrap capacitor is required between BOOT and PH. If the voltage on this capacitor is below the minimum
required by the BOOT UVLO, the output is forced to switch off until the capacitor is refreshed.
COMP
7
Error amplifier output, and input to the output switch current comparator. Connect frequency compensation
components to this pin.
EN
15
Enable pin, internal pull-up current source. Pull below 1.2 V to disable. Float to enable. Can be used to set the
on/off threshold (adjust UVLO) with two additional resistors.
GND
3, 4
Power Ground. This pin should be electrically connected directly to the power pad under the IC.
PH
10, 11,
The source of the internal high side power MOSFET, and drain of the internal low side (synchronous) rectifier
12
MOSFET.
PowerPAD
17
GND pin should be connected to the exposed power pad for proper operation. This power pad should be
connected to any internal PCB ground plane using multiple vias for good thermal performance.
PWRGD
14
An open drain output; asserts low if output voltage is low due to thermal shutdown, overcurrent, over/under-
voltage or EN shut down.
RT/CLK
8
Resistor Timing or External Clock input pin.
SS/TR
9
Slow start and tracking. An external capacitor connected to this pin sets the output voltage rise time.
This pin can also be used for tracking.
VIN
1, 2, 16
Input supply voltage, 2.95 V to 6 V.
VSENSE
6
Inverting node of the transconductance (gm) error amplifier.
6
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS54388-Q1


Número de pieza similar - TPS54388QRTERQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54388-Q1 TI-TPS54388-Q1_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54388-Q1 2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down SWIFT??Switcher
TPS54388C-Q1 TI1-TPS54388C-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54388C-Q1 Automotive 2.95-V to 6-V, 3-A , 2-MHz Synchronous Buck Converter
TPS54388CQRTERQ1 TI1-TPS54388CQRTERQ1 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54388C-Q1 Automotive 2.95-V to 6-V, 3-A , 2-MHz Synchronous Buck Converter
More results

Descripción similar - TPS54388QRTERQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54319 TI-TPS54319 Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_1 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI1-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57112-Q1 TI1-TPS57112-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54318 TI-TPS54318_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54318 2.95-V to 6-V Input, 3-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
TPS54418 TI1-TPS54418_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT)
TPS54478 TI-TPS54478_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57114-Q1 TI1-TPS57114-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com