Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54357-EP Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza TPS54357-EP
Descripción Electrónicos  4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHES
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54357-EP Datasheet(HTML) 3 Page - Texas Instruments

  TPS54357-EP Datasheet HTML 1Page - Texas Instruments TPS54357-EP Datasheet HTML 2Page - Texas Instruments TPS54357-EP Datasheet HTML 3Page - Texas Instruments TPS54357-EP Datasheet HTML 4Page - Texas Instruments TPS54357-EP Datasheet HTML 5Page - Texas Instruments TPS54357-EP Datasheet HTML 6Page - Texas Instruments TPS54357-EP Datasheet HTML 7Page - Texas Instruments TPS54357-EP Datasheet HTML 8Page - Texas Instruments TPS54357-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Absolute Maximum Ratings
(1)
TPS54352-EP
,, TPS54353-EP,, TPS54354-EP
TPS54355-EP
, TPS54356-EP, TPS54357-EP
www.ti.com ....................................................................................................................................................... SLVS684A – JANUARY 2007 – REVISED JULY 2009
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PACKAGE
TJ
PACKAGE(1)
OUTPUT VOLTAGE
PART NUMBER
MARKING
Plastic HTSSOP – PWP
1.2 V
TPS54352MPWPREP(2)
TBD
Plastic HTSSOP – PWP
1.5 V
TPS54353MPWPREP(2)
TBD
Plastic HTSSOP – PWP
1.8 V
TPS54354MPWPREP
PMDM
–55°C to 125°C
Plastic HTSSOP – PWP
2.5 V
TPS54355MPWPREP(2)
TBD
Plastic HTSSOP – PWP
3.3 V
TPS54356MPWPREP
PMEM
Plastic HTSSOP – PWP
5 V
TPS54357MPWPREP(2)
TBD
(1)
The PWP package also is available taped and reeled. Add an R suffix to the device type (i.e., TPS5435xPWPR).
(2)
Product preview
over operating free-air temperature range (unless otherwise noted)
UNIT
VIN
–0.3 V to 21.5 V
VSENSE
–0.3 V to 8 V
UVLO
–0.3 V to 8 V
Input voltage range, VI
SYNC
–0.3 V to 4 V
ENA
–0.3 V to 4 V
BOOT
VI(PH) + 8 V
VBIAS
–0.3 V to 8.5 V
LSG
–0.3 V to 8.5 V
SYNC
–0.3 V to 4 V
Output voltage range, VO
RT
–0.3 V to 4 V
PWRGD
–0.3 V to 6 V
COMP
–0.3 V to 4 V
PH
–1.5 V to 22 V
PH
Internally Limited (A)
Source current, IO
LSG (steady-state current)
10 mA
COMP, VBIAS
3 mA
SYNC
5 mA
LSG (steady-state current)
100 mA
Sink current, IS
PH (steady-state current)
500 mA
COMP
3 mA
ENA, PWRGD
10 mA
Voltage differential
AGND to PGND
±0.3 V
Operating virtual junction temperature range, TJ
–55°C to 150°C
Storage temperature range, Tstg
–65°C to 150°C
Lead temperature 1,6 mm (1/16 in) from case for 10 s
260°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS54352-EP TPS54353-EP TPS54354-EP TPS54355-EP TPS54356-EP TPS54357-EP


Número de pieza similar - TPS54357-EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54357 TI-TPS54357 Datasheet
541Kb / 28P
[Old version datasheet]   4.5V TO 20 V INPUT 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET
TPS54357 TI-TPS54357 Datasheet
995Kb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM
TPS54357PWP TI-TPS54357PWP Datasheet
541Kb / 28P
[Old version datasheet]   4.5V TO 20 V INPUT 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET
TPS54357PWP TI1-TPS54357PWP Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
TPS54357PWPG4 TI1-TPS54357PWPG4 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
More results

Descripción similar - TPS54357-EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54352PWPRG4 TI-TPS54352PWPRG4 Datasheet
995Kb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM
TPS54350 TI1-TPS54350_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
TPS54352 TI1-TPS54352_16 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
TPS54350-EP TI-TPS54350-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350PWPR TI-TPS54350PWPR Datasheet
876Kb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRANTED FET(SWIFT)
TPS54350-EP TI1-TPS54350-EP Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350 TI-TPS54350 Datasheet
437Kb / 27P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET(SWIFT)
TPS54350 TI-TPS54350_15 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTERATED FET (SWIFT)
TPS54550 TI-TPS54550 Datasheet
1Mb / 27P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT)
TPS54550 TI-TPS54550_15 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com