Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS57112-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS57112-Q1
Descripción Electrónicos  2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS57112-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS57112-Q1 Datasheet HTML 4Page - Texas Instruments TPS57112-Q1 Datasheet HTML 5Page - Texas Instruments TPS57112-Q1 Datasheet HTML 6Page - Texas Instruments TPS57112-Q1 Datasheet HTML 7Page - Texas Instruments TPS57112-Q1 Datasheet HTML 8Page - Texas Instruments TPS57112-Q1 Datasheet HTML 9Page - Texas Instruments TPS57112-Q1 Datasheet HTML 10Page - Texas Instruments TPS57112-Q1 Datasheet HTML 11Page - Texas Instruments TPS57112-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
475
480
485
490
495
500
505
510
515
520
525
RT = 400 k
,
Vin = 5 V
W
-50
-25
0
25
50
75
100
125
150
T - Junction Temperature - °C
J
-50
-25
0
25
50
75
100
125
150
T - Junction Temperature - °C
J
High Side Rdson Vin = 3.3 V
Low Side Rdson Vin = 3.3 V
0.005
0.007
0.009
0.011
0.013
0.015
0.017
0.019
0.021
0.023
0.025
High Side Rdson Vin = 5 V
Low Side Rdson Vin = 5 V
4
4.5
5
5.5
6
6.5
7
7.5
8
−50
−25
0
25
50
75
100
125
150
Vin = 2.95 V
Vin = 3.3 V
Vin = 5 V
Vin = 6 V
TJ - Junction Temperature - °C
0.791
0.793
0.795
0.797
0.799
0.801
0.803
0.805
0.807
Vin = 3.3 V
-50
-25
0
25
50
75
100
125
150
T - Junction Temperature - °C
J
200
400
800
1000
1200
1400
1600
1800
2000
80
180
280
380
480
580
680
780
880
980
RT - Resistance - kW
0
25
50
75
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Vsense-V
VsenseFalling
VsenseRising
TPS57112-Q1
SLVSAL8 – DECEMBER 2010
www.ti.com
TYPICAL CHARACTERISTICS CURVES
HIGH SIDE AND LOW SIDE RDS(ON) vs TEMPERATURE
FREQUENCY vs TEMPERATURE
Figure 1.
Figure 2.
HIGH SIDE CURRENT LIMIT vs TEMPERATURE
VOLTAGE REFERENCE vs TEMPERATURE
Figure 3.
Figure 4.
SWITCHING FREQUENCY vs
RT RESISTANCE LOW FREQUENCY RANGE
SWITCHING FREQUENCY vs VSENSE
Figure 5.
Figure 6.
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS57112-Q1


Número de pieza similar - TPS57112-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS57112-Q1 TI-TPS57112-Q1_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS57112-Q1 2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down SWIFT??Converter
More results

Descripción similar - TPS57112-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54618RTET TI-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI1-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54218 TI-TPS54218_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54218 2.95-V to 6-V Input, 2-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
TPS54319 TI-TPS54319 Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI1-TPS54418_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT)
TPS54478 TI-TPS54478_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57114-Q1 TI1-TPS57114-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_1 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54418A TI1-TPS54418A Datasheet
1Mb / 40P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com