Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS62162DSG Datasheet(PDF) 9 Page - Texas Instruments |
|
TPS62162DSG Datasheet(HTML) 9 Page - Texas Instruments |
9 / 34 page 0.0 10.0 20.0 30.0 40.0 50.0 60.0 70.0 80.0 90.0 100.0 0.0001 0.001 0.01 0.1 1 VIN=5V VIN=12V VIN=17V Output Current (A) VOUT=0.9V L=2.2uH (VLF3012ST) Cout=22uF G001 0.0 10.0 20.0 30.0 40.0 50.0 60.0 70.0 80.0 90.0 100.0 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 IOUT=1mA IOUT=10mA IOUT=100mA IOUT=1A Input Voltage (V) VOUT=0.9V L=2.2uH (VLF3012ST) Cout=22uF G001 3.20 3.25 3.30 3.35 0.0001 0.001 0.01 0.1 1 VIN=5V VIN=12V VIN=17V Output Current (A) VOUT=3.3V L=2.2uH (VLF3012ST) Cout=22uF G001 3.20 3.25 3.30 3.35 4 7 10 13 16 IOUT=1mA IOUT=10mA IOUT=100mA IOUT=1A Input Voltage (V) VOUT=3.3V L=2.2uH (VLF3012ST) Cout=22uF G001 0 0.5 1 1.5 2 2.5 3 3.5 4 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 Output Current (A) VIN=12V, VOUT=3.3V L=2.2uH (VLF3012ST) G000 0 0.5 1 1.5 2 2.5 3 3.5 4 4 6 8 10 12 14 16 18 IOUT=0.5A IOUT=1A Input Voltage (V) VOUT=3.3V L=2.2uH (VLF3012ST) Cout=22uF G000 TPS62160 TPS62161, TPS62162, TPS62163 www.ti.com SLVSAM2A – NOVEMBER 2011 – REVISED MARCH 2012 EFFICIENCY EFFICIENCY vs vs OUTPUT CURRENT INPUT VOLTAGE Figure 11. Vout=0.9V Figure 12. Vout=0.9V OUTPUT VOLTAGE OUTPUT VOLTAGE vs vs OUTPUT CURRENT INPUT VOLTAGE Figure 13. Output Voltage Accuracy (Load Regulation) Figure 14. Output Voltage Accuracy (Line Regulation) SWITCHING FREQUENCY SWITCHING FREQUENCY vs vs OUTPUT CURRENT INPUT VOLTAGE Figure 15. Switching Frequency Figure 16. Switching Frequency Copyright © 2011–2012, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Link(s): TPS62160 TPS62161 TPS62162 TPS62163 |
Número de pieza similar - TPS62162DSG |
|
Descripción similar - TPS62162DSG |