Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS62263-Q1 Datasheet(PDF) 9 Page - Texas Instruments |
|
|
TPS62263-Q1 Datasheet(HTML) 9 Page - Texas Instruments |
9 / 32 page TimeBase-1 s/Div m MODE 2V/Div SW 2V/Div I 200mA/Div coil V =3.6V V =1.8V I =10mA IN OUT OUT PFMMode ForcedPWMMode TimeBase-10 s/Div m V 3.6V V 1.8V,I 150mA L 2.2 H,C 10 F0603 IN OUT OUT OUT m m V 10mV/Div OUT SW2V/Div I COIL 200mA/Div 1.746 1.764 1.782 1.8 1.818 1.836 1.854 0.01 0.1 1 10 100 1000 I -OutputCurrent-mA O V =2V IN V =2.7V V =3V V =3.6V V =4.5V IN IN IN IN T =-40°C, V =1.8V, MODE=V , L =2.2 H A OUT IN m 1.746 1.764 1.782 1.8 1.818 1.836 1.854 0.01 0.1 1 10 100 1000 I -OutputCurrent-mA O V =2.3V IN V =2.7V V =3V V =3.6V V =4.5V IN IN IN IN T =85°C, V =1.8V, MODE=V , L =2.2 H A OUT IN m TPS62260-Q1, TPS62261-Q1 TPS62262-Q1, TPS62263-Q1 www.ti.com SLVSA16C – AUGUST 2009 – REVISED JULY 2012 OUTPUT VOLTAGE ACCURACY (PWM Mode) OUTPUT VOLTAGE ACCURACY (PWM Mode) vs vs OUTPUT CURRENT OUTPUT CURRENT Figure 11. Figure 12. MODE PIN TRANSITION FROM PFM TYPICAL OPERATION (PWM Mode) TO FORCED PWM MODE AT LIGHT LOAD Figure 13. Figure 14. Copyright © 2009–2012, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Link(s): TPS62260-Q1 TPS62261-Q1 TPS62262-Q1 TPS62263-Q1 |
Número de pieza similar - TPS62263-Q1 |
|
Descripción similar - TPS62263-Q1 |