Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS62153RGTT Datasheet(PDF) 9 Page - Texas Instruments |
|
|
TPS62153RGTT Datasheet(HTML) 9 Page - Texas Instruments |
9 / 33 page 0.0 10.0 20.0 30.0 40.0 50.0 60.0 70.0 80.0 90.0 100.0 0.0001 0.001 0.01 0.1 1 VIN=5V VIN=12V VIN=17V Output Current (A) VOUT=3.3V L=2.2uH (XFL4020) Cout=22uF G001 0.0 10.0 20.0 30.0 40.0 50.0 60.0 70.0 80.0 90.0 100.0 4 5 6 7 8 9 10 11 12 13 14 15 16 17 IOUT=1mA IOUT=10mA IOUT=100mA IOUT=1A Input Voltage (V) VOUT=3.3V L=2.2uH (XFL4020) Cout=22uF G001 0.0 10.0 20.0 30.0 40.0 50.0 60.0 70.0 80.0 90.0 100.0 0.0001 0.001 0.01 0.1 1 VIN=5V VIN=12V VIN=17V Output Current (A) VOUT=1.8V L=2.2uH (XFL4020) Cout=22uF G001 0.0 10.0 20.0 30.0 40.0 50.0 60.0 70.0 80.0 90.0 100.0 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 IOUT=1mA IOUT=10mA IOUT=100mA IOUT=1A Input Voltage (V) VOUT=1.8V L=2.2uH (XFL4020) Cout=22uF G001 0.0 10.0 20.0 30.0 40.0 50.0 60.0 70.0 80.0 90.0 100.0 0.0001 0.001 0.01 0.1 1 VIN=5V VIN=12V VIN=17V Output Current (A) VOUT=0.9V L=2.2uH (XFL4020) Cout=22uF G001 0.0 10.0 20.0 30.0 40.0 50.0 60.0 70.0 80.0 90.0 100.0 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 IOUT=1mA IOUT=10mA IOUT=100mA IOUT=1A Input Voltage (V) VOUT=0.9V L=2.2uH (XFL4020) Cout=22uF G001 TPS62150 TPS62151, TPS62152, TPS62153 www.ti.com SLVSAL5 – NOVEMBER 2011 EFFICIENCY EFFICIENCY vs vs OUTPUT CURRENT INPUT VOLTAGE Figure 11. Efficiency with 2.5MHz, Vout=3.3V Figure 12. Efficiency with 2.5MHz, Vout=3.3V EFFICIENCY EFFICIENCY vs vs OUTPUT CURRENT INPUT VOLTAGE Figure 13. Efficiency with 1.25MHz, Vout=1.8V Figure 14. Efficiency with 1.25MHz, Vout=1.8V EFFICIENCY EFFICIENCY vs vs OUTPUT CURRENT INPUT VOLTAGE Figure 15. Efficiency with 1.25MHz, Vout=0.9V Figure 16. Efficiency with 1.25MHz, Vout=0.9V Copyright © 2011, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Link(s): TPS62150 TPS62151 TPS62152 TPS62153 |
Número de pieza similar - TPS62153RGTT |
|
Descripción similar - TPS62153RGTT |