Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65270RGER Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS65270RGER
Descripción Electrónicos  4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65270RGER Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS65270RGER Datasheet HTML 7Page - Texas Instruments TPS65270RGER Datasheet HTML 8Page - Texas Instruments TPS65270RGER Datasheet HTML 9Page - Texas Instruments TPS65270RGER Datasheet HTML 10Page - Texas Instruments TPS65270RGER Datasheet HTML 11Page - Texas Instruments TPS65270RGER Datasheet HTML 12Page - Texas Instruments TPS65270RGER Datasheet HTML 13Page - Texas Instruments TPS65270RGER Datasheet HTML 14Page - Texas Instruments TPS65270RGER Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
0
100
200
300
400
500
600
700
800
900
0
0.5
1
1.5
2
2.5
3
f
- Switching Frequency - MHz
sw
R
k
f
OSC
SW
(
) = 239.13
W
·
-1.149
TPS65270
www.ti.com
SLVSAX7C – AUGUST 2011 – REVISED APRIL 2012
OVERVIEW
TPS65270 is a power management IC with two step-down buck converters. Both high-side and low-side
MOSFETs are integrated to provide fully synchronous conversion with higher efficiency. TPS65270 can support
4.5-V to 18-V input supply, 2-A continuous current for Buck 1 and 3 A for Buck 2. The buck converters have an
automatic PSM mode, which can improve power dissipation during light loads. Alternatively, the device
implements a constant frequency mode by connecting the LOW_P pin to ground. The wide switching frequency
of 300 kHz to 1.4 MHz allows for efficiency and size optimization. The switching frequency is adjustable by
selecting a resistor to ground on the ROSC pin. Input ripple is reduced by 180° out-of-phase operation between
Buck 1 and Buck 2.
Both buck converters have peak current mode control which simplifies the loop compensation. A traditional type
II compensation network can stabilize the system and achieve fast transient response. Moreover, an optional
capacitor in parallel with the upper resistor of the feedback divider provides one more zero and makes the
crossover frequency over 100 kHz. Each buck converter has an individual cycle-by-cycle current limit and low
side reverse current limit.
The device has a built-in LDO regulator. During a standby mode, the 6.5-V LDO can be used to drive MCU and
other active loads. with this LDO, system is able to turn off the two buck converters so as to reduce the power
consumption and improve the standby efficiency. Each converter has its own programmable soft start that can
reduce the input inrush current. The individual Enable pins for each independent control of each output voltage
and power sequence.
DETAILED DESCRIPTION
Adjustable Switching Frequency
To select the internal switching frequency connect a resistor from ROSC to ground. Figure 14 shows the required
resistance for a given switching frequency.
Figure 14. ROSC vs Switching Frequency
(1)
For operation at 800 kHz, a 300-k
Ω resistor is required.
Out-of-Phase Operation
In order to reduce input ripple current, Buck 1 and Buck 2 operate 180° out-of-phase. This enables the system
having less input ripple, then to lower component cost, save board space and reduce EMI.
Delayed Start-Up
If a delayed start-up is required on any of the buck converters fit a ceramic capacitor to the ENx pins. The delay
added is ~0.75 ms per nF connected to the pin. Note that the EN pins have a weak 1-M
Ω pull-up to the 5-V rail.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS65270


Número de pieza similar - TPS65270RGER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65270 TI-TPS65270_15 Datasheet
2Mb / 27P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
More results

Descripción similar - TPS65270RGER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65270 TI-TPS65270_15 Datasheet
2Mb / 27P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS568230 TI1-TPS568230 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 18-V input, 8-A synchronous step-down voltage regulator
TPS53511 TI-TPS53511_15 Datasheet
940Kb / 24P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS5403 TI-TPS5403 Datasheet
942Kb / 18P
[Old version datasheet]   4.5-V TO 28-V INPUT VOLTAGE, 3.3-V FIXED OUTPUT, 1.7-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS53511 TI1-TPS53511_17 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511 TI-TPS53511 Datasheet
916Kb / 21P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511 TI-TPS53511_V01 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS54325-Q1 TI-TPS54325-Q1_15 Datasheet
656Kb / 21P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54325 TI-TPS54325 Datasheet
1Mb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com