Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS92550TZ Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza TPS92550TZ
Descripción Electrónicos  450mA 14W Constant Current Buck LED Driver Micro-Module
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92550TZ Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS92550TZ Datasheet HTML 5Page - Texas Instruments TPS92550TZ Datasheet HTML 6Page - Texas Instruments TPS92550TZ Datasheet HTML 7Page - Texas Instruments TPS92550TZ Datasheet HTML 8Page - Texas Instruments TPS92550TZ Datasheet HTML 9Page - Texas Instruments TPS92550TZ Datasheet HTML 10Page - Texas Instruments TPS92550TZ Datasheet HTML 11Page - Texas Instruments TPS92550TZ Datasheet HTML 12Page - Texas Instruments TPS92550TZ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
//htmlimg2.alldatasheet.es/htmldatasheet2/464136/TI1/TPS92550TZ/561/9/TPS92550TZ.png


Número de pieza similar - TPS92550TZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS92550TZ/NOPB TI1-TPS92550TZ/NOPB Datasheet
2Mb / 25P
[Old version datasheet]   450mA 14W Constant Current Buck LED Driver Micro-Module
TPS92550TZX/NOPB TI1-TPS92550TZX/NOPB Datasheet
2Mb / 25P
[Old version datasheet]   450mA 14W Constant Current Buck LED Driver Micro-Module
More results

Descripción similar - TPS92550TZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS92550 TI1-TPS92550_16 Datasheet
2Mb / 25P
[Old version datasheet]   450mA 14W Constant Current Buck LED Driver Micro-Module
TPS92550 TI1-TPS92550_14 Datasheet
1Mb / 23P
[Old version datasheet]   450mA 14W Constant Current Buck LED Driver Micro-Module
TPS92551 TI1-TPS92551_14 Datasheet
1Mb / 22P
[Old version datasheet]   450mA 23W Constant Current Buck LED Driver Micro-Module
TPS92551 TI1-TPS92551 Datasheet
1Mb / 21P
[Old version datasheet]   450mA 23W Constant Current Buck LED Driver Micro-Module
TPS92551 TI1-TPS92551_16 Datasheet
2Mb / 26P
[Old version datasheet]   450mA 23W Constant Current Buck LED Driver Micro-Module
logo
Recom International Pow...
RCD-48 RECOM-RCD-48 Datasheet
114Kb / 4P
   Constant Current Buck LED Driver
RCDE-48 RECOM-RCDE-48 Datasheet
880Kb / 7P
   Constant Current Buck LED Driver
logo
Shenzhen Huazhimei Semi...
HM7135 HMSEMI-HM7135 Datasheet
420Kb / 7P
   Linear buck LED constant current driver
logo
QX Micro Devices Co.,Lt...
QX7135 QXMD-QX7135 Datasheet
2Mb / 2P
   Linear buck LED constant current driver
logo
Shenzhen Tianyuan Semic...
TP8021A TPOWER-TP8021A Datasheet
551Kb / 5P
   Average Current Type LED Buck Constant Current Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com