Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC0808S125 Datasheet(PDF) 9 Page - Integrated Device Technology

No. de pieza ADC0808S125
Descripción Electrónicos  Single 8-bit ADC, up to 125 MHz or 250 MHz
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC0808S125 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ADC0808S125 Datasheet HTML 5Page - Integrated Device Technology ADC0808S125 Datasheet HTML 6Page - Integrated Device Technology ADC0808S125 Datasheet HTML 7Page - Integrated Device Technology ADC0808S125 Datasheet HTML 8Page - Integrated Device Technology ADC0808S125 Datasheet HTML 9Page - Integrated Device Technology ADC0808S125 Datasheet HTML 10Page - Integrated Device Technology ADC0808S125 Datasheet HTML 11Page - Integrated Device Technology ADC0808S125 Datasheet HTML 12Page - Integrated Device Technology ADC0808S125 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
ADC0808S125_ADC0808S250_4
© IDT 2012. All rights reserved.
Product data sheet
Rev. 04 — 2 July 2012
9 of 22
Integrated Device Technology
ADC0808S125/250
Single 8-bit ADC, up to 125 MHz or 250 MHz
VFSIN (V)
0
1.4
1.3
1.2
1.1
001aai270
0.9
0.8
1.0
1.1
VO(cm)
(V)
0.7
Fig 7.
ADC common-mode output voltage VO(cm) as a function of VFSIN
VFSIN (V)
1.0
1.4
1.3
1.2
1.1
001aai269
2.0
1.9
2.1
2.2
Vi(p-p)(max)
(V)
1.8
Fig 8.
ADC maximum peak-to-peak input voltage Vi(p-p)(max) as a function of VFSIN
a. External reference voltage applied
b. Internal reference circuit enabled
Fig 9. ADC full-scale input selection


Número de pieza similar - ADC0808S125

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
ADC0808S125 NXP-ADC0808S125 Datasheet
122Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 02-7 October 2008
ADC0808S125 PHILIPS-ADC0808S125 Datasheet
121Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 03-24 February 2009
ADC0808S125 NXP-ADC0808S125 Datasheet
130Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 03-24 February 2009
logo
Renesas Technology Corp
ADC0808S125/250 RENESAS-ADC0808S125/250 Datasheet
514Kb / 22P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
2 July 2012
logo
NXP Semiconductors
ADC0808S125HW/C1 NXP-ADC0808S125HW/C1 Datasheet
122Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 02-7 October 2008
More results

Descripción similar - ADC0808S125

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
ADC0808S125 PHILIPS-ADC0808S125 Datasheet
121Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 03-24 February 2009
ADC0808S125 NXP-ADC0808S125_09 Datasheet
130Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 03-24 February 2009
ADC0808S125 NXP-ADC0808S125 Datasheet
122Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 02-7 October 2008
logo
Renesas Technology Corp
ADC0808S RENESAS-ADC0808S Datasheet
514Kb / 22P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
2 July 2012
logo
NXP Semiconductors
ADC0804S030 NXP-ADC0804S030 Datasheet
140Kb / 19P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 02-14 August 2008
logo
Renesas Technology Corp
ADC0804S030 RENESAS-ADC0804S030 Datasheet
487Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
July 2012
logo
Integrated Device Techn...
ADC0804S030 IDT-ADC0804S030 Datasheet
484Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
NXP Semiconductors
ADC1006S055 NXP-ADC1006S055 Datasheet
393Kb / 31P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Integrated Device Techn...
ADC1006S055 IDT-ADC1006S055 Datasheet
817Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
logo
Renesas Technology Corp
ADC1006S055 RENESAS-ADC1006S055 Datasheet
820Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com