Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADC1005S060TS Datasheet(PDF) 3 Page - Integrated Device Technology |
|
ADC1005S060TS Datasheet(HTML) 3 Page - Integrated Device Technology |
3 / 18 page ADC1005S060_3 © IDT 2012. All rights reserved. Product data sheet Rev. 03 — 2 July 2012 3 of 18 Integrated Device Technology ADC1005S060 Single 10 bits ADC, up to 60 MHz 6. Block diagram 12 DGND n.c. 6 8 Rlad 7 9 RB RM RT VI 11 VCCD 3 26 VCCA 21 22 23 24 20 D4 D5 D6 D7 D8 19 18 25 2 D3 D2 17 D1 16 D0 D9 IN-RANGE LATCH CMOS OUTPUTS LATCHES CLOCK DRIVER 014aaa519 1 CLK 10 15 OE GRAY TC ADC1005S060 13 VCCO 4 AGND 14 OGND analog voltage input data outputs LSB MSB IR output ANALOG - TO - DIGITAL CONVERTER CMOS OUTPUT 5, 27, 28 Fig 1. Block diagram |
Número de pieza similar - ADC1005S060TS |
|
Descripción similar - ADC1005S060TS |