Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC1207S080 Datasheet(PDF) 3 Page - Integrated Device Technology

No. de pieza ADC1207S080
Descripción Electrónicos  Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1207S080 Datasheet(HTML) 3 Page - Integrated Device Technology

  ADC1207S080 Datasheet HTML 1Page - Integrated Device Technology ADC1207S080 Datasheet HTML 2Page - Integrated Device Technology ADC1207S080 Datasheet HTML 3Page - Integrated Device Technology ADC1207S080 Datasheet HTML 4Page - Integrated Device Technology ADC1207S080 Datasheet HTML 5Page - Integrated Device Technology ADC1207S080 Datasheet HTML 6Page - Integrated Device Technology ADC1207S080 Datasheet HTML 7Page - Integrated Device Technology ADC1207S080 Datasheet HTML 8Page - Integrated Device Technology ADC1207S080 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADC1207S080_3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
3 of 20
Integrated Device Technology
ADC1207S080
Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
6. Pinning information
6.1 Pinning
ADC1207S080HW
n.c.
D0
AGND1
D1
IN
D2
CMADC
D3
INN
D4
AGND1
D5
DEC
D6
n.c.
D7
FSOUT
D8
FSIN
D9
n.c.
D10
n.c.
D11
DGND
014aaa431
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
Fig 2. Pin configuration
6.2 Pin description
Table 2.
Pin description
Symbol
Pin
Type [1]
Description
n.c.
1
-
not connected
AGND1
2
G
analog ground 1
IN
3
I
analog input voltage
CMADC
4
O
regulator common mode ADC output
INN
5
I
complementary analog input voltage
AGND1
6
G
analog ground 1
DEC
7
I/O
decoupling node
n.c.
8
-
not connected
FSOUT
9
O
full-scale reference voltage output
FSIN
10
I
full-scale reference voltage input
n.c.
11
-
not connected
n.c.
12
-
not connected
n.c.
13
-
not connected
DEL1
14
I
complete conversion signal delay input 1
DEL0
15
I
complete conversion signal delay input 0
VCCD2
16
P
digital supply voltage 2 (5.0 V)


Número de pieza similar - ADC1207S080

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
ADC1207S080 NXP-ADC1207S080 Datasheet
137Kb / 21P
   Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
Rev. 02-7 August 2008
logo
Renesas Technology Corp
ADC1207S080 RENESAS-ADC1207S080 Datasheet
536Kb / 20P
   Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
2 July 2012
logo
NXP Semiconductors
ADC1207S080HW NXP-ADC1207S080HW Datasheet
137Kb / 21P
   Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
Rev. 02-7 August 2008
More results

Descripción similar - ADC1207S080

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
ADC1207S080 NXP-ADC1207S080 Datasheet
137Kb / 21P
   Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
Rev. 02-7 August 2008
logo
Renesas Technology Corp
ADC1207S080 RENESAS-ADC1207S080 Datasheet
536Kb / 20P
   Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
2 July 2012
logo
NXP Semiconductors
TDA9910 PHILIPS-TDA9910 Datasheet
138Kb / 21P
   12-bit, up to 80 Msample/s, Analog-to-Digital Converter (ADC) direct/ultra high IF sampling
Rev. 02-9 December 2004
ADC1206S040 NXP-ADC1206S040 Datasheet
521Kb / 32P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Renesas Technology Corp
ADC1206S040 RENESAS-ADC1206S040 Datasheet
1Mb / 31P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
ADC1002S020 RENESAS-ADC1002S020 Datasheet
429Kb / 18P
   Single 10 bits ADC, up to 20 MHz
2 July 2012
logo
NXP Semiconductors
ADC0801S040 NXP-ADC0801S040 Datasheet
123Kb / 19P
   Single 8 bits ADC, up to 40 MHz
Rev. 02-18 August 2008
logo
Renesas Technology Corp
ADC1005S060 RENESAS-ADC1005S060 Datasheet
440Kb / 18P
   Single 10 bits ADC, up to 60 MHz
2 July 2012
logo
NXP Semiconductors
ADC1002S020 NXP-ADC1002S020 Datasheet
127Kb / 19P
   Single 10 bits ADC, up to 20 MHz
Rev. 02-13 August 2008
logo
Integrated Device Techn...
ADC1002S020 IDT-ADC1002S020 Datasheet
426Kb / 18P
   Single 10 bits ADC, up to 20 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com