Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC1210S125HN-C1 Datasheet(PDF) 3 Page - Integrated Device Technology

No. de pieza ADC1210S125HN-C1
Descripción Electrónicos  Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1210S125HN-C1 Datasheet(HTML) 3 Page - Integrated Device Technology

  ADC1210S125HN-C1 Datasheet HTML 1Page - Integrated Device Technology ADC1210S125HN-C1 Datasheet HTML 2Page - Integrated Device Technology ADC1210S125HN-C1 Datasheet HTML 3Page - Integrated Device Technology ADC1210S125HN-C1 Datasheet HTML 4Page - Integrated Device Technology ADC1210S125HN-C1 Datasheet HTML 5Page - Integrated Device Technology ADC1210S125HN-C1 Datasheet HTML 6Page - Integrated Device Technology ADC1210S125HN-C1 Datasheet HTML 7Page - Integrated Device Technology ADC1210S125HN-C1 Datasheet HTML 8Page - Integrated Device Technology ADC1210S125HN-C1 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
ADC1210S_SER 3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
3 of 37
Integrated Device Technology
ADC1210S series
Single 12-bit ADC; CMOS or LVDS DDR digital outputs
6. Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pin configuration with CMOS digital outputs
selected
Fig 3.
Pin configuration with LVDS DDR digital
outputs selected
ADC1210S
HVQFN40
D7
D6
D5
D4
D3
D2
D1
D0
n.c.
n.c.
VDDA
INP
INM
AGND
VDDA
VCM
AGND
REFT
REFB
10
21
9
22
8
23
7
24
6
25
5
26
4
27
3
28
2
29
1
30
AGND
terminal 1
index area
Transparent top view
005aaa132
ADC1210S
HVQFN40
D6_D7_M
D6_D7_P
D4_D5_M
D4_D5_P
D2_D3_M
D2_D3_P
D0_D1_M
D0_D1_P
n.c.
n.c.
VDDA
INP
INM
AGND
VDDA
VCM
AGND
REFT
REFB
10
21
9
22
8
23
7
24
6
25
5
26
4
27
3
28
2
29
1
30
AGND
terminal 1
index area
Transparent top view
005aaa133
Table 2.
Pin description (CMOS digital outputs)
Symbol
Pin
Type [1]
Description
REFB
1
O
bottom reference
REFT
2
O
top reference
AGND
3
G
analog ground
VCM
4
O
common-mode output voltage
VDDA
5
P
analog power supply
AGND
6
G
analog ground
INM
7
I
complementary analog input
INP
8
I
analog input
AGND
9
G
analog ground
VDDA
10
P
analog power supply
VDDA
11
P
analog power supply
CLKP
12
I
clock input
CLKM
13
I
complementary clock input
DEC
14
O
regulator decoupling node
OE
15
I
output enable, active LOW
PWD
16
I
power-down, active HIGH


Número de pieza similar - ADC1210S125HN-C1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
ADC1210S125HN/C1 NXP-ADC1210S125HN/C1 Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
More results

Descripción similar - ADC1210S125HN-C1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1212D PHILIPS-ADC1212D Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 2-4 March 2011
logo
Renesas Technology Corp
ADC1212D RENESAS-ADC1212D Datasheet
672Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1212D IDT-ADC1212D Datasheet
668Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
ADC1610S NXP-ADC1610S Datasheet
287Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 02-12 April 2010
logo
Integrated Device Techn...
ADC1610S IDT-ADC1610S Datasheet
353Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1010S NXP-ADC1010S Datasheet
284Kb / 36P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1610S RENESAS-ADC1610S Datasheet
357Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com