Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC1443D160HD Datasheet(PDF) 5 Page - Integrated Device Technology

No. de pieza ADC1443D160HD
Descripción Electrónicos  Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B serial outputs
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1443D160HD Datasheet(HTML) 5 Page - Integrated Device Technology

  ADC1443D160HD Datasheet HTML 1Page - Integrated Device Technology ADC1443D160HD Datasheet HTML 2Page - Integrated Device Technology ADC1443D160HD Datasheet HTML 3Page - Integrated Device Technology ADC1443D160HD Datasheet HTML 4Page - Integrated Device Technology ADC1443D160HD Datasheet HTML 5Page - Integrated Device Technology ADC1443D160HD Datasheet HTML 6Page - Integrated Device Technology ADC1443D160HD Datasheet HTML 7Page - Integrated Device Technology ADC1443D160HD Datasheet HTML 8Page - Integrated Device Technology ADC1443D160HD Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
ADC1443D_SER
© IDT 2012. All rights reserved.
Objective data sheet
Rev. 03 — 19 July 2012
5 of 49
Integrated Device Technology
ADC1443D series
Dual 14-bit ADC; 125, 160 or 200 Msps; JESD204A/B serial outputs
6.2 Pin description
Table 2.
Pin description
Symbol
Pin
Type[1] Description
INAM
1
I
channel A complementary analog input
INAP
2
I
channel A analog input
VCMA
3
O
channel A output common voltage
DNC
4
-
do not connect
DNC
5
-
do not connect
AGND
6
G
analog ground
CLKP
7
I
clock input
CLKN
8
I
complementary clock input
AGND
9
G
analog ground
DNC
10
-
do not connect
DNC
11
-
do not connect
VCMB
12
O
channel B output common voltage
INBP
13
I
channel B analog input
INBM
14
I
channel B complementary analog input
VDDA
15
P
analog power supply
VDDA
16
P
analog power supply
SCLK
17
I
SPI clock
SDIO
18
I/O
SPI data IO
SCS_N
19
I
SPI chip select
AGND
20
G
analog ground
DNC
21
-
do not connect
SCR_EN
22
I
scrambler enable
CFG0/OTRA
23
I/O
configuration pin 0/OuT of Range A (OTRA)
CFG1/OTRB
24
I/O
configuration pin 1/OuT of Range B (OTRB)
CFG2
25
I/O
configuration pin 2
CFG3
26
I/O
configuration pin 3
VDDO
27
P
digital output power supply
OGND
28
G
digital output ground
OGND
29
G
digital output ground
OGND
30
G
digital output ground
VDDO
31
P
digital output power supply
CMLBP
32
O
channel B output
CMLBN
33
O
channel B complementary output
VDDO
34
P
digital output power supply
OGND
35
G
digital output ground
OGND
36
G
digital output ground
VDDO
37
P
digital output power supply
CMLAN
38
O
channel A complementary output
CMLAP
39
O
channel A output


Número de pieza similar - ADC1443D160HD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
ADC1443D160HD IDT-ADC1443D160HD Datasheet
928Kb / 50P
   Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B-compliant CGVxpress serial outputs
More results

Descripción similar - ADC1443D160HD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
ADC1443D125HD-C1 IDT-ADC1443D125HD-C1 Datasheet
928Kb / 50P
   Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B-compliant CGVxpress serial outputs
logo
Renesas Technology Corp
ADC1443D RENESAS-ADC1443D Datasheet
4Mb / 53P
   Dual 14-bit ADC; 125, 160 or 185 Msps; JESD204A/B serial outputs
6 June 2014
logo
Intersil Corporation
ISLA224S INTERSIL-ISLA224S_12 Datasheet
1Mb / 39P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA224S INTERSIL-ISLA224S Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S25IR1Z INTERSIL-ISLA224S25IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
logo
Renesas Technology Corp
ADC1453D RENESAS-ADC1453D Datasheet
3Mb / 49P
   Dual 14-bit ADC; up to 246 Msps; JESD204B serial outputs
6 June 2014
logo
Intersil Corporation
ISLA222S25IR1Z INTERSIL-ISLA222S25IR1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
July 6, 2015
ISLA222S INTERSIL-ISLA222S Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA222S RENESAS-ISLA222S Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com